Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF2012-201YA Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRF2012-201YA
Description  Common Mode Chip Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF2012-201YA Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRF2012-201YA Datasheet HTML 1Page - Bourns Electronic Solutions SRF2012-201YA Datasheet HTML 2Page - Bourns Electronic Solutions SRF2012-201YA Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0.46 ± 0.1
( .018 ± .004)
0.55 ± 0.1
( .022 ± .004)
0.55 ± 0.1
( .022 ± .004)
0.46 ± 0.1
( .018 ± .004)
1.2 ± 0.2
(.047 ± .008)
0.15 ± 0.1
(.006 ± .004)
1.2 ± 0.2
(.047 ± .008)
2.0 ± 0.2
(.079 ± .008)
12
4
3
Features
High impedance value
Current rating up to 400 mA
RoHS compliant* and halogen free**
Applications
Noise suppression
Personal computers
Display panels
SRF2012A Series - Common Mode Chip Inductors
* RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
** Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be
“halogen free” if (a) the Bromine (Br ) content is 900 ppm or less; (b) the Chlorine ( Cl ) content is 900 ppm or less;
and (c) the total Bromine (Br) and Chlorine ( Cl ) content is 1500 ppm or less.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Reflow soldering.... 230 °C; 50 sec max.
Operating Temperature
............................... -40 °C to +125 °C
(Temperature rise included)
Storage Temperature
............................... -40 °C to +125 °C
Resistance to Soldering Heat
.......................... 260 °C, 10 sec. max.
Temperature Rise ......30 °C max. at IDC
Electrical Specifications
Part Number
Impedance
@ 100 MHz
Rated
Voltage
(VDC)
Withstanding
Voltage
(DC)
Insulation
Resistance
(M
Ω) Min.
DCR
Max.
(
Ω)
IDC
Max.
(mA)
(
Ω)
Tolerance
(%)
SRF2012-670YA
67
±25
50
125
10
0.25
400
SRF2012-900YA
90
±25
50
125
10
0.3
400
SRF2012-121YA
120
±25
50
125
10
0.3
400
SRF2012-161YA
160
±25
50
125
10
0.35
350
SRF2012-181YA
180
±25
50
125
10
0.35
350
SRF2012-201YA
200
±25
50
125
10
0.4
300
SRF2012-221YA
220
±25
50
125
10
0.4
300
SRF2012-261YA
260
±25
50
125
10
0.4
300
SRF2012-361YA
360
±25
50
125
10
0.45
300
General Specifications
Core..............................................Ferrite
Wire ........................... Enameled copper
Terminal ................................... Ag/Ni/Sn
Packaging.......2000 pcs. per 7-inch reel
Materials
Product Dimensions
Schematic
How to Order
SRF2012 - 201 Y A
Model
Value Code (see table)
Tolerance Code
Model Suffix
1
4
2
3
Soldering Profile
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
120 - 150 seconds
60 - 90
seconds
260°C peak
190°C
150°C
220°C
Ramp Down
6°C/second
maximum
<1> 255°C
<1> Maximum of 10 seconds between
+255°C and +260°C
Ramp Up
3°C/second maximum
10 seconds minimum
Rev. 02/22/05
1.25
(.049)
0.45
(.018)
1.1
(.043)
2.6
(.102)
12
4
3
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
DIMENSIONS:
MM
(INCHES)
Recommended Layout


Similar Part No. - SRF2012-201YA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF2012-201YA BOURNS-SRF2012-201YA Datasheet
413Kb / 3P
   SRF2012A Series - Common Mode Chip Inductors
SRF2012-201YA BOURNS-SRF2012-201YA Datasheet
374Kb / 4P
   Common Mode Chip Inductors
More results

Similar Description - SRF2012-201YA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF4532 BOURNS-SRF4532 Datasheet
281Kb / 3P
   Common Mode Chip Inductors
SRF2012AA BOURNS-SRF2012AA Datasheet
449Kb / 3P
   Common Mode Chip Inductors
SRF2012-300YA BOURNS-SRF2012-300YA Datasheet
374Kb / 4P
   Common Mode Chip Inductors
SRF3216A BOURNS-SRF3216A Datasheet
526Kb / 4P
   Common Mode Chip Inductors
SRF3216 BOURNS-SRF3216 Datasheet
378Kb / 3P
   Common Mode Chip Inductors
SRF2012A-670YA BOURNS-SRF2012A-670YA Datasheet
449Kb / 3P
   Common Mode Chip Inductors
SRF3216A-900Y BOURNS-SRF3216A-900Y Datasheet
526Kb / 4P
   Common Mode Chip Inductors
SRF4532-1R0Y BOURNS-SRF4532-1R0Y Datasheet
252Kb / 3P
   Common Mode Chip Inductors
logo
Central Technologies
CTDLW43SF CT-CTDLW43SF Datasheet
545Kb / 2P
   Common Mode Chip Inductors
logo
Bourns Electronic Solut...
SRF2012-361YA BOURNS-SRF2012-361YA Datasheet
413Kb / 3P
   SRF2012A Series - Common Mode Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com