Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3480IM3X-5.0 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3480IM3X-5.0
Description  LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3480IM3X-5.0 Datasheet(HTML) 5 Page - Texas Instruments

  LM3480IM3X-5.0 Datasheet HTML 1Page - Texas Instruments LM3480IM3X-5.0 Datasheet HTML 2Page - Texas Instruments LM3480IM3X-5.0 Datasheet HTML 3Page - Texas Instruments LM3480IM3X-5.0 Datasheet HTML 4Page - Texas Instruments LM3480IM3X-5.0 Datasheet HTML 5Page - Texas Instruments LM3480IM3X-5.0 Datasheet HTML 6Page - Texas Instruments LM3480IM3X-5.0 Datasheet HTML 7Page - Texas Instruments LM3480IM3X-5.0 Datasheet HTML 8Page - Texas Instruments LM3480IM3X-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LM3480
www.ti.com
SNVS011E – JUNE 1999 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless indicated otherwise, VIN = VNOM + 1.5V, CIN = 0.1 µF, COUT = 0.1 µF, and TA .=25°C.
Input Current vs Input Voltage
Input Current vs Input Voltage
Figure 8.
Figure 9.
Line Transient Response
Line Transient Response
Figure 10.
Figure 11.
Load Transient Response
Load Transient Response
Figure 12.
Figure 13.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3480


Similar Part No. - LM3480IM3X-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3480IM3X-5.0 NSC-LM3480IM3X-5.0 Datasheet
277Kb / 9P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3480IM3X-5.0 TI-LM3480IM3X-5.0 Datasheet
1,021Kb / 20P
[Old version datasheet]   LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480IM3X-5.0/NOPB TI-LM3480IM3X-5.0/NOPB Datasheet
1,021Kb / 20P
[Old version datasheet]   LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
More results

Similar Description - LM3480IM3X-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3480 TI-LM3480_15 Datasheet
1,021Kb / 20P
[Old version datasheet]   LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
TECH PUBLIC Electronics...
TLV76033DBZR TECHPUBLIC-TLV76033DBZR Datasheet
1Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480IM3X-3.3 TECHPUBLIC-LM3480IM3X-3.3 Datasheet
2Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LM3480 NSC-LM3480 Datasheet
277Kb / 9P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3490IM5-12 TI-LM3490IM5-12 Datasheet
1,007Kb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
logo
National Semiconductor ...
LM3490 NSC-LM3490 Datasheet
291Kb / 10P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490 NSC-LM3490_07 Datasheet
310Kb / 12P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Texas Instruments
LM3490IM5-5 TI1-LM3490IM5-5 Datasheet
1Mb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Analog Devices
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
   100 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com