Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM20134MHE Datasheet(PDF) 8 Page - Texas Instruments

Part # LM20134MHE
Description  LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20134MHE Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM20134MHE Datasheet HTML 4Page - Texas Instruments LM20134MHE Datasheet HTML 5Page - Texas Instruments LM20134MHE Datasheet HTML 6Page - Texas Instruments LM20134MHE Datasheet HTML 7Page - Texas Instruments LM20134MHE Datasheet HTML 8Page - Texas Instruments LM20134MHE Datasheet HTML 9Page - Texas Instruments LM20134MHE Datasheet HTML 10Page - Texas Instruments LM20134MHE Datasheet HTML 11Page - Texas Instruments LM20134MHE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
LM20134, LM20134Q
SNVS527G – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: CIN = COUT = 100 µF, L = 1.0 µH (Coilcraft MSS1038), VIN = 5V, VOUT = 1.2V, RLOAD = 1.2Ω, fSW =
1 MHz, TA = 25°C for efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
Peak Current Limit vs. VIN
Load Transient Response
Figure 19.
Figure 20.
Line Transient Response
Start-Up (Soft-Start)
Figure 21.
Figure 22.
Start-Up (Tracking)
Power Down
Figure 23.
Figure 24.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20134 LM20134Q


Similar Part No. - LM20134MHE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20134MHE NSC-LM20134MHE Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134MHE NSC-LM20134MHE Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20134MHE/NOPB TI1-LM20134MHE/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input Synchronization
More results

Similar Description - LM20134MHE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM20134MH TI1-LM20134MH Datasheet
1Mb / 31P
[Old version datasheet]   LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input Synchronization
LM20144 TI-LM20144_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20133 TI-LM20133_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A, PowerWise Synchronous Buck Regulator with Input Synchronization
LM20144QMHX TI1-LM20144QMHX Datasheet
1Mb / 30P
[Old version datasheet]   LM20144/LM20144Q 4A, PowerWise Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20134 NSC-LM20134 Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134 NSC-LM20134_08 Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
[Old version datasheet]   5A PowerWise Adjustable Frequency Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1034 AOSMD-AOZ1034 Datasheet
703Kb / 18P
   EZBuck??4A Synchronous Buck Regulator
AOZ1052PI AOSMD-AOZ1052PI Datasheet
696Kb / 14P
   EZBuck??4A Synchronous Buck Regulator
AOZ6604PI AOSMD-AOZ6604PI Datasheet
982Kb / 16P
   EZBuckTM 4A Synchronous Buck Regulator
Rev. 1.1 December 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com