Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3414SDX Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3414SDX
Description  1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3414SDX Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3414SDX Datasheet HTML 6Page - Texas Instruments LM3414SDX Datasheet HTML 7Page - Texas Instruments LM3414SDX Datasheet HTML 8Page - Texas Instruments LM3414SDX Datasheet HTML 9Page - Texas Instruments LM3414SDX Datasheet HTML 10Page - Texas Instruments LM3414SDX Datasheet HTML 11Page - Texas Instruments LM3414SDX Datasheet HTML 12Page - Texas Instruments LM3414SDX Datasheet HTML 13Page - Texas Instruments LM3414SDX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
VLED
VIN
400 nS x fSW
t
0
1
2
3
4
5
6
7
8
9
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
RIADJ(k )
LM3414, LM3414HV
SNVS678E – JUNE 2010 – REVISED MAY 2013
www.ti.com
Figure 15. LED Current vs RIADJ
Table 2. Examples for IOUT Settings
IOUT (mA)
RIADJ (kΩ)
350
8.93
500
6.25
700
4.46
1000
3.13
The LED current can be set to any level in the range from 350 mA to 1A. In order to provide accurate LED
current, RIADJ should be a resistor with no more than 0.5% tolerance. If the IADJ pin is accidentally shorted to
GND (RIADJ = 0), the output current will be limited to avoid damaging the circuit. When the over current protection
is activated, current regulation cannot be maintained until the over-current condition is cleared.
MINIMUM SWITCH ON-TIME
As the LM3414 features a 400 ns minimum ON time, it is essential to make sure the ON time of the internal
switch is not shorter than 400 ns when setting the LED driving current. If the switching ON time is shorter than
400 ns, the accuracy of the LED current may not maintain and exceed the rated current of the LEDs. The ratio of
the LED forward voltage to input voltage is restricted by the following restriction:
(3)
PEAK SWITCH CURRENT LIMIT
The LM3414/14HV features an integrated switch current limiting mechanism that protects the LEDs from being
overdriven. The switch current limiter will be triggered when the switch current is three times exceeding the
current level set by RIADJ. Once the current limiter is triggered, the internal power switch turns OFF for 3.6 µs to
allow the inductor to discharge and cycles repetitively until the over current condition is removed. The current
limiting feature is exceptionally important to avoid permanent damage of the LM3414/14HV application circuit due
to short circuit of LED string.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3414 LM3414HV


Similar Part No. - LM3414SDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3414SDX NSC-LM3414SDX Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414SDX TI1-LM3414SDX Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
LM3414SDX/NOPB TI1-LM3414SDX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
More results

Similar Description - LM3414SDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3414 NSC-LM3414 Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414 TI1-LM3414_15 Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Mean Well Enterprises C...
LPFH-60D MEANWELL-LPFH-60D Datasheet
131Kb / 8P
   60W Constant Current LED Driver
LPFH-60 MEANWELL-LPFH-60 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
logo
MY-SEMI INC.
MY8103 MY-SEMI-MY8103 Datasheet
502Kb / 17P
   65V 1A Common Anode Capable LED Driver With Internal Switch and Wide-Range Current Sense
Mar. 2015 Ver. 0.6
logo
Shenzhen Huazhimei Semi...
HM9804 HMSEMI-HM9804 Datasheet
803Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8004 XLSEMI-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
List of Unclassifed Man...
XL8004 ETC2-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
Texas Instruments
TPS92511 TI1-TPS92511 Datasheet
1Mb / 31P
[Old version datasheet]   500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com