Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2991QML Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2991QML
Description  LM2991QML Negative Low Dropout Adjustable Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2991QML Datasheet(HTML) 4 Page - Texas Instruments

  LM2991QML Datasheet HTML 1Page - Texas Instruments LM2991QML Datasheet HTML 2Page - Texas Instruments LM2991QML Datasheet HTML 3Page - Texas Instruments LM2991QML Datasheet HTML 4Page - Texas Instruments LM2991QML Datasheet HTML 5Page - Texas Instruments LM2991QML Datasheet HTML 6Page - Texas Instruments LM2991QML Datasheet HTML 7Page - Texas Instruments LM2991QML Datasheet HTML 8Page - Texas Instruments LM2991QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LM2991QML
SNVS392A – MARCH 2006 – REVISED OCTOBER 2011
www.ti.com
LM2991 ELECTRICAL CHARACTERISTICS DC PARAMETERS
The following conditions apply, unless otherwise specified.
DC:
VI = −10V, VO = −3V, IO = 1A, CO = 47µF, RL = 2.7KΩ
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
VRef
Reference Voltage
5mA
≤ IO ≤ 1A
-1.234
-1.186
V
1
5mA
≤ IO ≤ 1A,
-1.27
-1.15
V
2, 3
VO - 1V ≥ VI ≥ -26V
VO
Output Voltage Range
-3.0
V
1
VI = -26V
-24
V
1
-25
V
2, 3
VRLine
Line Regulation
IO = 5mA, VO - 1V ≥ VI ≥ -26V
-26
+26
mV
1, 2, 3
VRLoad
Load Regulation
50mA
≤ IO ≤ 1A
-12
+12
mV
1
-15
+15
mV
2, 3
VDO
Dropout Voltage
IO = 0.1A, ΔVO ≤ 100mV
0.2
V
1
0.3
V
2, 3
IO = 1A, ΔVO ≤ 100mV
0.8
V
1
1.0
V
2, 3
IQ
Quiescent Current
IO ≤ 1A
5.0
mA
1, 2, 3
Dropout Quiescent Current
VI = VO, IO ≤ 1A
50
mA
1, 2, 3
VON
Output Noise
10Hz - 100KHz, IO = 5mA
450
µV
1
500
µV
2, 3
ON/OFF Input Voltage
VO : ON
0.6
V
1, 2, 3
VO : OFF
2.4
V
1, 2, 3
ON/OFF Input Current
VON/OFF = 0.6V (VO : ON)
10
µA
1
25
µA
2, 3
VON/OFF = 2.4V (VO : OFF)
100
µA
1
150
µA
2, 3
IL
Output Leakage Current
VI = -26V, VON/OFF = 2.4V, VO = 0V
250
µA
1
300
µA
2, 3
ILimit
Current Limit
VO = 0V
1.5
2.5
A
1
1.0
4.0
A
2, 3
LM2991 ELECTRICAL CHARACTERISTICS AC PARAMETERS
The following conditions apply, unless otherwise specified.
AC:
VI = −10V, VO = −3V, IO = 1A, CO = 47µF, RL = 2.7KΩ
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
RR
Ripple Rejection
VRipple = 1VRMS, FRipple = 1KHz, IO = 5mA
50
dB
1
LM2991 ELECTRICAL CHARACTERISTICS DC DRIFT PARAMETERS
The following conditions apply, unless otherwise specified. DC:
VI = −10V, VO = −3V, IO = 1A, CO = 47µF, RL = 2.7kΩ
Deltas not required on B
−Level product. Deltas required for S−Level product ONLY.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
VRef
Reference Voltage
5mA
≤ IO ≤ 1A
±20
mV
1
4
Submit Documentation Feedback
Copyright © 2006–2011, Texas Instruments Incorporated
Product Folder Links: LM2991QML


Similar Part No. - LM2991QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
More results

Similar Description - LM2991QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
LM2991 NSC-LM2991 Datasheet
338Kb / 11P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991S TI-LM2991S Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
LM2991 TI-LM2991_15 Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
LM2991S TI-LM2991S Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
logo
Intersil Corporation
ISL72991RH INTERSIL-ISL72991RH Datasheet
210Kb / 3P
   Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator
logo
Renesas Technology Corp
ISL72991RH RENESAS-ISL72991RH Datasheet
562Kb / 15P
   Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Jun 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com