Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2852YMXA-1.8 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM2852YMXA-1.8
Description  LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2852YMXA-1.8 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2852YMXA-1.8 Datasheet HTML 7Page - Texas Instruments LM2852YMXA-1.8 Datasheet HTML 8Page - Texas Instruments LM2852YMXA-1.8 Datasheet HTML 9Page - Texas Instruments LM2852YMXA-1.8 Datasheet HTML 10Page - Texas Instruments LM2852YMXA-1.8 Datasheet HTML 11Page - Texas Instruments LM2852YMXA-1.8 Datasheet HTML 12Page - Texas Instruments LM2852YMXA-1.8 Datasheet HTML 13Page - Texas Instruments LM2852YMXA-1.8 Datasheet HTML 14Page - Texas Instruments LM2852YMXA-1.8 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
'IL =
500 kHz x 15 PH
1.2V
x
5V
(5V - 1.2V)
= 121.6 mA
'IL =
f x L
D x (VIN - VOUT)
LM2852
www.ti.com
SNVS325D – JANUARY 2005 – REVISED APRIL 2013
CHOOSING AN INDUCTANCE VALUE
The current ripple present in the output filter inductor is determined by the input voltage, output voltage, switching
frequency and inductance according to the following equation:
where
ΔIL is the peak-to-peak current ripple.
D is the duty cycle VOUT/VIN.
VIN is the input voltage applied to the PVIN pin.
VOUT is the output voltage of the switcher.
f is the switching frequency.
L is the inductance of the output filter inductor.
(3)
Knowing the current ripple is important for inductor selection since the peak current through the inductor is the
load current plus one half the ripple current. Care must be taken to ensure the peak inductor current does not
reach a level high enough to trip the current limit circuitry of the LM2852.
As an example, consider a 5V to 1.2V conversion and a 500kHz switching frequency. According to Table 1, a
15µH inductor may be used. Calculating the expected peak-to-peak ripple,
(4)
The maximum inductor current for a 2A load would therefore be 2A plus 60.8 mA, 2.0608A. As shown in the
ripple equation, the current ripple is inversely proportional to inductance.
OUTPUT FILTER INDUCTORS
Once the inductance value is chosen, the key parameter for selecting the output filter inductor is its saturation
current (Isat) specification. Typically Isat is given by the manufacturer as the current at which the inductance of the
coil falls to a certain percentage of the nominal inductance. The Isat of an inductor used in an application should
be greater than the maximum expected inductor current to avoid saturation. Below is a table of inductors that
may be suitable in LM2852 applications.
Table 2. LM2852 Output Filter Inductors
Inductance (µH)
Part Number
Vendor
1
DO1608C-102
Coilcraft
1
DO1813P-102HC
Coilcraft
6.8
DO3316P-682
Coilcraft
7
MSS1038-702NBC
Coilcraft
10
DO3316P-103
Coilcraft
10
MSS1038-103NBC
Coilcraft
12
MSS1038-123NBC
Coilcraft
15
D03316P-153
Coilcraft
15
MSS1038-153NBC
Coilcraft
18
MSS1038-183NBC
Coilcraft
22
DO3316P-223
Coilcraft
22
MSS1038-223NBC
Coilcraft
22
DO3340P-223
Coilcraft
27
MSS1038-273NBC
Coilcraft
33
MSS1038-333NBC
Coilcraft
33
DO3340P-333
Coilcraft
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2852


Similar Part No. - LM2852YMXA-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2852YMXA-1.8 NSC-LM2852YMXA-1.8 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
LM2852YMXA-1.8 NSC-LM2852YMXA-1.8 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852YMXA-1.8 TI1-LM2852YMXA-1.8 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
LM2852YMXA-1.8/NOPB TI1-LM2852YMXA-1.8/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
More results

Similar Description - LM2852YMXA-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2852 TI-LM2852_15 Datasheet
976Kb / 22P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM2854 TI1-LM2854_14 Datasheet
1Mb / 30P
[Old version datasheet]   4A 500 kHz / 1 MHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2854 NSC-LM2854 Datasheet
537Kb / 22P
   4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
   EZBuck??2A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com