Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2670S-3.3 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2670S-3.3
Description  LM2670 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2670S-3.3 Datasheet(HTML) 2 Page - Texas Instruments

  LM2670S-3.3 Datasheet HTML 1Page - Texas Instruments LM2670S-3.3 Datasheet HTML 2Page - Texas Instruments LM2670S-3.3 Datasheet HTML 3Page - Texas Instruments LM2670S-3.3 Datasheet HTML 4Page - Texas Instruments LM2670S-3.3 Datasheet HTML 5Page - Texas Instruments LM2670S-3.3 Datasheet HTML 6Page - Texas Instruments LM2670S-3.3 Datasheet HTML 7Page - Texas Instruments LM2670S-3.3 Datasheet HTML 8Page - Texas Instruments LM2670S-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
1
2
3
4
7
9
10
VSW
CB
*
VIN
5
6
SYNC
11
12
13
14
VSW
GND
ON/OFF
*
*
*
FB
8
VIN
VSW
DAP**
* No Connections
** Connect to Pin 9 on PCB
LM2670
SNVS036J – APRIL 2000 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. DDPAK Package (Top View)
Figure 2. TO-220 Package (Top View)
See Package Number KTW
See Package Number NDZ
Figure 3. VSON-14 Package (Top View)
See Package Number NHM
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Input Supply Voltage
45V
ON/OFF Pin Voltage
−0.1V to 6V
Switch Voltage to Ground(3)
−1V to VIN
Boost Pin Voltage
VSW + 8V
Feedback Pin Voltage
−0.3V to 14V
Power Dissipation
Internally Limited
ESD(4)
2 kV
Storage Temperature Range
−65°C to 150°C
Soldering Temperature
Wave
4 sec, 260°C
Infrared
10 sec, 240°C
Vapor Phase
75 sec, 219°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings indicate conditions under
which of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test condition, see the Electrical Characteristics tables
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The absolute maximum specification of Switch Voltage to Ground applies to DC voltage. An extended negative voltage limit of -8V
applies to a pulse of up to 20 ns, -6V of 60 ns and -3V of up to 100 ns.
(4)
ESD was applied using the human-body model, a 100pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2670


Similar Part No. - LM2670S-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2670S-3.3 NSC-LM2670S-3.3 Datasheet
459Kb / 26P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM2670S-3.3/NOPB TI1-LM2670S-3.3/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   LM2670 SIMPLE SWITCHER짰 High Efficiency 3-A Step-Down Voltage Regulator With Sync
More results

Similar Description - LM2670S-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2670 NSC-LM2670 Datasheet
459Kb / 26P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM2670 TI1-LM2670 Datasheet
2Mb / 38P
[Old version datasheet]   LM2670 SIMPLE SWITCHER짰 High Efficiency 3-A Step-Down Voltage Regulator With Sync
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2677 NSC-LM2677 Datasheet
847Kb / 26P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM2670EP TI1-LM2670EP Datasheet
494Kb / 28P
[Old version datasheet]   LM2670EP Enhanced Plastic SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
National Semiconductor ...
LM2670 NSC-LM2670_05 Datasheet
835Kb / 26P
   SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM2676S-5 TI1-LM2676S-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-5 TI-LM2676SX-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-5 TI-LM2676T-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com