Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5312DW1T1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MUN5312DW1T1
Description  Dual Bias Resistor Transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MUN5312DW1T1 Datasheet(HTML) 3 Page - Motorola, Inc

  MUN5312DW1T1 Datasheet HTML 1Page - Motorola, Inc MUN5312DW1T1 Datasheet HTML 2Page - Motorola, Inc MUN5312DW1T1 Datasheet HTML 3Page - Motorola, Inc MUN5312DW1T1 Datasheet HTML 4Page - Motorola, Inc MUN5312DW1T1 Datasheet HTML 5Page - Motorola, Inc MUN5312DW1T1 Datasheet HTML 6Page - Motorola, Inc MUN5312DW1T1 Datasheet HTML 7Page - Motorola, Inc MUN5312DW1T1 Datasheet HTML 8Page - Motorola, Inc MUN5312DW1T1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MUN5311DW1T1 SERIES
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, common for Q1 and Q2, – minus sign for Q2 (PNP) omitted)
(Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kΩ)
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kΩ)
MUN5330DW1T1
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kΩ)
MUN5315DW1T1
MUN5316DW1T1
MUN5333DW1T1
VOH
4.9
Vdc
Input Resistor
MUN5311DW1T1
MUN5312DW1T1
MUN5313DW1T1
MUN5314DW1T1
MUN5315DW1T1
MUN5316DW1T1
MUN5330DW1T1
MUN5331DW1T1
MUN5332DW1T1
MUN5333DW1T1
MUN5334DW1T1
MUN5335DW1T1
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
1.54
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
2.2
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
2.86
k
Resistor Ratio MUN5311DW1T1/MUN5312DW1T1/MUN5313DW1T1
MUN5314DW1T1
MUN5315DW1T1/MUN5316DW1T1
MUN5330DW1T1/MUN5331DW1T1/MUN5332DW1T1
MUN5333DW1T1
MUN5334DW1T1
MUN5335DW1T1
R1/R2
0.8
0.17
0.8
0.055
0.38
0.038
1.0
0.21
1.0
0.1
0.47
0.047
1.2
0.25
1.2
0.185
0.56
0.056
Figure 1. Derating Curve
250
200
150
100
50
0
– 50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
R
θJA = 833°C/W


Similar Part No. - MUN5312DW1T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MUN5312DW1T1 LRC-MUN5312DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5312DW1T1 ONSEMI-MUN5312DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
E-Tech Electronics LTD
MUN5312DW1T1 ETL-MUN5312DW1T1 Datasheet
661Kb / 13P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5312DW1T1 ONSEMI-MUN5312DW1T1 Datasheet
373Kb / 35P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 11
MUN5312DW1T1G ONSEMI-MUN5312DW1T1G Datasheet
373Kb / 35P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 11
More results

Similar Description - MUN5312DW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com