Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5214DW1T1 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MUN5214DW1T1
Description  Dual Bias Resistor Trasnsistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MUN5214DW1T1 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MUN5214DW1T1 Datasheet HTML 2Page - Motorola, Inc MUN5214DW1T1 Datasheet HTML 3Page - Motorola, Inc MUN5214DW1T1 Datasheet HTML 4Page - Motorola, Inc MUN5214DW1T1 Datasheet HTML 5Page - Motorola, Inc MUN5214DW1T1 Datasheet HTML 6Page - Motorola, Inc MUN5214DW1T1 Datasheet HTML 7Page - Motorola, Inc MUN5214DW1T1 Datasheet HTML 8Page - Motorola, Inc MUN5214DW1T1 Datasheet HTML 9Page - Motorola, Inc MUN5214DW1T1 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MUN5211DW1T1 SERIES
8
Motorola Small–Signal Transistors, FETs and Diodes Device Data
INFORMATION FOR USING THE SOT–363 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINTS FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must
be the correct size to insure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
SOT–363
0.5 mm (min)
1.9 mm
SOT–363 POWER DISSIPATION
The power dissipation of the SOT–363 is a function of the
pad size. This can vary from the minimum pad size for
soldering to the pad size given for maximum power
dissipation. Power dissipation for a surface mount device is
determined by TJ(max), the maximum rated junction tempera-
ture of the die, R
θJA, the thermal resistance from the device
junction to ambient; and the operating temperature, TA.
Using the values provided on the data sheet, PD can be
calculated as follows:
PD =
TJ(max) – TA
R
θJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one can
calculate the power dissipation of the device which in this
case is 150 milliwatts.
PD =
150
°C – 25°C
833
°C/W
= 150 milliwatts
The 833
°C/W for the SOT–363 package assumes the use
of the recommended footprint on a glass epoxy printed circuit
board to achieve a power dissipation of 150 milliwatts. There
are other alternatives to achieving higher power dissipation
from the SOT–363 package. Another alternative would be to
use a ceramic substrate or an aluminum core board such as
Thermal Clad
™. Using a board material such as Thermal
Clad, an aluminum core board, the power dissipation can be
doubled using the same footprint.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within a
short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
Always preheat the device.
The delta temperature between the preheat and
soldering should be 100
°C or less.*
When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering method,
the difference should be a maximum of 10
°C.
The soldering temperature and time should not exceed
260
°C for more than 10 seconds.
When shifting from preheating to soldering, the
maximum temperature gradient should be 5
°C or less.
After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and result
in latent failure due to mechanical stress.
Mechanical stress or shock should not be applied during
cooling.
* Soldering a device without preheating can cause excessive
thermal shock and stress which can result in damage to the
device.


Similar Part No. - MUN5214DW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5214DW1T1 ONSEMI-MUN5214DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
Leshan Radio Company
MUN5214DW1T1 LRC-MUN5214DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5214DW1T1 ONSEMI-MUN5214DW1T1 Datasheet
151Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
E-Tech Electronics LTD
MUN5214DW1T1 ETL-MUN5214DW1T1 Datasheet
501Kb / 8P
   Dual Bias ResistorTransistors
logo
ON Semiconductor
MUN5214DW1T1 ONSEMI-MUN5214DW1T1 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
More results

Similar Description - MUN5214DW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMBT3906DW1T1 LRC-LMBT3906DW1T1 Datasheet
188Kb / 6P
   Dual Bias Resistor Transistor
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com