Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT12126SL Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PT12126SL
Description  Radial High Q Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PT12126SL Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PT12126SL Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PT121 Series - Radial High Q Inductors
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV. 09/10
0.90 ± 0.1
(0.035 ± 0.004)
DIA.
RECOMMENDED
PCB LAYOUT
5.00 ± 0.1
(0.197 ± 0.004)
5.00
(.197)
10.15
(0.40)
12.70
(0.50)
MAX.
MAX.
0.70
(0.027)
DIA.
Heat Shrink
Tube Coated
5.00
(0.197)
TOLERANCE: ±
0.25
(0.010)
Features
Low cost, high quality
Excellent temperature stability
High currents
E12 series 100 µH to 33mH
Open construction
RoHS compliant*
DIMENSIONS:
MM
(INCHES)
Electrical Specifications (@ 25 °C)
Product Dimensions
Recommended PCB Layout
Electrical Schematic
Measure
Self
Part
Inductance(1)
Q
frequency
Resonant
DCR
Rated
Number
mH ±10 %
(ref.)
Q and
frequency
I DC
Inductance
MHz min. (2)
(max.)
mA (max.)
kHz
PT12110SL
0.10
80
796.0
5.30
2.0
200
PT12111SL
0.12
80
796.0
4.50
2.0
200
PT12112SL
0.15
80
796.0
3.80
2.0
200
PT12113SL
0.18
80
796.0
3.30
3.0
200
PT12114SL
0.22
80
796.0
2.90
3.0
200
PT12115SL
0.27
80
796.0
2.60
3.0
200
PT12116SL
0.33
80
796.0
2.30
4.0
200
PT12117SL
0.39
80
796.0
2.10
4.0
200
PT12118SL
0.47
80
796.0
1.90
4.0
200
PT12119SL
0.56
80
796.0
1.70
4.0
200
PT12120SL
0.60
80
796.0
1.60
4.0
200
PT12121SL
1.00
90
252.0
1.30
6.0
150
PT12123SL
1.20
90
252.0
1.20
9.0
150
PT12124SL
1.50
90
252.0
1.10
9.0
150
PT12125SL
1.80
90
252.0
1.00
9.0
100
PT12126SL
2.20
90
252.0
0.90
13.0
100
PT12127SL
2.70
90
252.0
0.80
13.0
100
PT12128SL
3.30
90
252.0
0.70
13.0
100
PT12129SL
3.90
90
252.0
0.70
13.0
50
PT12130SL
4.70
90
252.0
0.60
18.0
50
PT12131SL
5.60
90
252.0
0.60
18.0
50
PT12132SL
6.80
90
252.0
0.50
26.0
50
PT12133SL
8.20
90
252.0
0.50
26.0
50
PT12134SL
10.00
100
79.6
0.40
40.0
40
PT12135SL
12.00
100
79.6
0.40
40.0
40
PT12136SL
15.00
100
79.6
0.40
60.0
40
PT12137SL
18.00
100
79.6
0.30
60.0
30
PT12138SL
22.00
100
79.6
0.30
80.0
30
PT12139SL
27.00
100
79.6
0.30
80.0
30
PT12140SL
33.00
100
79.6
0.30
80.0
30
NOTES:
(1)
Version J: Inductance Value ±5 % is also
available. Please insert ‘J’ after ‘S’ in part
number if Inductance Value ±5 % is required
(i.e. PT12110SJL).
(2)
Measurements are made at 25 °C using
HP4277A LCZ Meter Self Resonant Frequency
is for reference only.
Full encapsulated units with Epoxy Resin are also
available. Please consult factory for details.
1
2
Schematic
General Specifications
Terminal..........................................Cu/Sn
Operating Temperature Range
...................................-20 °C to +80 °C
Storage Temperature Range
...................................-25 °C to +85 °C


Similar Part No. - PT12126SL

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT12126 DATATRONICS-PT12126 Datasheet
49Kb / 1P
   Bobbin Type Fixed Inductors
More results

Similar Description - PT12126SL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM0603-2N2-R BOURNS-PM0603-2N2-R Datasheet
300Kb / 1P
   High Q Chip Inductors
PM0805 BOURNS-PM0805 Datasheet
224Kb / 1P
   High Q Chip Inductors
CW252016 BOURNS-CW252016 Datasheet
137Kb / 1P
   High Q Chip Inductors
PM1008-10NM-RC BOURNS-PM1008-10NM-RC Datasheet
291Kb / 1P
   High Q Chip Inductors
CW160808 BOURNS-CW160808 Datasheet
136Kb / 1P
   High Q Chip Inductors
CW160808 BOURNS-CW160808_13 Datasheet
184Kb / 2P
   High Q Chip Inductors
CW201212 BOURNS-CW201212_11 Datasheet
86Kb / 1P
   High Q Chip Inductors
PM1008 BOURNS-PM1008 Datasheet
230Kb / 1P
   High Q Chip Inductors
CW252016 BOURNS-CW252016_11 Datasheet
79Kb / 1P
   High Q Chip Inductors
logo
List of Unclassifed Man...
CW201212 ETC1-CW201212 Datasheet
696Kb / 1P
   High Q Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com