Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDZ12B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDZ12B
Description  Voltage regulator diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDZ12B Datasheet(HTML) 4 Page - NXP Semiconductors

  PDZ12B Datasheet HTML 1Page - NXP Semiconductors PDZ12B Datasheet HTML 2Page - NXP Semiconductors PDZ12B Datasheet HTML 3Page - NXP Semiconductors PDZ12B Datasheet HTML 4Page - NXP Semiconductors PDZ12B Datasheet HTML 5Page - NXP Semiconductors PDZ12B Datasheet HTML 6Page - NXP Semiconductors PDZ12B Datasheet HTML 7Page - NXP Semiconductors PDZ12B Datasheet HTML 8Page - NXP Semiconductors PDZ12B Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2004 Mar 22
4
NXP Semiconductors
Product data sheet
Voltage regulator diodes
PDZ-B series
CHARACTERISTICS
Table 1
Total series
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 10 mA; see Fig.3
0.9
V
IF = 100 mA; see Fig.3
1.1
V
IR
reverse current
PDZ2.4B
VR = 1 V
50
μA
PDZ2.7B
VR = 1 V
20
μA
PDZ3.0B
VR = 1 V
10
μA
PDZ3.3B
VR = 1 V
5
μA
PDZ3.6B
VR = 1 V
5
μA
PDZ3.9B
VR = 1 V
3
μA
PDZ4.3B
VR = 1 V
3
μA
PDZ4.7B
VR = 1 V
2
μA
PDZ5.1B
VR = 1.5 V
2
μA
PDZ5.6B
VR = 2.5 V
1
μA
PDZ6.2B
VR = 3 V
500
nA
PDZ6.8B
VR = 3.5 V
500
nA
PDZ7.5B
VR = 4 V
500
nA
PDZ8.2B
VR = 5 V
500
nA
PDZ9.1B
VR = 6 V
500
nA
PDZ10B
VR = 7 V
100
nA
PDZ11B
VR = 8 V
100
nA
PDZ12B
VR = 9 V
100
nA
PDZ13B
VR = 10 V
100
nA
PDZ15B
VR = 11 V
50
nA
PDZ16B
VR = 12 V
50
nA
PDZ18B
VR = 13 V
50
nA
PDZ20B
VR = 15 V
50
nA
PDZ22B
VR = 17 V
50
nA
PDZ24B
VR = 19 V
50
nA
PDZ27B
VR = 21 V
50
nA
PDZ30B
VR = 23 V
50
nA
PDZ33B
VR = 25 V
50
nA
PDZ36B
VR = 27 V
50
nA


Similar Part No. - PDZ12B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDZ12B PHILIPS-PDZ12B Datasheet
63Kb / 8P
   Voltage regulator diodes
1998 Apr 23
logo
Pan Jit International I...
PDZ12B PANJIT-PDZ12B Datasheet
117Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
PDZ12B PANJIT-PDZ12B Datasheet
294Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
NXP Semiconductors
PDZ12B NXP-PDZ12B Datasheet
143Kb / 9P
   Total power dissipation: max. 400 mW
2004 Mar 22
logo
Nexperia B.V. All right...
PDZ12B NEXPERIA-PDZ12B Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 5 - 21 December 2022
More results

Similar Description - PDZ12B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com