Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM61300-4-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM61300-4-RC
Description  SMD CCFL Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM61300-4-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM61300-4-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
5
10
6
26.50
(1.043)
19.5
(0.768)
26.0
(1.02)
2.75
(0.108)
1.40
(0.055)
1.14
(0.045)
2.54
(0.10)
REF.
11.56
(0.455)
10.2
(0.402)
REF.
16.5
(0.650)
MAX.
7.1
(0.280)
MAX.
MAX.
Features
Formerly
model
Power rating: 6 watts
Operating frequency: 60 KHz ±25 %
Tape and reel packaging
RoHS compliant*
Applications
LCD flat panel displays
Notebook / palmtop computers
Portable instruments
Retail terminals
PM61300 Series - SMD CCFL Transformer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Electrical Specifications
General Specifications
Operating Temperature
..................................-40 °C to +105 °C
Storage Temperature ...-40 °C to +105 °C
Soldering .......... 245 °C, 5 seconds max.
Dielectric Strength ................. 1500 Vrms
between windings
Materials
Core.............................................. Ferrite
Wire ................. Polyester-coated copper
Terminal Coating................................. Sn
Packaging........250 pcs. per 17-inch reel
Bourns Part No.
PRIMARY
SECONDARY
Turns
Ratio
L ±10 %
@ 10
KHz
(
μH)
DCR
Max.
(
Ω)
Voltage
(V)
DCR
Max.
(
Ω)
Voltage
(V)
Irms
(mA)
PM61300-1-RC
44
0.61
25
132
1300
70
50
PM61300-2-RC
44
0.82
20
175
1300
70
67
PM61300-3-RC
27
1.10
15
175
1300
70
86
PM61300-4-RC
20
1.88
13
175
1300
70
100
PM61300-5-RC
20
2.34
10.5
290
1300
70
125
Packaging Specifications
Product Dimensions
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
15.57 ± 0.10
(.613 ± .004)
24.00 ± 0.10
(.945 ± .004)
2.00
(.079)
MIN.
1.50 + 0.10/-0.00
(.059 +.004/-.000)
DIA.
1.50 +0.10/-0.00
(.059 +.004/-.000)
12.00
(.472)
2.00 ± 0.15
(.079 ± .006)
4.00 ± 0.10
(.157 ± .004)
1.70 +0.15/-0.05
(.067 +.006/-.002)
1.75 ± 0.10
(.069 ± .004)
20.20 ± 0.15
(.795 ± .006)
40.40 ± 0.10
(1.590 ± .004)
44.00 ± 0.30
(1.732 ± .012)
2.00
(.079)
0.40 ± 0.05
(.016 ± .002)
12.00
(.472)
7.35 ± 0.10
(.289 ± .004)
8.05 ± 0.10
(.317 ± .004)
18.00
(.709)
20.00 ± 0.10
(.787 ± .004)
27.0 ± 0.15
(1.063 ± .006)
DIMENSIONS:
MM
(INCHES)
2.0
± 0.5
(.079
± .020)
50.4
(1.984)
46.0
(1.811)
50.0
(1.969)
432
(17.01)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0
± 0.8
(.827
± .031)
High Voltage
Secondary
1/2 Primary
1/2 Primary
Feedback
3
2
1
5
4
10
6
Schematic
REV. 06/08


Similar Part No. - PM61300-4-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM61300-4-RC BOURNS-PM61300-4-RC Datasheet
284Kb / 1P
   SMD CCFL Transformer
PM61300-4-RC BOURNS-PM61300-4-RC Datasheet
218Kb / 1P
   SMD CCFL Transformer
More results

Similar Description - PM61300-4-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM61300 BOURNS-PM61300 Datasheet
218Kb / 1P
   SMD CCFL Transformer
PM61300-1-RC BOURNS-PM61300-1-RC Datasheet
284Kb / 1P
   SMD CCFL Transformer
logo
MPS Industries, Inc.
P9119 MPSIND-P9119 Datasheet
368Kb / 1P
   2.5 WATT SMD CCFL TRANSFORMER
P9124 MPSIND-P9124 Datasheet
262Kb / 1P
   4 WATT SMD CCFL TRANSFORMER
logo
XFMRS Inc.
XF1900-UI97 XFMRS-XF1900-UI97 Datasheet
46Kb / 1P
   CCFL TRANSFORMER
logo
MPS Industries, Inc.
P9101 MPSIND-P9101 Datasheet
416Kb / 1P
   CCFL TRANSFORMER
logo
Coilcraft lnc.
FA2786 COILCRAFT-FA2786_13 Datasheet
89Kb / 1P
   CCFL Transformer
FA2786-BL COILCRAFT-FA2786-BL Datasheet
106Kb / 1P
   CCFL Transformer
logo
Frontier Electronics.
SIH1510-02 FRONTIER-SIH1510-02 Datasheet
43Kb / 1P
   CCFL Inverter Transformer
SDH2010-02 FRONTIER-SDH2010-02 Datasheet
46Kb / 1P
   CCFL Inverter Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com