Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMV65XP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMV65XP
Description  20 V, single P-channel Trench MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMV65XP Datasheet(HTML) 5 Page - NXP Semiconductors

  PMV65XP Datasheet HTML 1Page - NXP Semiconductors PMV65XP Datasheet HTML 2Page - NXP Semiconductors PMV65XP Datasheet HTML 3Page - NXP Semiconductors PMV65XP Datasheet HTML 4Page - NXP Semiconductors PMV65XP Datasheet HTML 5Page - NXP Semiconductors PMV65XP Datasheet HTML 6Page - NXP Semiconductors PMV65XP Datasheet HTML 7Page - NXP Semiconductors PMV65XP Datasheet HTML 8Page - NXP Semiconductors PMV65XP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NXP Semiconductors
PMV65XP
20 V, single P-channel Trench MOSFET
PMV65XP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
12 February 2013
5 / 14
017aaa839
tp (s)
10-3
102
103
10
1
10-2
10-1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle = 1
0.02
0.01
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0
FR4 PCB, standard footprint
Fig. 4. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
017aaa840
tp (s)
10-3
102
103
10
1
10-2
10-1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle = 1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB, mounting pad for drain 6 cm2
Fig. 5. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID = -250 µA; VGS = 0 V; Tj = 25 °C
-20
-
-
V
VGSth
gate-source threshold
voltage
ID = -250 µA; VDS = VGS; Tj = 25 °C
-0.47
-0.65
-0.9
V
VDS = -20 V; VGS = 0 V; Tj = 25 °C
-
-
-1
µA
IDSS
drain leakage current
VDS = -20 V; VGS = 0 V; Tj = 150 °C
-
-
-100
µA


Similar Part No. - PMV65XP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMV65XP PHILIPS-PMV65XP Datasheet
79Kb / 12P
   P-channel TrenchMOS extremely low level FET
12 February 2013
logo
ZP Semiconductor
PMV65XP ZPSEMI-PMV65XP Datasheet
464Kb / 4P
   20 V, single P-channel Trench MOSFET
logo
VBsemi Electronics Co.,...
PMV65XP VBSEMI-PMV65XP Datasheet
465Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Nexperia B.V. All right...
PMV65XP NEXPERIA-PMV65XP Datasheet
729Kb / 14P
   20 V, single P-channel Trench MOSFET
12 February 2013
PMV65XPE NEXPERIA-PMV65XPE Datasheet
708Kb / 15P
   20 V, P-channel Trench MOSFET
25 April 2014
More results

Similar Description - PMV65XP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMN27XPE NEXPERIA-PMN27XPE Datasheet
323Kb / 14P
   20 V, single P-channel Trench MOSFET
PMN42XPE NEXPERIA-PMN42XPE Datasheet
710Kb / 14P
   20 V, single P-channel Trench MOSFET
PMZB350UPE NEXPERIA-PMZB350UPE Datasheet
701Kb / 14P
   20 V, single P-channel Trench MOSFET
1 August 2012
PMZB670UPE NEXPERIA-PMZB670UPE Datasheet
1Mb / 15P
   20 V, single P-channel Trench MOSFET
Rev. 3 - 23 March 2012
logo
NXP Semiconductors
PMPB33XP NXP-PMPB33XP Datasheet
251Kb / 14P
   20 V, single P-channel Trench MOSFET
5 September 2012
PMN40UPE PHILIPS-PMN40UPE_15 Datasheet
206Kb / 14P
   20 V, single P-channel Trench MOSFET
13 August 2012
PMZB350UPE PHILIPS-PMZB350UPE_15 Datasheet
197Kb / 14P
   20 V, single P-channel Trench MOSFET
1 August 2012
PMN70XPEA PHILIPS-PMN70XPEA_15 Datasheet
284Kb / 16P
   20 V, single P-channel Trench MOSFET
19 June 2014
PMPB43XPE PHILIPS-PMPB43XPE_15 Datasheet
264Kb / 15P
   20 V, single P-channel Trench MOSFET
26 November 2014
PMN70XPE PHILIPS-PMN70XPE_15 Datasheet
209Kb / 14P
   20 V, single P-channel Trench MOSFET
6 July 2012
logo
Nexperia B.V. All right...
PMV50UPE NEXPERIA-PMV50UPE Datasheet
728Kb / 14P
   20 V, single P-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com