Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDZ3.0B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDZ3.0B
Description  Voltage regulator diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDZ3.0B Datasheet(HTML) 2 Page - NXP Semiconductors

  PDZ3.0B Datasheet HTML 1Page - NXP Semiconductors PDZ3.0B Datasheet HTML 2Page - NXP Semiconductors PDZ3.0B Datasheet HTML 3Page - NXP Semiconductors PDZ3.0B Datasheet HTML 4Page - NXP Semiconductors PDZ3.0B Datasheet HTML 5Page - NXP Semiconductors PDZ3.0B Datasheet HTML 6Page - NXP Semiconductors PDZ3.0B Datasheet HTML 7Page - NXP Semiconductors PDZ3.0B Datasheet HTML 8Page - NXP Semiconductors PDZ3.0B Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2004 Mar 22
2
NXP Semiconductors
Product data sheet
Voltage regulator diodes
PDZ-B series
FEATURES
• Total power dissipation: max. 400 mW
• Small plastic package suitable for surface mounted
design
• Wide variety of voltage ranges: nominal 2.4 to 36 V
(E24 range)
• Tolerance approximately ±2%.
APPLICATIONS
• General voltage regulation.
DESCRIPTION
Low-power general purpose voltage regulator diodes in a
small plastic SMD SOD323 (SC-76) package.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
Fig.1
Simplified outline (SOD323; SC-76) and
symbol.
handbook, halfpage
;
;
12
Top view
MAM387
The marking bar indicates the cathode.
MARKING
ORDERING INFORMATION
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
PDZ2.4B
Z0
PDZ5.1B
Z8
PDZ11B
ZG
PDZ24B
ZQ
PDZ2.7B
Z1
PDZ5.6B
Z9
PDZ12B
ZH
PDZ27B
ZR
PDZ3.0B
Z2
PDZ6.2B
ZA
PDZ13B
ZJ
PDZ30B
ZS
PDZ3.3B
Z3
PDZ6.8B
ZB
PDZ15B
ZK
PDZ33B
ZT
PDZ3.6B
Z4
PDZ7.5B
ZC
PDZ16B
ZL
PDZ36B
ZU
PDZ3.9B
Z5
PDZ8.2B
ZD
PDZ18B
ZM
PDZ4.3B
Z6
PDZ9.1B
ZE
PDZ20B
ZN
PDZ4.7B
Z7
PDZ10B
ZF
PDZ22B
ZP
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PDZ2.4B to
PDZ36B
plastic surface mounted package; 2 leads
SOD323


Similar Part No. - PDZ3.0B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDZ3.0B PHILIPS-PDZ3.0B Datasheet
63Kb / 8P
   Voltage regulator diodes
1998 Apr 23
PDZ3.0B NXP-PDZ3.0B Datasheet
143Kb / 9P
   Total power dissipation: max. 400 mW
2004 Mar 22
logo
Nexperia B.V. All right...
PDZ3.0B NEXPERIA-PDZ3.0B Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 5 - 21 December 2022
PDZ3.0B-Q NEXPERIA-PDZ3.0B-Q Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
PDZ3.0BGW NEXPERIA-PDZ3.0BGW Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
More results

Similar Description - PDZ3.0B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com