Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC114ET Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDTC114ET
Description  NPN resistor-equipped transistors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC114ET Datasheet(HTML) 4 Page - NXP Semiconductors

  PDTC114ET Datasheet HTML 1Page - NXP Semiconductors PDTC114ET Datasheet HTML 2Page - NXP Semiconductors PDTC114ET Datasheet HTML 3Page - NXP Semiconductors PDTC114ET Datasheet HTML 4Page - NXP Semiconductors PDTC114ET Datasheet HTML 5Page - NXP Semiconductors PDTC114ET Datasheet HTML 6Page - NXP Semiconductors PDTC114ET Datasheet HTML 7Page - NXP Semiconductors PDTC114ET Datasheet HTML 8Page - NXP Semiconductors PDTC114ET Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
PDTC114E_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 12 — 21 December 2011
4 of 17
NXP Semiconductors
PDTC114E series
NPN resistor-equipped transistors; R1 = 10 k
, R2 = 10 k
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
[3]
Device mounted on an FR4 PCB with 70
m copper strip line, standard footprint.
(1) SOT23; FR4 PCB, standard footprint
SOT883; FR4 PCB with 70
m copper strip line, standard footprint
(2) SOT323; FR4 PCB, standard footprint
(3) SOT416; FR4 PCB, standard footprint
Fig 1.
Power derating curves
Tamb (°C)
-75
175
125
25
75
-25
006aac778
100
200
300
Ptot
(mW)
0
(1)
(2)
(3)
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
PDTC114EE (SOT416)
[1][2] --830
K/W
PDTC114EM (SOT883)
[2][3] --500
K/W
PDTC114ET (SOT23)
[1] --500
K/W
PDTC114EU (SOT323)
[1] --625
K/W


Similar Part No. - PDTC114ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114ET PHILIPS-PDTC114ET Datasheet
50Kb / 8P
   NPN resistor-equipped transistor
Rev. 12-21 December 2011
PDTC114ET PHILIPS-PDTC114ET Datasheet
92Kb / 14P
   NPN resistor-equipped transistor; R1 = 10 kohm, R2 = 10 kohm
2004 Aug 05
PDTC114ET PHILIPS-PDTC114ET Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTC114ET NXP-PDTC114ET Datasheet
181Kb / 14P
   NPN resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓
2004 Aug 05
PDTC114ET NXP-PDTC114ET Datasheet
717Kb / 17P
   NPN resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
Rev. 12-21 December 2011
More results

Similar Description - PDTC114ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114Y PHILIPS-PDTC114Y Datasheet
92Kb / 14P
   NPN resistor-equipped transistors
2004 Aug 17
PDTC144ET-215 PHILIPS-PDTC144ET-215 Datasheet
760Kb / 17P
   NPN resistor-equipped transistors
Rev. 9-15 November 2011
logo
Nexperia B.V. All right...
PEMH24 NEXPERIA-PEMH24 Datasheet
179Kb / 10P
   NPN/NPN resistor-equipped transistors;
logo
NXP Semiconductors
PDTC143E PHILIPS-PDTC143E_15 Datasheet
755Kb / 17P
   NPN resistor-equipped transistors;
Rev. 10-8 December 2011
logo
Nexperia B.V. All right...
PQMH9 NEXPERIA-PQMH9 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors;
logo
NXP Semiconductors
PEMH16 NXP-PEMH16 Datasheet
284Kb / 9P
   NPN/NPN resistor-equipped transistors;
Rev. 04-15 November 2009
PEMH19_PUMH19 PHILIPS-PEMH19_PUMH19_15 Datasheet
260Kb / 8P
   NPN/NPN resistor-equipped transistors
Rev. 03-15 November 2009
PEMD19 PHILIPS-PEMD19 Datasheet
62Kb / 11P
   NPN/PNP resistor-equipped transistors
Rev. 01-17 February 2005
logo
Nexperia B.V. All right...
PEMD20 NEXPERIA-PEMD20 Datasheet
178Kb / 11P
   NPN/PNP resistor-equipped transistors;
PEMH30 NEXPERIA-PEMH30 Datasheet
195Kb / 11P
   NPN/NPN double resistor-equipped transistors;
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com