Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F07D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # N74F07D
Description  Inverter/buffer drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F07D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button N74F07D Datasheet HTML 3Page - NXP Semiconductors N74F07D Datasheet HTML 4Page - NXP Semiconductors N74F07D Datasheet HTML 5Page - NXP Semiconductors N74F07D Datasheet HTML 6Page - NXP Semiconductors N74F07D Datasheet HTML 7Page - NXP Semiconductors N74F07D Datasheet HTML 8Page - NXP Semiconductors N74F07D Datasheet HTML 9Page - NXP Semiconductors N74F07D Datasheet HTML 10Page - NXP Semiconductors N74F07D Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors
Product data
74F07
Hex inverter/buffer drivers (open-collector)
2004 Mar 12
7
AC WAVEFORMS
VM
VM
VM
VM
Yn
An
tPLH
tPHL
SF00026
Waveform 1.
Propagation delay for non-inverting outputs
NOTE:
For all waveforms, VM = 1.5V.
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Open Collector Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
RL
7.0V
SF00027


Similar Part No. - N74F07D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F07D PHILIPS-N74F07D Datasheet
76Kb / 10P
   Inverter/buffer drivers
1992 Jul 24
N74F07D PHILIPS-N74F07D Datasheet
79Kb / 11P
   Inverter/buffer drivers
2004 Mar 12
logo
Nexperia B.V. All right...
N74F07D NEXPERIA-N74F07D Datasheet
199Kb / 12P
   Hex inverter/buffer drivers (open-collector)
2004 Mar 12
More results

Similar Description - N74F07D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F06 PHILIPS-74F06 Datasheet
76Kb / 10P
   Inverter/buffer drivers
1992 Jul 24
74F07 PHILIPS-74F07 Datasheet
79Kb / 11P
   Inverter/buffer drivers
2004 Mar 12
logo
Nexperia B.V. All right...
74F07 NEXPERIA-74F07 Datasheet
199Kb / 12P
   Hex inverter/buffer drivers (open-collector)
2004 Mar 12
74F06 NEXPERIA-74F06 Datasheet
200Kb / 12P
   Hex inverter/buffer drivers (open-collector)
2004 Mar 12
logo
Toshiba Semiconductor
TC7SGU04FE TOSHIBA-TC7SGU04FE Datasheet
165Kb / 6P
   Inverter (Un-Buffer)
TC7SAU04F TOSHIBA-TC7SAU04F_07 Datasheet
202Kb / 8P
   Inverter (Un-Buffer)
logo
Hitachi Semiconductor
HD14049UB HITACHI-HD14049UB Datasheet
67Kb / 6P
   Hex Inverter/Buffer
logo
Renesas Technology Corp
HD74ALVC1G04 RENESAS-HD74ALVC1G04_15 Datasheet
104Kb / 12P
   Single Inverter Buffer
logo
ON Semiconductor
MC10195 ONSEMI-MC10195_02 Datasheet
87Kb / 4P
   Hex Inverter/Buffer
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC7SH34F TOSHIBA-TC7SH34F_09 Datasheet
173Kb / 7P
   Non-Inverter Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com