Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4094BT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # HEF4094BT
Description  8-stage shift-and-store register
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4094BT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button HEF4094BT Datasheet HTML 5Page - NXP Semiconductors HEF4094BT Datasheet HTML 6Page - NXP Semiconductors HEF4094BT Datasheet HTML 7Page - NXP Semiconductors HEF4094BT Datasheet HTML 8Page - NXP Semiconductors HEF4094BT Datasheet HTML 9Page - NXP Semiconductors HEF4094BT Datasheet HTML 10Page - NXP Semiconductors HEF4094BT Datasheet HTML 11Page - NXP Semiconductors HEF4094BT Datasheet HTML 12Page - NXP Semiconductors HEF4094BT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
HEF4094B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 11 — 29 August 2013
9 of 20
NXP Semiconductors
HEF4094B
8-stage shift-and-store register
11. Waveforms
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
Clock to outputs propagation delays, and clock pulse width and maximum frequency
1/fmax
tW
tPHL
tPLH
VI
GND
VOH
VOL
QPn, QS1 output
CP input
VM
VM
001aaf113
tPHL
tPLH
VOH
VOL
QS2 output
VM
Table 9.
Measurement points
Supply voltage
Input
Output
VDD
VM
VM
VX
VY
5 V to 15 V
0.5VDD
0.5VDD
0.1VDD
0.9VDD
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 8.
Strobe to output propagation delays, and strobe pulse width, set up and hold times
tW
tPHL
tPLH
VI
GND
VOH
VOL
QPn output
STR input
VM
VM
001aaj058


Similar Part No. - HEF4094BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4094BT PHILIPS-HEF4094BT Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
HEF4094BT NXP-HEF4094BT Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
HEF4094BT NXP-HEF4094BT Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
HEF4094BT NXP-HEF4094BT Datasheet
204Kb / 20P
   8-stage shift-and-store register Rev. 11 ??29 August 2013
Rev. 11-29 August 2013
logo
Nexperia B.V. All right...
HEF4094BT NEXPERIA-HEF4094BT Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
More results

Similar Description - HEF4094BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B_10 Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
logo
Nexperia B.V. All right...
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
HEF4094B-Q100 NEXPERIA-HEF4094B-Q100 Datasheet
251Kb / 16P
   8-stage shift-and-store register
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
   8-STAGE SHIFT-AND-STORE BUS REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com