Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4094BTD-T Datasheet(PDF) 11 Page - NXP Semiconductors

Part # HEF4094BTD-T
Description  8-stage shift-and-store register
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4094BTD-T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button HEF4094BTD-T Datasheet HTML 7Page - NXP Semiconductors HEF4094BTD-T Datasheet HTML 8Page - NXP Semiconductors HEF4094BTD-T Datasheet HTML 9Page - NXP Semiconductors HEF4094BTD-T Datasheet HTML 10Page - NXP Semiconductors HEF4094BTD-T Datasheet HTML 11Page - NXP Semiconductors HEF4094BTD-T Datasheet HTML 12Page - NXP Semiconductors HEF4094BTD-T Datasheet HTML 13Page - NXP Semiconductors HEF4094BTD-T Datasheet HTML 14Page - NXP Semiconductors HEF4094BTD-T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
HEF4094B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 11 — 29 August 2013
11 of 20
NXP Semiconductors
HEF4094B
8-stage shift-and-store register
a. Input waveform
b. Test circuit
Test data is given in Table 10.
Definitions for test circuit:
DUT = Device Under Test.
CL = load capacitance including jig and probe capacitance.
RL = load resistance.
RT = termination resistance should be equal to the output impedance Zo of the pulse generator.
Fig 11. Test circuit
VM
VM
tW
tW
10 %
90 %
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
90 %
10 %
tf
tr
tr
tf
001aaj781
001aaj915
VEXT
VDD
VI
VO
DUT
CL
RT
RL
G
Table 10.
Test data
Supply voltage
Input
VEXT
Load
VDD
VI
tr, tf
tPHL, tPLH
tPHZ, tPZH
tPLZ, tPZL
CL
RL
5 V to 15 V
VSS or VDD
 20 ns
open
VSS
VDD
50 pF
1 k


Similar Part No. - HEF4094BTD-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4094BT PHILIPS-HEF4094BT Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
HEF4094BT NXP-HEF4094BT Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
HEF4094BT NXP-HEF4094BT Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
HEF4094BT NXP-HEF4094BT Datasheet
204Kb / 20P
   8-stage shift-and-store register Rev. 11 ??29 August 2013
Rev. 11-29 August 2013
logo
Nexperia B.V. All right...
HEF4094BT NEXPERIA-HEF4094BT Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
More results

Similar Description - HEF4094BTD-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B_10 Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
logo
Nexperia B.V. All right...
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
HEF4094B-Q100 NEXPERIA-HEF4094B-Q100 Datasheet
251Kb / 16P
   8-stage shift-and-store register
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
   8-STAGE SHIFT-AND-STORE BUS REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com