Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM2110-1R2M-RC Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PM2110-1R2M-RC
Description  High Current SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM2110-1R2M-RC Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PM2110-1R2M-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM2110-1R2M-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PM2110 Series - High Current SMD Power Inductors
REV. 03/10
Inductance vs. Current
L (
μH)
Idc (A)
to decrease L
by 10 %
Idc (A)
to decrease L
by 20 %
Idc (A)
to decrease L
by 30 %
Idc (A)
to decrease L
by 40 %
Idc (A)
to decrease L
by 50 %
1
17.0
22.7
37.0
50.0
66.0
1.2
13.5
21.2
30.0
40.0
53.0
1.5
13.2
21.0
29.9
39.8
52.8
1.8
11.1
17.9
25.0
33.5
44.5
2.2
9.50
15.4
21.9
28.6
38.1
2.7
8.30
13.5
18.8
25.1
33.5
3.3
8.30
13.4
18.8
25.0
33.4
3.9
7.40
11.9
16.6
22.4
29.8
4.7
6.70
10.7
15.0
20.1
26.8
5.6
6.10
9.70
13.6
18.2
24.4
6.8
5.55
8.90
12.5
16.7
22.3
8.2
5.15
8.25
11.5
15.5
20.6
10
4.45
7.05
9.95
13.4
17.8
12
4.15
6.70
9.35
12.6
16.7
15
3.70
5.95
8.30
11.2
14.9
18
3.35
5.35
7.50
10.1
13.4
22
2.80
4.84
6.80
9.15
12.1
27
2.65
4.17
5.97
8.02
10.7
33
2.40
3.80
5.35
7.25
9.55
39
2.20
3.53
5.00
6.70
8.90
47
2.05
3.25
4.54
6.05
8.10
56
1.85
2.98
4.15
5.55
7.50
68
1.67
2.67
3.75
5.02
6.70
82
1.51
2.43
3.40
4.45
6.08
100
1.39
2.23
3.11
4.18
5.58
120
1.26
2.02
2.82
3.78
5.05
150
1.13
1.81
2.54
3.40
4.54
180
1.03
1.64
2.30
3.08
4.12
220
0.93
1.45
2.08
2.79
3.70
270
0.83
1.34
1.86
2.51
3.35
330
0.76
1.21
1.70
2.28
3.04
390
0.69
1.11
1.56
2.07
2.79
470
0.64
1.02
1.42
1.91
2.55
560
0.58
0.93
1.30
1.74
2.33
680
0.53
0.84
1.17
1.58
2.11
820
0.48
0.77
1.07
1.44
1.93
1000
0.43
0.69
0.97
1.30
1.74


Similar Part No. - PM2110-1R2M-RC

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PM2110 SCHNEIDER-PM2110 Datasheet
9Mb / 92P
   LED display screen: Intuitive self-guided navigation using three buttons LED display, with three lines of concurrent values.
03/2020
More results

Similar Description - PM2110-1R2M-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM2120-1R0M-RC BOURNS-PM2120-1R0M-RC Datasheet
187Kb / 2P
   High Current SMD Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-5040-H RENCO-RL-5040-H Datasheet
1Mb / 2P
   SMD HIGH CURRENT POWER INDUCTORS
RL-7550-3 RENCO-RL-7550-3 Datasheet
1Mb / 2P
   HIGH CURRENT SMD POWER INDUCTORS
logo
Central Technologies
CTTSMD2120F CT-CTTSMD2120F Datasheet
210Kb / 2P
   High Current SMD Power Inductors
REV 05.31.17
CTTSMD2110F CT-CTTSMD2110F Datasheet
222Kb / 2P
   High Current SMD Power Inductors
REV 05.25.17
logo
Abracon Corporation
ASPI-0403H ABRACON-ASPI-0403H Datasheet
3Mb / 3P
   High Current Unshielded, SMD Power Inductors
11.09.15
logo
Frontier Electronics.
MCS0630 FRONTIER-MCS0630 Datasheet
242Kb / 2P
   SMD MOLDED HIGH CURRENT POWER INDUCTORS
logo
RENCO ELECTRONICS, INC.
RL-7500-0 RENCO-RL-7500-0 Datasheet
1Mb / 3P
   SHIELDED HIGH CURRENT SMD POWER INDUCTORS
logo
Abracon Corporation
ASPI-0503H ABRACON-ASPI-0503H Datasheet
3Mb / 3P
   High Current Unshielded, SMD Power Inductors
11.09.15
logo
Frontier Electronics.
MCS1040 FRONTIER-MCS1040 Datasheet
217Kb / 2P
   SMD MOLDED HIGH CURRENT POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com