Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXIS-2506DC24 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PXIS-2506DC24
Description  6-Slot 3U PXI/CompactPCI Chassis with 250 W CompactPCI Power Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PXIS-2506DC24 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PXIS-2506DC24 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Updated 03-28, 2012. ©2012 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.
Updated 03-28, 2012. ©2012 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.
3-18
www.adlinktech.com
PXI Chassis
6-Slot 3U PXI/CompactPCI Chassis with 250 W CompactPCI Power Module
PXIS-2506
Introduction
Engineered for convenient mobility, the PXIS-2506 is a 3U compact PXI chassis with one system slot and five pe-
ripheral slots. The chassis is compliant with PXI and CompactPCI specifications, accepts both PXI and CompactPCI
modules, and equips all peripheral slots with PXI functionalities, including a 10 MHz reference clock, start trigger, local
bus, and trigger bus.
The PXIS-2506 chassis features a 250 W AC CompactPCI power module to provide reliable, round-the-clock
power to the system. An optional 250 W DC power module is also available for in-vehicle applications. The power
supply is modularly designed and is accessible from the front panel to promote easy field replacement and reduced
MTTR (Mean-Time-To-Repair).The PXIS-2506 is the ideal chassis of choice for all bench-top and in-vehicle PXI
applications.
Features
Supportsboth3UPXIandCompactPCImodules
PXI Specifications Rev. 2.2 compliant
ProvidesonesystemslotandfivePXI/CompactPCI
peripheral slots
Modular 250 W AC or DC CompactPCI power supply
module
Filtered,forcedair-coolingarchitecture
Wall-mount kit included
Specifications
Power Supply
Form factor: PICMG 2.11 compliant CompactPCI
power module
AC input: 100 to 240 VAC, 50 Hz to 60 Hz
DC output: 250 W
Cooling
Fans: Two 80 mm x 80 mm x 25 mm
ball-bearing fans, 47.2 CFM/each
Physical
Number of PXI Slots: 6 (1 system slot + 5 peripheral slots)
Dimensions:
•221mmx178mmx237mm
(W x H x D, without wall-mount kit and foot stand)
Weight:
•4.5kg(9.9lbs)
Operating Environment
Ambient temperature:
•0°Cto50°C
Relative humidity: 10% to 90%, non-condensing
Storage Environment
Ambient temperature:
•-20°Cto70°C
Relative humidity: 5% to 95%, non-condensing
ShockandVibration
Shock: 15 Gpeak-to-peak, 11 ms duration
Random Vibration
•Operating:5Hzto500Hz,0.5GRMS, each axis
•Non-operating:5Hzto500Hz,1.88GRMS, each axis
Emissions Compliance
EN 55022
FCC Class A
CE Compliance
Safety: EN 60950-1
Immunity: EN 55024
Minimum
2.0 A
0.0 A
0.0 A
0.0 A
VDC
+5 V
+12 V
+3.3 V
-12 V
Maximum
33.0 A
5.5 A
33.0 A
1.0 A
Ordering Information
■PXIS-2506
6-Slot 3U PXI/CompactPCI Chassis with
250 W CompactPCI Power Module
■PXIS-2506/DC24
6-Slot 3U PXI/CompactPCI Chassis with
250 W 24 VDC CompactPCI Power Module
PXIS-2506
PXI-3900 series
Recommended System Controller
Typical
25.0 A
5.0 A
18.0 A
0.5 A
Wall Mount on the
Bottom
Wall Mount on the
System Side
Wall Mount on the Top


Similar Part No. - PXIS-2506DC24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PXIS-2508 ETC2-PXIS-2508 Datasheet
659Kb / 1P
   8-Slot 3U PXI Chassis with AC
More results

Similar Description - PXIS-2506DC24

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
CPCIS-2501 ADLINK-CPCIS-2501 Datasheet
339Kb / 2P
   3U CompactPCI 6-slot Cubic Chassis
logo
List of Unclassifed Man...
PXIS-3320 ETC2-PXIS-3320 Datasheet
666Kb / 1P
   15-Slot 6U PXI/CompactPCI Chassis with AC
logo
Adlink Technology Inc.
CPCI-3511 ADLINK-CPCI-3511 Datasheet
842Kb / 2P
   3U CompactPCI
CPCI-3510 ADLINK-CPCI-3510 Datasheet
712Kb / 4P
   3U CompactPCI
logo
Advantech Co., Ltd.
MIC-3002A ADVANTECH-MIC-3002A Datasheet
58Kb / 1P
   4U CompactPCI Enclosure with 6-slot 3U Backplane
logo
Adlink Technology Inc.
CPCIS-2630 ADLINK-CPCIS-2630 Datasheet
252Kb / 2P
   3U CompactPCI Subsystem
CPCIS-ET2632 ADLINK-CPCIS-ET2632 Datasheet
278Kb / 2P
   3U CompactPCI Subsystem with 8-slot Backplane
logo
List of Unclassifed Man...
CPCIS-6400X ETC2-CPCIS-6400X Datasheet
346Kb / 2P
   4U 5-slot CompactPCI Chassis with 400 W Power Supply
CPCIS-2642 ETC2-CPCIS-2642 Datasheet
346Kb / 1P
   3U CompactPCI Subsystem with 13-slot Backplane, 2 1 CompactPCI Redundant Power Modules
logo
Adlink Technology Inc.
CPCIS-6400X ADLINK-CPCIS-6400X Datasheet
260Kb / 2P
   4U 5-slot CompactPCI Chassis with 400 W Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com