Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


APEXX12 Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part No. APEXX12
Description  very low cost voice and melody synthesizer with 4-bits CPU
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  APLUS [Aplus Intergrated Circuits]
Homepage  http://www.aplusinc.com.tw
Logo 

   
 6 page
background image
APExx12 Series
Rev 1.3
2003/8/18
5
6.0 Bonding Diagram
Pad #
Pad Name
X
Y
Pad #
Pad Name
X
Y
1
PWM1
57
865
11
PRB1
725
87
2
Vdd2
58
670
12
PRB2
835
87
3
PWM2/ Cout
58
386
13
PRB3
945
87
4
GND3
58
235
14
Vdd1
1055
87
5
GND2
65
87
15
GND1
1059
241
6
PRA0
175
87
16
OSC
1059
351
7
PRA1
285
87
17
PRD0
1059
461
8
PRA2
395
87
18
PRD1
1059
571
9
PRA3
505
87
19
PRD2
1059
681
10
PRB0
615
87
20
PRD3
1059
791
Chip Size :
APE0612 : 1230 um x 1530 um,
APE1012 : 1230 um x 1530 um
APE1512 : 1230 um x 1758 um,
APE2012 : 1230 um x 1758 um
APE3112 : 1230 um x 2210 um,
APE4112 : 1230 um x 2210 um
APE5212 : 1230 um x 3116 um,
APE6312 : 1230 um x 3116 um
APE7312 : 1230 um x 3116 um,
APE8412 : 1230 um x 3116 um
ROM
PRD1
2
5
6
7
8
9
10
13
11
12
14
15
16
17
18
PRD0
OSC
Vdd1
GND1
PRB2
PRB1
PRB0
PRB3
PRA3
PRA2
PRA1
PRA0
GND2
PWM2/Cout
GND3
1
Pad Size : 80 um x 80 um
* The IC substrate must be connected to GND.
3
4
PWM1
Vdd2
19
20
PRD2
PRD3
(0,0)
X
Y




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APEXX04very low cost voice and melody synthesizer with 4-bits CPU 1 2 3 4 5 MoreAplus Intergrated Circuits
APEXX16very low cost voice and melody synthesizer with 4-bits CPU 1 2 3 4 5 MoreAplus Intergrated Circuits
APEXX24very low cost voice and melody synthesizer with 4-bits CPU 1 2 3 4 5 MoreAplus Intergrated Circuits
API4000-6very low cost voice synthesizer with 4-bit microprocessor 1 2 3 4 5 MoreAplus Intergrated Circuits
ASM2012CVERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR 1 2 3 4 5 MoreAplus Intergrated Circuits
ASM7306CVERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR 1 2 3 4 5 MoreAplus Intergrated Circuits
LNK500Energy Efficient CV or CV/CC Switcher for Very Low Cost Adapters and Chargers 1 2 3 4 5 MorePower Integrations, Inc.
LT1259Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown 1 2 3 4 5 MoreLinear Technology
ASM2012CBVERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR 1 2 3 4 5 MoreAplus Intergrated Circuits

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl