Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS84AKW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BSS84AKW
Description  50 V, 150 mA P-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSS84AKW Datasheet(HTML) 1 Page - NXP Semiconductors

  BSS84AKW Datasheet HTML 1Page - NXP Semiconductors BSS84AKW Datasheet HTML 2Page - NXP Semiconductors BSS84AKW Datasheet HTML 3Page - NXP Semiconductors BSS84AKW Datasheet HTML 4Page - NXP Semiconductors BSS84AKW Datasheet HTML 5Page - NXP Semiconductors BSS84AKW Datasheet HTML 6Page - NXP Semiconductors BSS84AKW Datasheet HTML 7Page - NXP Semiconductors BSS84AKW Datasheet HTML 8Page - NXP Semiconductors BSS84AKW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
Product profile
1.1 General description
P-channel enhancement mode Field-Effect Transistor (FET) in a small SOT323 (SC-70)
Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.
1.2 Features and benefits
Logic-level compatible
Very fast switching
Trench MOSFET technology
ESD protection up to 1 kV
AEC-Q101 qualified
1.3 Applications
Relay driver
High-speed line driver
High-side loadswitch
Switching circuits
1.4 Quick reference data
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 1 cm2.
BSS84AKW
50 V, 150 mA P-channel Trench MOSFET
Rev. 1 — 23 May 2011
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj = 25 °C
---50
V
VGS
gate-source voltage
-20
-
20
V
ID
drain current
VGS =-10 V; Tamb =25°C
[1]
---150
mA
Static characteristics
RDSon
drain-source on-state
resistance
VGS =-10 V; ID = -100 mA;
Tj =25 °C
-4.5
7.5


Similar Part No. - BSS84AKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS84AKW NXP-BSS84AKW Datasheet
874Kb / 16P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
logo
Nexperia B.V. All right...
BSS84AKW NEXPERIA-BSS84AKW Datasheet
1Mb / 16P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1 - 23 May 2011
logo
NXP Semiconductors
BSS84AKW PHILIPS-BSS84AKW_15 Datasheet
874Kb / 16P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
More results

Similar Description - BSS84AKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS84AKW NXP-BSS84AKW Datasheet
874Kb / 16P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
logo
Nexperia B.V. All right...
BSS84AKT NEXPERIA-BSS84AKT Datasheet
983Kb / 17P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1 - 23 May 2011
BSS84AKW NEXPERIA-BSS84AKW Datasheet
1Mb / 16P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1 - 23 May 2011
logo
NXP Semiconductors
BSS84AKT PHILIPS-BSS84AKT Datasheet
870Kb / 16P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
BSS84AKW PHILIPS-BSS84AKW_15 Datasheet
874Kb / 16P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
logo
Nexperia B.V. All right...
BSS84AKM NEXPERIA-BSS84AKM Datasheet
1Mb / 16P
   50 V, 230 mA P-channel Trench MOSFET
logo
NXP Semiconductors
BSS84AK215 NXP-BSS84AK215 Datasheet
872Kb / 16P
   50 V, 180 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
BSS84AKM PHILIPS-BSS84AKM_15 Datasheet
859Kb / 16P
   50 V, 230 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
BSS84AK PHILIPS-BSS84AK_15 Datasheet
872Kb / 16P
   50 V, 180 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
logo
Nexperia B.V. All right...
BSS84AK NEXPERIA-BSS84AK Datasheet
1Mb / 16P
   50 V, 180 mA P-channel Trench MOSFET
Rev. 1 - 23 May 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com