Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCI-7443 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCI-7443
Description  High-density 128-CH Isolated DIO/DI/DO Cards
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCI-7443 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCI-7443 Datasheet HTML 1Page - List of Unclassifed Manufacturers PCI-7443 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2-49 www.adlinktech.com
High-density 128-CH Isolated DIO/DI/DO Cards
PCI-7442/7443/7444
Introduction
Responding to the industry’s need for high-density digital input/output modules, the ADLINK PCI-744X DIO
card series delivers up to 128 opto-isolated channels for a wide range of demanding PCI-based applications.
The PCI-744X card series comes with 64 (PCI-7442) or 128 (PCI-7443) opto-isolated digital inputs and 64 (PCI-7442)
or 128 (PCI-7444) opto-isolated digital outputs. With a 1250 VRMS (excluding cables) channel-to-system isolation protection,
these cards are shielded from damage caused by accidental contact with external voltage while promoting simple ground
connections. All input channels are identical non-polarity with each line isolated and suited to collect digital inputs even
at high-noise environments. Featuring a Change-of-State (COS) interrupt function, the PCI-7442/PCI-7443 instantly
generates an interrupt request to the PCI controller when it detects a sharp change in the logical state of any of its digital
inputs.
For easy identification in systems with multiple DIO cards installed, the cards are also equipped with a board ID design
that enables fast and convenient card detection and troubleshooting.
Features
Supports universal 32-bit 3.3 V and 5 V PCI bus, plug-and-play
High-density, opto-isolated digital input and/or digital output
•PCI-7442:64-CHdigitalinputand64-CHdigitaloutput
•PCI-7443:128-CHdigitalinput
•PCI-7444:128-CHdigitaloutput
1250 VRMS isolation voltage
Programmable Change-of-State (COS) detection for all
digital input channels
Voltage protection of up to 28 V for isolated input
Dry contact input (PCI-7442 only)
Up to 300 mA high-output driving capability for all output
channels
250 mA sink current on isolated output channels
Digital output status read back function
Digital output value retained after hot system reset
Programmable power-up DO initial status
Programmable safety DO status functions when
WDTinterruptionoccurs
Watchdogtimercounterpreventssystemcrashes
(PCI-7442/PCI-7444 only)
32-CH programmable TTL I/O function
Board ID feature
■ Operating Systems
• Windows 7/Vista/XP/2000/2003 Server
• Linux
■ Recommended Software
• AD-Logger
• VB.NET/VC.NET/VB/VC++/BCB/Delphi
• DAQBench
■ Driver Support
• DAQPilot for LabVIEW™
• DAQ-MTLB for MATLAB®
• PCIS-DASK for Windows
• PCIS-DASK/X for Linux
Terminal Boards & Cables
■ DIN-68S-01
Terminal Board with One 68-pin SCSI-II Connector
and DIN-Rail Mounting (Cables are not included.)
■ ACL-10568D
Dual-68-Pin Head to Two 68-Pin SCSI-VHDCI Cable
■ ACL-10568F
68-Pin SCSI-VHDCI Flat Cable
* For more information on mating cables, please refer to P2-61/62.
Ordering Information
■ PCI-7442
64-CH Isolated DI and 64-CH Isolated DO card
■ PCI-7443
128-CH Isolated DI card
■ PCI-7444
128-CH Isolated DO card
Specifications
Isolated Digital Input
Number of channels
• 64 (PCI-7442)
• 128 (PCI-7443)
Maximum input range: 28 V, non-polarity
Digital logic levels: 0 V to 28 V, non-polarity
• Input high voltage: 5 V to 28 V
• Input low voltage: 0 V to 1.5 V
Input resistance: 4.7 kΩ @ 0.5 W
ESD protection CKT switch (forward)
Isolation voltage: 1250 VRMS channel-to-system
Interrupt sources: 64/128-channel Change-of-State
(COS)
Data transfer: programmed I/O
Isolated Digital Output
Number of channels:
• 64 (PCI-7442)
• 128 (PCI-7444)
Output type: open drain Power MOSFET driver
Output range: 5 V to 40 V
Sink current: 250 mA for all channel @ 100% duty
(300 mA max.)
Isolation voltage: 1250 VRMS channel-to-system
Data transfer: programmed I/O
Isolation +5 V Power Supply (PCI-7442/7444 only)
Output Voltage: +5 V
Output Current: 100 mA max. (@ 40˚C)
Safety Functions (PCI-7442/7444 only)
Programmable power-up DO status
Watchdog timer
• Base clock available: 10 MHz, fixed
• Counter width: 32-bit
General Specifications
I/O connector: 68-pin Dual port VHDCI female
Operating temperature: 0˚C to 60˚C
Storage temperature: -20˚C to 80˚C
Relative humidity: 5% to 95%, non-condensing
Power requirements
Dimension: 175 mm x 107 mm
PCI-7442
PCI-7443
PCI-7444
Device
PCI-7442
PCI-7443
PCI-7444
+5 V
800 mA typical
550 mA typical
800 mA typical


Similar Part No. - PCI-7443

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCI-7432 ETC2-PCI-7432 Datasheet
353Kb / 2P
   64-CH Isolated Digital I/O Cards
logo
Adlink Technology Inc.
PCI-7432 ADLINK-PCI-7432 Datasheet
208Kb / 1P
   64-CH Isolated Digital I/O Cards
logo
List of Unclassifed Man...
PCI-7433 ETC2-PCI-7433 Datasheet
353Kb / 2P
   64-CH Isolated Digital I/O Cards
logo
Adlink Technology Inc.
PCI-7433 ADLINK-PCI-7433 Datasheet
208Kb / 1P
   64-CH Isolated Digital I/O Cards
logo
List of Unclassifed Man...
PCI-7434 ETC2-PCI-7434 Datasheet
353Kb / 2P
   64-CH Isolated Digital I/O Cards
More results

Similar Description - PCI-7443

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-7452 ETC2-CPCI-7452 Datasheet
249Kb / 2P
   128-CH Isolated DI & 128-CH Isolated DO Card
LPCI-7230 ETC2-LPCI-7230 Datasheet
424Kb / 2P
   32-CH Isolated DIO Cards
CPCI-7200 ETC2-CPCI-7200 Datasheet
329Kb / 1P
   12 MB/s High-Speed 32-CH DI & 32-CH DO Cards
PCIE-7200 ETC2-PCIE-7200 Datasheet
325Kb / 2P
   12 MB/s High-Speed 32-CH DI & 32-CH DO Cards
CPCI-7252 ETC2-CPCI-7252 Datasheet
407Kb / 2P
   8-CH Relay Outputs & 8-CH Isolated DI Cards
logo
Adlink Technology Inc.
PCI-7250 ADLINK-PCI-7250 Datasheet
278Kb / 1P
   8-CH Relay Outputs & 8-CH Isolated DI Cards
CPCI-7248 ADLINK-CPCI-7248 Datasheet
297Kb / 1P
   48-CH DIO & Timer/Counter Cards
logo
List of Unclassifed Man...
CPCI-7248 ETC2-CPCI-7248 Datasheet
297Kb / 1P
   48-CH DIO & Timer/Counter Cards
logo
Advantech Co., Ltd.
BAS-3050 ADVANTECH-BAS-3050 Datasheet
526Kb / 1P
   8-ch DI, 8-ch DO Expansion Module
MOS-1110Y-0101E ADVANTECH-MOS-1110Y-0101E_15 Datasheet
333Kb / 2P
   Isolated 16 DI / 8 DO, 1-Ch, DB37, PCIe I/F
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com