Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T488R227M004AAE2K0 Datasheet(PDF) 11 Page - Kemet Corporation

Part # T488R227M004AAE2K0
Description  Small Case Size Substrate Terminal MnO2
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T488R227M004AAE2K0 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button T488R227M004AAE2K0 Datasheet HTML 6Page - Kemet Corporation T488R227M004AAE2K0 Datasheet HTML 7Page - Kemet Corporation T488R227M004AAE2K0 Datasheet HTML 8Page - Kemet Corporation T488R227M004AAE2K0 Datasheet HTML 9Page - Kemet Corporation T488R227M004AAE2K0 Datasheet HTML 10Page - Kemet Corporation T488R227M004AAE2K0 Datasheet HTML 11Page - Kemet Corporation T488R227M004AAE2K0 Datasheet HTML 12Page - Kemet Corporation T488R227M004AAE2K0 Datasheet HTML 13Page - Kemet Corporation T488R227M004AAE2K0 Datasheet HTML 14Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2068_T488 • 12/2/2013 11
11
Small Case Size MnO2 Tantalum Surface Mount Capacitors
T488 Series Small Case Size Substrate Terminal MnO2
Figure 5 – Reel Dimensions
A
D (See Note)
Full Radius,
See Note
B (see Note)
Access Hole at
Slot Location
(Ø 40 mm minimum)
If present,
tape slot in core
for tape start:
2.5 mm minimum width x
10.0 mm minimum depth
W3 (Includes
flange distortion
at outer edge)
W2 (Measured at hub)
W1 (Measured at hub)
C
(Arbor hole
diameter)
Note: Drive spokes optional; if used, dimensions B and D shall apply.
N
Table 5 – Reel Dimensions
Metric will govern
Constant Dimensions — Millimeters (Inches)
Tape Size
A
B Minimum
C
D Minimum
8 mm
178±0.20
(7.008±0.008)
or
330±0.20
(13.000±0.008)
1.5
(0.059)
13.0 +0.5/-0.2
(0.521 +0.02/-0.008)
20.2
(0.795)
12 mm
16 mm
Variable Dimensions — Millimeters (Inches)
Tape Size
NMinimum
W
1
W
2 Maximum
W
3
8 mm
50
(1.969)
8.4 +1.5/-0.0
(0.331 +0.059/-0.0)
14.4
(0.567)
Shall accommodate tape width
without interference
12 mm
12.4 +2.0/-0.0
(0.488 +0.078/-0.0)
18.4
(0.724)
16 mm
16.4 +2.0/-0.0
(0.646 +0.078/-0.0)
22.4
(0.882)


Similar Part No. - T488R227M004AAE2K0

ManufacturerPart #DatasheetDescription
logo
ITT Industries
T4882 ITT-T4882 Datasheet
3Mb / 35P
   1.0/2.3 RF Connector Series
More results

Similar Description - T488R227M004AAE2K0

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX CDE-SLPX Datasheet
376Kb / 9P
   Small case size with high capacitance
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
logo
Mallory Sonalert Produc...
PA-22034-04-BLACK MSPI-PA-22034-04-BLACK Datasheet
338Kb / 1P
   Case Size T2
PA-22034-01-BLACK MSPI-PA-22034-01-BLACK Datasheet
338Kb / 1P
   Case Size T1
PA-22034-02-BLUE MSPI-PA-22034-02-BLUE Datasheet
337Kb / 1P
   Case Size T2
PA-22034-01-BLUE MSPI-PA-22034-01-BLUE Datasheet
336Kb / 1P
   Case Size T1
PA-22034-04-BLUE MSPI-PA-22034-04-BLUE Datasheet
337Kb / 1P
   Case Size T2
PA-22034-02-BLACK MSPI-PA-22034-02-BLACK Datasheet
338Kb / 1P
   Case Size T2
logo
RF Monolithics, Inc
SF2190B RFM-SF2190B Datasheet
626Kb / 5P
   Small Size
logo
Mallory Sonalert Produc...
PA-22034-03-BLUE MSPI-PA-22034-03-BLUE Datasheet
337Kb / 1P
   Case Size T3 & T4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com