Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLG01P300L28 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CLG01P300L28
Description  Super Capacitors To Improve Power Performance.
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLG01P300L28 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CLG01P300L28 Datasheet HTML 1Page - List of Unclassifed Manufacturers CLG01P300L28 Datasheet HTML 2Page - List of Unclassifed Manufacturers CLG01P300L28 Datasheet HTML 3Page - List of Unclassifed Manufacturers CLG01P300L28 Datasheet HTML 4Page - List of Unclassifed Manufacturers CLG01P300L28 Datasheet HTML 5Page - List of Unclassifed Manufacturers CLG01P300L28 Datasheet HTML 6Page - List of Unclassifed Manufacturers CLG01P300L28 Datasheet HTML 7Page - List of Unclassifed Manufacturers CLG01P300L28 Datasheet HTML 8Page - List of Unclassifed Manufacturers CLG01P300L28 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Revision: 21-3-10
Subject to change without notice
4
Product Schematics (by Case Size)
Product Schematics (by Case Size)
Product Schematics (by Case Size)
Product Schematics (by Case Size)
Product Schematics (by Case Size)
Product Schematics (by Case Size)
Product Schematics (by Case Size)
Product Schematics (by Case Size)
1_ Series Name
CLG :
CLG :
CLG :
CLG : Standard
CLP :
CLP :
CLP :
CLP : Low Profile
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
CLK
CLK
CLK
CLK :::: Extra Capacitance (P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
CLC :
CLC :
CLC :
CLC : Low Leakage
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
CLX
CLX
CLX
CLX :::: Low ESR
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
2_ Nominal Voltage:01 (1.4V); 02 (2.1V); 03 (3.5V); 04 (4.2V); 05 (5.5V); 06 (6.3V); 09 (9V); 12 (12V)
3_ Case Types: P - Prismatic
4_ Capacitance: 080 (80 mF)
5_ Leads: L-Trough Hole, F-Flat (P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
(P R E L I M I N A R Y )
6_ Case Size: 12 (12X12.5mm), 17(17x17.5 mm), 28(28x17.5mm), 48(48X30.5mm)
Ordering Information
Ordering Information
Ordering Information
Ordering Information
Ordering Information
Ordering Information
Ordering Information
Ordering Information
L12
L17
L28
L48
1
2
3
4
5
6
CLG
02
P
080
L
17
P R E L I M I N A R Y
P R E L I M I N A R Y
P R E L I M I N A R Y
P R E L I M I N A R Y
— New prototype , not qualified yet
New prototype , not qualified yet
New prototype , not qualified yet
New prototype , not qualified yet


Similar Part No. - CLG01P300L28

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
CLG-100 MEANWELL-CLG-100 Datasheet
218Kb / 2P
   100W Single Output Switching Power Supply
CLG-100 MEANWELL-CLG-100 Datasheet
99Kb / 1P
   30~60W Single Output with PFC
CLG-100 MEANWELL-CLG-100 Datasheet
247Kb / 3P
   100W Single Output Switching Power Supply
CLG-100 MEANWELL-CLG-100 Datasheet
247Kb / 3P
   100W Single Output Switching Power Supply
CLG-100 MEANWELL-CLG-100 Datasheet
250Kb / 3P
   100W Single Output Switching Power Supply
More results

Similar Description - CLG01P300L28

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
KLU1T516-34-LF BOTHHAND-KLU1T516-34-LF Datasheet
225Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU1T041C-34-LF BOTHHAND-KLU1T041C-34-LF Datasheet
792Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU4S041X-LF BOTHHAND-KLU4S041X-LF Datasheet
220Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU1T041C-43-LF BOTHHAND-KLU1T041C-43-LF Datasheet
227Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU1S041-43-LF BOTHHAND-KLU1S041-43-LF Datasheet
216Kb / 2P
   Reduced EMI radiation to improve EMI performance
KRU1T041X-44-LF BOTHHAND-KRU1T041X-44-LF Datasheet
295Kb / 2P
   Reduced EMI radiation to improve EMI performance
logo
International Rectifier
AN-973 IRF-AN-973 Datasheet
342Kb / 7P
   HEXFETs Improve Efficiency
logo
Vectron International, ...
CO-408 VECTRON-CO-408 Datasheet
65Kb / 3P
   Helping Customers Innovate, Improve & Grow
CO-447 VECTRON-CO-447 Datasheet
60Kb / 2P
   Helping Customers Innovate, Improve & Grow
logo
NEC
FC0H473ZFTBR24 NEC-FC0H473ZFTBR24 Datasheet
476Kb / 39P
   Super Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com