Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402HP-39NXJLW Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0402HP-39NXJLW
Description  Chip Inductors - 0402HP Series (1005)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0402HP-39NXJLW Datasheet(HTML) 1 Page - Coilcraft lnc.

  0402HP-39NXJLW Datasheet HTML 1Page - Coilcraft lnc. 0402HP-39NXJLW Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
ChipInductors-0402HPSeries(1005)
Document 526 -1
Document 526-1 Revised 12/17/12
•HigherQandlowerDCRthanother0402inductors
•VeryhighSRFvalues–ashighas16GHz
•Excellentcurrenthandlingcapability–upto2300mA
•52inductancevaluesfrom1.0to220nH
Core material Ceramic
Environmental RoHScompliant,halogenfreeoptional
Terminations RoHScompliantsilver-palladium-platinum-glassfrit.
Otherterminationsavailableatadditionalcost.
Weight 0.7–1.0mg
Ambient temperature –40°Cto+125°CwithIrmscurrent,+125°C
to+140°Cwithderatedcurrent
Storage temperature Component:–40°Cto+140°C.
Tapeandreelpackaging:–40°Cto+80°C
Resistance to soldering heat Maxthree40secondreflowsat
+260°C,partscooledtoroomtemperaturebetweencycles
Temperature Coefficient of Inductance (TCL) +25to+125ppm/°C
Moisture Sensitivity Level (MSL) 1(unlimitedfloorlifeat<30°C/
85%relativehumidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
Oneperbillionhours/onebillionhours,calculatedperTelcordiaSR-332
Packaging 2000or5000per7
″reel.Papertape:8mmwide,
0.66mmthick,2mmpocketspacing
PCB washing Onlypurewateroralcoholrecommended
0
60
50
40
30
20
10
70
80
110
100
1000
10000
Frequency (MHz)
51 nH
39 nH
27 nH
11 nH
2.0 nH
68 nH
Typical L vs Frequency
0
60
50
40
30
20
10
70
80
90
100
110
120
110
100
1000
10000
Frequency (MHz)
68 nH
51 nH
39 nH
27 nH
11 nH
2.0 nH
Typical Q vs Frequency
Current Derating
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
A
B
overall
C
D
J
F
F
G
H
Recommended
Land Pattern
E
terminal
Terminal wraparound:
approx 0.007/0,18 both ends
I
I
Pick and
place
material
D
E
F
G
H
I
J
0.010
0.020
0.008
0.024
0.026
0.014
0.020
inches
0,25
0,51
0,20
0,61
0,66
0,36
0,51
mm
A max
B (min – max)
C max
0.043
0.020 – 0.028
0.024
inches
1,09
0,51 – 0,71
0,61
mm
0402HP
A max
B
C max
0.044
0.026 ±0.002
0.026
inches
1,12
0,66 ±0,051
0,66
mm
0402HPH
Note: Heightdimension(C)isbeforeoptionalsolderapplication.Formaximum
heightdimensionincludingsolder,add0.006in/0,152mm.


Similar Part No. - 0402HP-39NXJLW

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402HP-39NXJLW COILCRAFT-0402HP-39NXJLW Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
More results

Similar Description - 0402HP-39NXJLW

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402HP-2N2XJLU COILCRAFT-0402HP-2N2XJLU Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-6N2XGLW COILCRAFT-0402HP-6N2XGLW Datasheet
99Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-12NXGLW COILCRAFT-0402HP-12NXGLW Datasheet
108Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402AF-560XJLW COILCRAFT-0402AF-560XJLW Datasheet
184Kb / 2P
   Chip Inductors ??0402AF Series (1005)
0402CS-2N0XGLW COILCRAFT-0402CS-2N0XGLW Datasheet
151Kb / 2P
   Chip Inductors ??0402CS (1005)
0402CS-3N3XGBU COILCRAFT-0402CS-3N3XGBU Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-27NXJBW COILCRAFT-0402CS-27NXJBW Datasheet
98Kb / 2P
   Chip Inductors ??0402CS (1005)
logo
Bourns Electronic Solut...
CD0603-B0240 BOURNS-CD0603-B0240 Datasheet
192Kb / 10P
   CD0603/1005 Schottky Barrier Chip Diode Series
logo
Rohm
MCH15 ROHM-MCH15 Datasheet
1Mb / 6P
   1005(0402)Size chip capacitors
MNA02 ROHM-MNA02 Datasheet
85Kb / 7P
   (1005 (0402) x 2 size, chip capacitor networks)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com