Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9310PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF9310PBF
Description  Charge and Discharge Switch for Notebook PC Battery Appilcation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9310PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF9310PBF Datasheet HTML 1Page - International Rectifier IRF9310PBF Datasheet HTML 2Page - International Rectifier IRF9310PBF Datasheet HTML 3Page - International Rectifier IRF9310PBF Datasheet HTML 4Page - International Rectifier IRF9310PBF Datasheet HTML 5Page - International Rectifier IRF9310PBF Datasheet HTML 6Page - International Rectifier IRF9310PBF Datasheet HTML 7Page - International Rectifier IRF9310PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF9310PbF
2
www.irf.com
S
D
G
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 4.9mH, RG = 25Ω, IAS = -16A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ When mounted on 1 inch square copper board.
… Rθ is measured at TJ of approximately 90°C.
† For DESIGN AID ONLY, not subject to production testing.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.020
–––
V/°C
RDS(on)
–––
3.9
4.6
–––
5.8
6.8
VGS(th)
Gate Threshold Voltage
-1.3
-1.8
-2.4
V
∆VGS(th)
Gate Threshold Voltage Coefficient
–––
-5.8
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
-1.0
–––
–––
-150
IGSS
Gate-to-Source Forward Leakage
–––
–––
-100
Gate-to-Source Reverse Leakage
–––
–––
100
gfs
Forward Transconductance
39
–––
–––
S
Qg
Total Gate Charge
h
–––
58
–––
nC
VDS = -15V, VGS = -4.5V, ID = - 16A
Qg
Total Gate Charge
h
–––
110
165
Qgs
Gate-to-Source Charge
h
–––
17
–––
Qgd
Gate-to-Drain Charge
h
–––
28
–––
RG
Gate Resistance
h
–––
2.8
–––
td(on)
Turn-On Delay Time
–––
25
–––
tr
Rise Time
–––
47
–––
td(off)
Turn-Off Delay Time
–––
65
–––
tf
Fall Time
–––
70
–––
Ciss
Input Capacitance
–––
5250
–––
Coss
Output Capacitance
–––
1300
–––
Crss
Reverse Transfer Capacitance
–––
880
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
-1.2
V
trr
Reverse Recovery Time
–––
71
107
ns
Qrr
Reverse Recovery Charge
–––
12
18
nC
Thermal Resistance
Parameter
Units
RθJL
Junction-to-Drain Lead
g
RθJA
Junction-to-Ambient
f
Typ.
–––
–––
°C/W
Max.
20
50
Static Drain-to-Source On-Resistance
A
–––
–––
–––
–––
-2.5
-160
nA
nC
ns
pF
–––
Typ.
–––
RG = 1.8
VDS = -10V, ID = -16A
VDS = -24V, VGS = 0V, TJ = 125°C
VDD = -15V, VGS = -4.5V
e
ID = -1.0A
VDS = -15V
VGS = -20V
VGS = 20V
VGS = -10V
m
µA
TJ = 25°C, IF = -2.5A, VDD = -24V
di/dt = 100A/µs
e
TJ = 25°C, IS = -2.5A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
MOSFET symbol
ID = -16A
VDS = -24V, VGS = 0V
Conditions
VGS = 0V, ID = -250µA
Reference to 25°C, ID = -1mA
VGS = -10V, ID = -20A e
VDS = VGS, ID = -100µA
VGS = -4.5V, ID = -16A
e
Conditions
See Figs. 20a &20b
Max.
630
-16
ƒ = 1.0MHz
VGS = 0V
VDS = -15V


Similar Part No. - IRF9310PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9310PBF IRF-IRF9310PBF Datasheet
283Kb / 8P
   HEXFET Power MOSFET
IRF9310PBF IRF-IRF9310PBF Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
IRF9310PBF-1 IRF-IRF9310PBF-1 Datasheet
238Kb / 8P
   Industry-standard pinout SO-8 Package
IRF9310PBF-1 IRF-IRF9310PBF-1_15 Datasheet
238Kb / 8P
   Industry-standard pinout SO-8 Package
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
More results

Similar Description - IRF9310PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
logo
Infineon Technologies A...
IRFHM8329PBF INFINEON-IRFHM8329PBF Datasheet
598Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9321TRPBF IRF-IRF9321TRPBF Datasheet
275Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8326PBF IRF-IRFHM8326PBF Datasheet
270Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8330PBF IRF-IRFHM8330PBF Datasheet
379Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9328TRPBF IRF-IRF9328TRPBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8326PBF INFINEON-IRFHM8326PBF Datasheet
604Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9317PBF IRF-IRF9317PBF Datasheet
225Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8330PBF INFINEON-IRFHM8330PBF Datasheet
628Kb / 11P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com