Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

239-75AB Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 239-75AB
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

239-75AB Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 239-75AB Datasheet HTML 5Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 6Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 7Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 8Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 9Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 10Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 11Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 12Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Board Level
Heat Sinks
All other products, please contact factory for price, delivery, and minimums.
Normally stocked
38
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
288 SERIES
Compact Wave-Solderable Low-Cost Heat Sinks
Height Above
Maximum
Thermal Performance at Typical Load
Standard
PC Board
Footprint
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Convection
Convection
lbs. (grams)
288-1AB
1.250 (31.8)
0.875 (22.2) x 0.215 (5.5)
85° C @ 4W
12°C/W @ 200 LFM
0.0057 (2.59)
TO-220, TO-202
271 SERIES
Top-Mount Booster Heat Sinks for Use with 270/272/280 Series
TO-220
Horizontal
Height Above
Mounting Footprint
Thermal Performance at Typical Load
Standard
Semiconductor Case
Dimensions
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Convection
Convection
lbs. (grams)
271-AB
0.500 (12.7)
1.750 (44.5) x 0.700 (17.8)
62°C @ 4W (NOTE A)
5.1° C/W @ 400 LFM
0.0052 (2.36)
31 °C @ 4W (NOTE B)
1.8° C/W 400 LFM (NOTE B)
Material: Aluminum, Black Anodized
This top-hat style booster heat sink can be added to any of the 270, 272, or 280 Series for
improved performance.
NOTE A: Thermal resistance with one 271-AB. NOTE B: Thermal resistance (total) as shown
with (2) 271-AB types added to (1) 272-AB type.
Mounting tabs are pre-tinned to ensure excellent wave-solder bond and good
electrical connections for vertical mounting of TO-220 and TO-202 semicon-
ductor packages. These heat sinks are designed for use where minimum PC
board space is available. The 288-1AB is a stamped aluminum heat sink, black
anodized, designed for applications requiring good heat dissipation from a heat
sink occupying minimum space, available at minimum cost.
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
271 SERIES
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
288 SERIES
Dimensions: in. (mm)


Similar Part No. - 239-75AB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
239-75AB ETC-239-75AB Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
239-75ABE-03 ETC-239-75ABE-03 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
239-75ABE-04 ETC-239-75ABE-04 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
More results

Similar Description - 239-75AB

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCH PICKER-PCH_15 Datasheet
617Kb / 3P
   Heat Sinks
logo
Recom International Pow...
7G-0011A RECOM-7G-0011A Datasheet
66Kb / 2P
   Powerline Heat-Sinks
logo
List of Unclassifed Man...
PF185G ETC2-PF185G Datasheet
51Kb / 1P
   UNIVERSAL HEAT SINKS
7-362-BA ETC2-7-362-BA Datasheet
169Kb / 1P
   Standard Heat Sinks
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB Datasheet
166Kb / 3P
   Forged Heat Sinks
logo
Lineage Power Corporati...
MHST02520Z LINEAGEPOWER-MHST02520Z Datasheet
572Kb / 9P
   Eighth Brick Power Module Heat Sinks
logo
CTS Corporation
AER19-19-12CB CTS-AER19-19-12CB Datasheet
169Kb / 4P
   AER Forged Heat Sinks
logo
Advanced Thermal Soluti...
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
   High Performance Heat Sinks
REV3_052912
logo
Dielectric Laboratories...
S30AG250KY1234 DILABS-S30AG250KY1234 Datasheet
604Kb / 2P
   HEAT SINKS AND STANDOFFS
logo
Advanced Thermal Soluti...
ATS-1041-C1-R0 ATS-ATS-1041-C1-R0 Datasheet
435Kb / 1P
   High Performance Heat Sinks
REV3_052912
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com