Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

239-75AB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 239-75AB
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

239-75AB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  239-75AB Datasheet HTML 1Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 2Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 3Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 4Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 5Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 6Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 7Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 8Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Board Level
Heat Sinks
All other products, please contact factory for price, delivery, and minimums.
Normally stocked
32
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
233 AND 236 SERIES
Self-Locking Wavesolderable Heat Sinks
TO-220
Height Above
Footprint
Thermal Performance at Typical Load
Standard
PC Board
Dimensions
Mounting
Solderable
Mounting
Natural
Forced
P/N
in. (mm)
in. (mm)
Configuration Tab Options
Style
Convection
Convection
233-60AB
.600 (15.2)
.570 (14.5) x .500 (12.7)
Vert./Horiz.
No Tab
Clip/Mtg Hole
58°C @ 2W
11.0°C/W @ 400 LFM
233-60AB-01
.600 (15.2)
.570 (14.5) x .500 (12.7)
Vertical
01
Clip/Mtg Hole
58°C @ 2W
11.0°C/W @ 400 LFM
233-60AB-05
.500 (12.7)
.600 (15.2) x .570 (14.5)
Horizontal
05
Clip/Mtg Hole
58°C @ 2W
11.0°C/W @ 400 LFM
233-60AB-10
.725 (18.4)
.570 (14.5) x .500 (12.7)
Vertical
10
Clip/Mtg Hole
58°C @ 2W
11.0°C/W @ 400 LFM
236-150AB
1.500 (38.1)
.570 (14.5) x .500 (12.7)
Vert./Horiz
No Tab
Clip/Mtg Hole
58°C @ 2W
4.80°C/W @ 400 LFM
236-150AB-01
1.500 (38.1)
.570 (14.5) x .500 (12.7)
Vertical
01
Clip/Mtg Hole
58°C @ 2W
4.80°C/W @ 400 LFM
236-150AB-05
.500 (12.7)
1.500 (38.1) x .570 (14.5)
Horizontal
05
Clip/Mtg Hole
58°C @ 2W
4.80°C/W @ 400 LFM
236-150AB-10
1.625 (41.3)
.570 (14.5) x .570 (12.7)
Vetrical
10
Clip/Mtg Hole
58°C @ 2W
4.80°C/W @ 400 LFM
Material: Aluminum, Black Anodized
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
233 AND 236 SERIES
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
233-60AB
233-60AB-05
236-150AB-05
236-150AB
233-60AB-01
236-150AB-01
233-60AB-10
236-150AB-10
275 AND 231 SERIES
Compact, Stress-Free Labor-Saving Locking-Tab Heat Sinks
TO-220
Height Above
Footprint
Thermal Performance at Typical Load
Standard
PC Board
Dimensions
Mounting
Solderable
Mounting
Natural
Forced
P/N
in. (mm)
in. (mm)
Configuration
Tab Options
Style
Convection
Convection
275-75AB
.750 (19.1)
.835 (21.2) x .400 (12.7)
Vert./Horiz.
No Tab
Clip/Mtg Hole
44 C @ 2W
7.9°C/W @ 400 LFM
275-75AB-01
.750 (19.1)
.835 (21.2) x .400 (12.7)
Vertical
01
Clip/Mtg Hole
44°C @ 2W
7.9°C/W @ 400 LFM
275-75AB-10
.875 (12.7)
.835 (21.2) x .400 (14.5)
Vertical
10
Clip/Mtg Hole
44°C @ 2W
7.9°C/W @ 400 LFM
231-69PAB
.690 (18.4)
.835 (21.2) x .400 (12.7)
Vert./Horiz.
No Tab
Clip/Mtg Hole
45°C @ 2W
8°C/W @ 400 LFM
231-69PAB-13H
.400 (38.1)
.690 (17.5) x .835 (12.7)
Horizontal
13H
Clip/Mtg Hole
45°C @ 2W
8°C/W @ 400 LFM
231-69PAB-XXX
.690 (38.1)
.835 (21.2) x .400 (12.7)
Vertical
13V, 14V, 15V
Clip/Mtg Hole
45°C @ 2W
8°C/W @ 400 LFM
231-75PAB
.750 (12.7)
.835 (21.2) x .400 (14.5)
Vert./Horiz.
No Tab
Clip/Mtg Hole
43°C @ 2W
7.9°C/W @ 400 LFM
231-75PAB-13H
.400 (41.3)
.750 (19.1) x .835 (12.7)
Horizontal
13H
Clip/Mtg Hole
43°C @ 2W
7.9°C/W @ 400 LFM
(14V
) 231-75PAB-XXX
.750 (34.9)
.835 (21.2) x .400 (12.7)
Vertical
13V, 14V, 15V
Clip/Mtg Hole
43°C @ 2W
7.9°C/W @ 400 LFM
231-137PAB
1.375 (10.2)
.835 (21.2 x .400 (12.7)
Vert./Horiz.
No Tab
Clip/Mtg Hole
32°C @ 2W
5.9°C/W @ 400 LFM
231-137PAB-13H
.400 (10.2)
1.375 (34.9) x .835 (12.7)
Horizontal
13H
Clip/Mtg Hole
32°C @ 2W
5.9°C/W @ 400 LFM
(15V ) 231-137PAB-XXX
1.375 (10.2)
.835 (21.2) x .400 (12.7)
Vertical
13V, 14V, 15V
Clip/Mtg Hole
32°C @ 2W
5.9°C/W @ 400 LFM
Material: Aluminum, Pre-anodized Black (PAB), Anodized Black (AB)
Dimensions: in. (mm)
MECHANICAL
DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
All versions No Tab
275 AND 231 SERIES
TAB
14V
TAB
13V
TAB 13H
TAB 13H
TAB 01
TAB 10
TAB 15V
PATENT PENDING
PATENT 5381041


Similar Part No. - 239-75AB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
239-75AB ETC-239-75AB Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
239-75ABE-03 ETC-239-75ABE-03 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
239-75ABE-04 ETC-239-75ABE-04 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
More results

Similar Description - 239-75AB

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCH PICKER-PCH_15 Datasheet
617Kb / 3P
   Heat Sinks
logo
Recom International Pow...
7G-0011A RECOM-7G-0011A Datasheet
66Kb / 2P
   Powerline Heat-Sinks
logo
List of Unclassifed Man...
PF185G ETC2-PF185G Datasheet
51Kb / 1P
   UNIVERSAL HEAT SINKS
7-362-BA ETC2-7-362-BA Datasheet
169Kb / 1P
   Standard Heat Sinks
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB Datasheet
166Kb / 3P
   Forged Heat Sinks
logo
Lineage Power Corporati...
MHST02520Z LINEAGEPOWER-MHST02520Z Datasheet
572Kb / 9P
   Eighth Brick Power Module Heat Sinks
logo
CTS Corporation
AER19-19-12CB CTS-AER19-19-12CB Datasheet
169Kb / 4P
   AER Forged Heat Sinks
logo
Advanced Thermal Soluti...
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
   High Performance Heat Sinks
REV3_052912
logo
Dielectric Laboratories...
S30AG250KY1234 DILABS-S30AG250KY1234 Datasheet
604Kb / 2P
   HEAT SINKS AND STANDOFFS
logo
Advanced Thermal Soluti...
ATS-1041-C1-R0 ATS-ATS-1041-C1-R0 Datasheet
435Kb / 1P
   High Performance Heat Sinks
REV3_052912
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com