Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

239-75AB Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 239-75AB
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

239-75AB Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 239-75AB Datasheet HTML 7Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 8Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 9Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 10Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 11Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 12Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 13Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 14Page - List of Unclassifed Manufacturers 239-75AB Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Board Level
Heat Sinks
All other products, please contact factory for price, delivery, and minimums.
Normally stocked
40
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
250 SERIES
High-Performance Slim Profile Heat Sinks With Integral Clips
Multiwatt
Height Above
Footprint
Thermal Performance at Typical Load
Standard
PC Board
Dimensions
Mounting
Solderable
Mounting
Natural
Forced
P/N
in. (mm)
in. (mm)
Configuration
Tab Options
Style
Convection
Convection
250-122AB
1.220 (31.0)
1.000 (25.4) x .500 (12.7)
Vert./Horiz.
No Tab
Clip
50°C @ 4W
3.7°C/W @ 400 LFM
250-122AB-09
1.220 (31.0)
1.000 (25.4) x .500 (12.7)
Vertical
09
Clip
50°C @ 4W
3.7°C/W @ 400 LFM
250-122AB-25
1.380 (35.1)
1.000 (25.4) x .500 (12.7)
Vertical
25
Clip
50°C @ 4W
3.7°C/W @ 400 LFM
Material: Aluminum, Black Anodized
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
250-122AB
250-122AB-09
250-122AB-25
250 SERIES
237 AND 252 SERIES
High-Performance, High-Power Vertical Mount Heat Sinks
TO-220
Height Above
Footprint
Thermal Performance at Typical Load
Standard
PC Board
Dimensions
Mounting
Solderable
Mounting
Natural
Forced
P/N
in. (mm)
in. (mm)
Configuration
Tab Options
Style
Convection
Convection
237-167AB2
1.675 (42.5)
1.000 (25-4) x 1.000 (25.4)
Vertical
2, Twisted
Clip/Mtg Slot
46° C @ 4W
4.5° C/W @ 200 LFM
237-167AB3
1.675 (42.5)
1.000 (25.4) x 1.000 (25.4)
Vertical
3, Twisted
Clip/Mtg Slot
46° C @ 4W
4.5° C/W @ 200 LFM
237-167AB2-24
1.675 (42.5)
1.000 (25.4) x 1.000 (25.4)
Vertical
2, Solderable
Clip/Mtg Slot
46° C @ 4W
4.5° C/W @ 200 LFM
252-167AB2
1.675 (42.5)
1.000 (25.4) x 1.000 (25.4)
Vertical
2, Twisted
Clip/Mtg Slot
40° C @ 4W
4.5° C/W @ 200 LFM
252-167AB3
1.675 (42.5)
1.000 (25.4) x 1.000 (25.4)
Vertical
3, Twisted
Clip/Mtg Slot
40° C @ 4W
4.5° C/W @ 200 LFM
252-167AB2-24
1.675 (42.5)
1.000 (25.4) x 1.000 (25.4)
Vertical
2, Solderable
Clip/Mtg Slot
40° C @ 4W
4.5° C/W @ 200 LFM
Order SpeedClips™ 285SC or 330SC separately for rapid component installation, lowering manufacturing costs. Material: Aluminum, Black Anodized
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
227-167
237-167AB3
252-167AB3
237-167AB3
252-167
237-167AB2
252-167AB2
237-167AB2-24
252-167AB2-24
237 AND 252 SERIES
237 AND 252 SERIES
Dimensions: in. (mm)
252-167AB3
291 SERIES
Labor-Saving Clip-on Heat Sinks
TO-220
Vertical
Height Above
Mounting Footprint
Thermal Performance at Typical Load
Standard
PC Board
Dimensions
Mounting
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Style
Convection
Convection
lbs. (grams)
291-C236AB
0.860 (21.)9
1.100 (27.0) x 0.360 (9.1)
TO-220 (Clip)
80° C @ 2W
24°C/W @ 600 LFM
0.0026 (1.18)
291-H36AB
0.860 (21.9)
1.100 (27.0) x 0.360 (9.1)
TO-220 (Mtg. Hole)
68° C @ 2W
16°C/W @ 600 LFM
0.0026 (1.18))
Material: Aluminum, Black Anodized
Designed for mounting horizontally or vertically on a circuit board, 291 Series heat sinks
employ a unique clip for attachment of TO-220 case styles.
One type is available with a locking clip and one with a 0.140 in. (3.6) diameter mounting
hole only.
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
291 SERIES
Dimensions: in. (mm)
291-C2
291-H


Similar Part No. - 239-75AB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
239-75AB ETC-239-75AB Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
239-75ABE-03 ETC-239-75ABE-03 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
239-75ABE-04 ETC-239-75ABE-04 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
More results

Similar Description - 239-75AB

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCH PICKER-PCH_15 Datasheet
617Kb / 3P
   Heat Sinks
logo
Recom International Pow...
7G-0011A RECOM-7G-0011A Datasheet
66Kb / 2P
   Powerline Heat-Sinks
logo
List of Unclassifed Man...
PF185G ETC2-PF185G Datasheet
51Kb / 1P
   UNIVERSAL HEAT SINKS
7-362-BA ETC2-7-362-BA Datasheet
169Kb / 1P
   Standard Heat Sinks
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB Datasheet
166Kb / 3P
   Forged Heat Sinks
logo
Lineage Power Corporati...
MHST02520Z LINEAGEPOWER-MHST02520Z Datasheet
572Kb / 9P
   Eighth Brick Power Module Heat Sinks
logo
CTS Corporation
AER19-19-12CB CTS-AER19-19-12CB Datasheet
169Kb / 4P
   AER Forged Heat Sinks
logo
Advanced Thermal Soluti...
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
   High Performance Heat Sinks
REV3_052912
logo
Dielectric Laboratories...
S30AG250KY1234 DILABS-S30AG250KY1234 Datasheet
604Kb / 2P
   HEAT SINKS AND STANDOFFS
logo
Advanced Thermal Soluti...
ATS-1041-C1-R0 ATS-ATS-1041-C1-R0 Datasheet
435Kb / 1P
   High Performance Heat Sinks
REV3_052912
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com