Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

236-150AB-10 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 236-150AB-10
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

236-150AB-10 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 236-150AB-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers 236-150AB-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers 236-150AB-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers 236-150AB-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers 236-150AB-10 Datasheet HTML 10Page - List of Unclassifed Manufacturers 236-150AB-10 Datasheet HTML 11Page - List of Unclassifed Manufacturers 236-150AB-10 Datasheet HTML 12Page - List of Unclassifed Manufacturers 236-150AB-10 Datasheet HTML 13Page - List of Unclassifed Manufacturers 236-150AB-10 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Board Level
Heat Sinks
All other products, please contact factory for price, delivery, and minimums.
Normally stocked
39
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
270/272/280 SERIES
Small Footprint Low-Cost Heat Sinks
TO-220, TO-202
Height Above
Horizontal Mounting
Thermal Performance at Typical Load
Standard
PC Board
Maximum Footing
Solderable
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Tab Options
Convection
Convection
lbs. (grams)
270-AB
0.375 (9.4)
1.750 (44.5) x 0.700 (17.8)
70° C @ 4W
6.0° C/W @ 400 LFM
0.0052 (2.36)
272-AB
0.375 (9.4)
1.750 (44.5) x 1.450 (36.8)
01,02
42° C @ 4W
3.6° C/W @ 400 LFM
0.0105 (5.72)
280-AB
0.375 (9.4)
1.750 (44.5) x 0.700 (17.8)
70° C @ 4W
6.0° C/W @ 400 LFM
0.0048 (2.18)
Material: Aluminum, Black Anodized
These exceptionally low-cost heat sinks can be mounted horizontally under a
TO-220 or TO-202 case style with a maximum height of only 0.375 in. (9.4).
For added performance, a 271 Series heat sink can also be used for double-sided heat dissi-
pation. The 270-AB and 280-AB accept one power semiconductor; the 272-AB is designed for
two power semiconductors. Specify solderable tab options for the 272 Series by the addition
of suffix “O1” or “02” to the standard part number (i.e. 272-AB01 or 272-AB02).
289 AND 290 SERIES
Low-Cost Single or Dual Package Heat Sinks
TO-218, TO-202, TO-220
Height Above
Horizontal Mounting
Thermal Performance at Typical Load
Standard
PC Board
Maximum Footing
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Convection
Convection
lbs. (grams)
289-AB
0.500 (12.7)
1.000 (25.4) x O.710 (18.1)
50° C @ 2W
44° C/W @ 400 LFM
0.0055 (2.49)
289-AP
0.500 (12.7)
1.000 (25.4) x 0.710 (18.1)
50° C @ 2W
44° C/W @ 400 LFM
0.0055 (2.49)
290-1AB
0.500 (12.7)
1.000 (25.4) x 1.180 (30.0)
44° C @ 2W
35° C/W @ 400 LFM
0.0082 (3.72)
290-2AB
0.500 (12.7)
1.000 (25.4) x 1.180 (30.0)
44° C @ 2W
35° C/W @ 400 LFM
0.0081 (3.67)
Material: Aluminum, Black Anodized
Low in cost and compact in overall dimensions, one 289 Series heat sink can accommodate
one semiconductor; the 289 Series is available with a black anodized finish (289-AB) or with
no finish (289-AP). Two semiconductors can be mounted to the 290-2AB style.
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
270 SERIES
280 SERIES
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
289 SERIES
290 SERIES
Dimensions: in. (mm)
Dimensions: in. (mm)
272 SERIES
272AB01
272AB02


Similar Part No. - 236-150AB-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
236-150AB ETC-236-150AB Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
236-150ABE-01 ETC-236-150ABE-01 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
236-150ABE-05 ETC-236-150ABE-05 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
236-150ABE-10 ETC-236-150ABE-10 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
More results

Similar Description - 236-150AB-10

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCH PICKER-PCH_15 Datasheet
617Kb / 3P
   Heat Sinks
logo
Recom International Pow...
7G-0011A RECOM-7G-0011A Datasheet
66Kb / 2P
   Powerline Heat-Sinks
logo
List of Unclassifed Man...
PF185G ETC2-PF185G Datasheet
51Kb / 1P
   UNIVERSAL HEAT SINKS
7-362-BA ETC2-7-362-BA Datasheet
169Kb / 1P
   Standard Heat Sinks
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB Datasheet
166Kb / 3P
   Forged Heat Sinks
logo
Lineage Power Corporati...
MHST02520Z LINEAGEPOWER-MHST02520Z Datasheet
572Kb / 9P
   Eighth Brick Power Module Heat Sinks
logo
CTS Corporation
AER19-19-12CB CTS-AER19-19-12CB Datasheet
169Kb / 4P
   AER Forged Heat Sinks
logo
Advanced Thermal Soluti...
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
   High Performance Heat Sinks
REV3_052912
logo
Dielectric Laboratories...
S30AG250KY1234 DILABS-S30AG250KY1234 Datasheet
604Kb / 2P
   HEAT SINKS AND STANDOFFS
logo
Advanced Thermal Soluti...
ATS-1041-C1-R0 ATS-ATS-1041-C1-R0 Datasheet
435Kb / 1P
   High Performance Heat Sinks
REV3_052912
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com