Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

236-150AB-05 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 236-150AB-05
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

236-150AB-05 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  236-150AB-05 Datasheet HTML 1Page - List of Unclassifed Manufacturers 236-150AB-05 Datasheet HTML 2Page - List of Unclassifed Manufacturers 236-150AB-05 Datasheet HTML 3Page - List of Unclassifed Manufacturers 236-150AB-05 Datasheet HTML 4Page - List of Unclassifed Manufacturers 236-150AB-05 Datasheet HTML 5Page - List of Unclassifed Manufacturers 236-150AB-05 Datasheet HTML 6Page - List of Unclassifed Manufacturers 236-150AB-05 Datasheet HTML 7Page - List of Unclassifed Manufacturers 236-150AB-05 Datasheet HTML 8Page - List of Unclassifed Manufacturers 236-150AB-05 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Board Level
Heat Sinks
All other products, please contact factory for price, delivery, and minimums.
Normally stocked
34
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
273 SERIES
Low-Cost, Low-Height Wavesolderable Heat Sinks
TO-218, TO-220
Height Above
Footprint
Thermal Performance at Typical Load
Standard
PC Board
Dimensions
Mounting
Solderable
Mounting
Natural
Forced
P/N
in. (mm)
in. (mm)
Configuration
Tab Options
Style
Convection
Convection
273-AB
.375 (9.5)
.750 (19.1) x .750 (19.1)
Vert./Horiz.
No Tab
Mtg Hole
49°C @ 2W
7.2°C/W @ 400 LFM
273-AB-01
.375 (9.5)
.750 (19.1) x .750 (19.1)
Vertical
01
Mtg Hole
49°C @ 2W
7.2°C/W @ 400 LFM
273-AB-02
.375 (9.5)
.750 (19.1) x .750 (19.1)
Vertical
02
Mtg Hole
49°C @ 2W
7.2°C/W @ 400 LFM
Material: Aluminum, Black Anodized
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
273-AB
273-AB-01
273-AB-02
273 SERIES
274 SERIES
Low-Cost, Low-Height Wavesolderable Heat Sinks
TO-220
Height Above
Footprint
Thermal Performance at Typical Load
Standard
PC Board
Dimensions
Mounting
Solderable
Mounting
Natural
Forced
P/N
in. (mm)
in. (mm)
Configuration
Tab Options
Style
Convection
Convection
274-1AB
.375 (9.5)
.520 (13.2) x .750 (19.1)
Vert./Horiz.
No Tab
Mtg Hole
56°C @ 2W
8.0°C/W @ 400 LFM
274-1AB-01
.375 (9.5)
.520 (13.2) x .750 (19.1)
Vertical
01
Mtg Hole
56°C @ 2W
8.0°C/W @ 400 LFM
274-1AB-02
.375 (9.5)
.520 (13.2) x .750 (19.1)
Vertical
02
Mtg Hole
56°C @ 2W
8.0°C/W @ 400 LFM
274-2AB
.500 (12.7)
.520 (13.2) x .750 (19.1)
Vert./Horiz.
No Tab
Mtg Hole
50°C @ 2W
7.0°C/W @ 400 LFM
274-2AB-01
.500 (12.7)
.520 (13.2) x .750 (19.1)
Vertical
01
Mtg Hole
50°C @ 2W
7.0°C/W @ 400 LFM
274-2AB-02
.500 (12.7)
.520 (13.2) x .750 (19.1)
Vertical
02
Mtg Hole
50°C @ 2W
7.0°C/W @ 400 LFM
274-3AB
.250 (6.4)
.520 (13.2) x .750 (19.1)
Vert./Horiz.
No Tab
Mtg Hole
62°C @ 2W
9.0°C/W @ 400 LFM
274-3AB-01
.250 (6.4)
.520 (13.2) x .750 (19.1)
Vertical
01
Mtg Hole
62°C @ 2W
9.0°C/W @ 400 LFM
274-3AB-02
.250 (6.4)
.520 (13.2) x .750 (19.1)
Vertical
02
Mtg Hole
62°C @ 2W
9.0°C/W @ 400 LFM
281-1AB
.375 (9.5)
.520 (13.2) x .750 (19.1)
Vertical
No Tab
Mtg Hole
56°C @ 2W
8.0°C/W @ 400 LFM
281-2AB
.500 (12.7)
.520 (13.2) x .750 (19.1)
Vertical
No Tab
Mtg Hole
50°C @ 2W
7.0°C/W @ 400 LFM
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
274-XAB-01
274-XAB-02
274 SERIES
240 SERIES
Labor-Saving Twisted Fin Heat Sinks
TO-220
Height Above
Footprint
Thermal Performance at Typical Load
Standard
PC Board
Dimensions
Mounting
Solderable
Mounting
Natural
Forced
P/N
in. (mm)
in. (mm)
Configuration
Tab Options
Style
Convection
Convection
240-118ABH-22
1.180 (30.0)
1.000 (25.4) x .500 (12.7)
Vertical
22
Clip/Mtg Hole
55° C @ 4W
5.3° C/W @ 400 LFM
240-118ABS-22
1.180 (30.0)
1.000 (25.4) x .500 (12.7)
Vertical
22
Clip/Mtg Slot
55° C @ 4W
5.3° C/W @ 400 LFM
Material: Aluminum, Black Anodized
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
240-118ABH-22
240-118ABS-22
240 SERIES
Dimensions: in. (mm)
Material: Aluminum,
Black Anodized
Dimensions: in. (mm)
274 SERIES
281 SERIES


Similar Part No. - 236-150AB-05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
236-150AB ETC-236-150AB Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
236-150ABE-01 ETC-236-150ABE-01 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
236-150ABE-05 ETC-236-150ABE-05 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
236-150ABE-10 ETC-236-150ABE-10 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
More results

Similar Description - 236-150AB-05

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCH PICKER-PCH_15 Datasheet
617Kb / 3P
   Heat Sinks
logo
Recom International Pow...
7G-0011A RECOM-7G-0011A Datasheet
66Kb / 2P
   Powerline Heat-Sinks
logo
List of Unclassifed Man...
PF185G ETC2-PF185G Datasheet
51Kb / 1P
   UNIVERSAL HEAT SINKS
7-362-BA ETC2-7-362-BA Datasheet
169Kb / 1P
   Standard Heat Sinks
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB Datasheet
166Kb / 3P
   Forged Heat Sinks
logo
Lineage Power Corporati...
MHST02520Z LINEAGEPOWER-MHST02520Z Datasheet
572Kb / 9P
   Eighth Brick Power Module Heat Sinks
logo
CTS Corporation
AER19-19-12CB CTS-AER19-19-12CB Datasheet
169Kb / 4P
   AER Forged Heat Sinks
logo
Advanced Thermal Soluti...
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
   High Performance Heat Sinks
REV3_052912
logo
Dielectric Laboratories...
S30AG250KY1234 DILABS-S30AG250KY1234 Datasheet
604Kb / 2P
   HEAT SINKS AND STANDOFFS
logo
Advanced Thermal Soluti...
ATS-1041-C1-R0 ATS-ATS-1041-C1-R0 Datasheet
435Kb / 1P
   High Performance Heat Sinks
REV3_052912
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com