Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21363BBC-1AA Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-21363BBC-1AA
Description  SHARC Processors
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21363BBC-1AA Datasheet(HTML) 1 Page - Analog Devices

  ADSP-21363BBC-1AA Datasheet HTML 1Page - Analog Devices ADSP-21363BBC-1AA Datasheet HTML 2Page - Analog Devices ADSP-21363BBC-1AA Datasheet HTML 3Page - Analog Devices ADSP-21363BBC-1AA Datasheet HTML 4Page - Analog Devices ADSP-21363BBC-1AA Datasheet HTML 5Page - Analog Devices ADSP-21363BBC-1AA Datasheet HTML 6Page - Analog Devices ADSP-21363BBC-1AA Datasheet HTML 7Page - Analog Devices ADSP-21363BBC-1AA Datasheet HTML 8Page - Analog Devices ADSP-21363BBC-1AA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
SHARC and the SHARC logo are registered trademarks of Analog Devices, Inc.
SHARC Processors
ADSP-21362/ADSP-21363/ADSP-21364/ADSP-21365/ADSP-21366
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2011 All rights reserved.
SUMMARY
High performance 32-bit/40-bit floating point processor
optimized for high performance audio processing
Single-instruction, multiple-data (SIMD) computational
architecture
On-chip memory—3M bits of on-chip SRAM
Code compatible with all other members of the SHARC family
The ADSP-2136x processors are available with up to 333 MHz
core instruction rate with unique audiocentric peripherals
such as the digital applications interface, S/PDIF trans-
ceiver, DTCP (digital transmission content protection
protocol), serial ports, precision clock generators, and
more. For complete ordering information, see Ordering
Guide on Page 54.
DEDICATED AUDIO COMPONENTS
S/PDIF-compatible digital audio receiver/transmitter
8 channels of asynchronous sample rate converters (SRC)
16 PWM outputs configured as four groups of four outputs
ROM-based security features include:
JTAG access to memory permitted with a 64-bit key
Protected memory regions that can be assigned to limit
access under program control to sensitive code
PLL has a wide variety of software and hardware multi-
plier/divider ratios
Available in 136-ball CSP_BGA and 144-lead LQFP_EP
packages
Figure 1. Functional Block Diagram
Internal Memory I/F
Block 0
RAM/ROM
B0D
64-BIT
Instruction
Cache
5 stage
Sequencer
PEx
PEy
PMD 64-BIT
Core Bus
Cross Bar
Block 1
RAM/ROM
Block 2
RAM
Block 3
RAM
DAG1/2
Timer
IOD BUS
MTM/
DTCP
PERIPHERAL BUS
32-BIT
Internal Memory
DMD 64-BIT
PERIPHERAL BUS
B1D
64-BIT
B2D
64-BIT
B3D
64-BIT
DAI Peripherals
Peripherals
SIMD Core
S
Core
Flags
SPI
PWM
3-0
PP
PP Pin MUX
PDAP/
IDP7-0
ASRC
3-0
TIMER
2-0
CORE
FLAGS
S/PDIF
Tx/Rx
PCG
A-B
SPI B
SPORT
5-0
DAI Routing/Pins
IOD 32-BIT
FLAGx/IRQx/
TMREXP
JTAG
PMD 64-BIT
DMD 64-BIT


Similar Part No. - ADSP-21363BBC-1AA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21363BBC-1AA AD-ADSP-21363BBC-1AA Datasheet
2Mb / 52P
   SHARC Processor
REV. A
More results

Similar Description - ADSP-21363BBC-1AA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21367 AD-ADSP-21367_06 Datasheet
1Mb / 56P
   SHARC Processors
REV. A
ADSP-21367 AD-ADSP-21367_08 Datasheet
760Kb / 56P
   SHARC Processors
REV. C
ADSP-21369KSWZ-2A AD-ADSP-21369KSWZ-2A Datasheet
1Mb / 60P
   SHARC Processors
Rev. E
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com