Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21363KBC-1AA Datasheet(PDF) 4 Page - Analog Devices

Part # ADSP-21363KBC-1AA
Description  SHARC Processors
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21363KBC-1AA Datasheet(HTML) 4 Page - Analog Devices

  ADSP-21363KBC-1AA Datasheet HTML 1Page - Analog Devices ADSP-21363KBC-1AA Datasheet HTML 2Page - Analog Devices ADSP-21363KBC-1AA Datasheet HTML 3Page - Analog Devices ADSP-21363KBC-1AA Datasheet HTML 4Page - Analog Devices ADSP-21363KBC-1AA Datasheet HTML 5Page - Analog Devices ADSP-21363KBC-1AA Datasheet HTML 6Page - Analog Devices ADSP-21363KBC-1AA Datasheet HTML 7Page - Analog Devices ADSP-21363KBC-1AA Datasheet HTML 8Page - Analog Devices ADSP-21363KBC-1AA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
Rev. G
|
Page 4 of 56
|
March 2011
ADSP-21362/ADSP-21363/ADSP-21364/ADSP-21365/ADSP-21366
SHARC FAMILY CORE ARCHITECTURE
The ADSP-2136x is code-compatible at the assembly level with
the ADSP-2126x, ADSP-21160, and ADSP-21161, and with the
first generation ADSP-2106x SHARC processors. The
ADSP-2136x shares architectural features with the ADSP-2126x
and ADSP-2116x SIMD SHARC processors, as shown in
Figure 2 and detailed in the following sections.
SIMD Computational Engine
The processor contains two computational processing elements
that operate as a single-instruction, multiple-data (SIMD)
engine. The processing elements are referred to as PEX and PEY
and each contains an ALU, multiplier, shifter, and register file.
PEX is always active, and PEY can be enabled by setting the
PEYEN mode bit in the MODE1 register. When this mode is
enabled, the same instruction is executed in both processing ele-
ments, but each processing element operates on different data.
This architecture is efficient at executing math intensive signal
processing algorithms.
Entering SIMD mode also has an effect on the way data is trans-
ferred between memory and the processing elements. When in
SIMD mode, twice the data bandwidth is required to sustain
computational operation in the processing elements. Because of
this requirement, entering SIMD mode also doubles the
bandwidth between memory and the processing elements.
When using the DAGs to transfer data in SIMD mode, two data
values are transferred with each access of memory or
the register file.
Independent, Parallel Computation Units
Within each processing element is a set of computational units.
The computational units consist of an arithmetic/logic unit
(ALU), multiplier, and shifter. These units perform all opera-
tions in a single cycle. The three units within each processing
element are arranged in parallel, maximizing computational
throughput. Single multifunction instructions execute parallel
ALU and multiplier operations. In SIMD mode, the parallel
ALU and multiplier operations occur in both processing
elements. These computation units support IEEE 32-bit,
single-precision floating-point, 40-bit extended-precision
floating-point, and 32-bit fixed-point data formats.
Figure 2. SHARC Core Block Diagram
S
SIMD Core
CACHE
INTERRUPT
5 STAGE
PROGRAM SEQUENCER
PM ADDRESS 32
DM ADDRESS 32
DM DATA 64
PM DATA 64
DAG1
16x32
MRF
80-BIT
ALU
MULTIPLIER
SHIFTER
RF
Rx/Fx
PEx
16x40-BIT
JTAG
DMD/PMD 64
PM DATA 48
ASTATx
STYKx
ASTATy
STYKy
TIMER
RF
Sx/SFx
PEy
16x40-BIT
MRB
80-BIT
MSB
80-BIT
MSF
80-BIT
FLAG
SYSTEM
I/F
USTAT
4x32-BIT
PX
64-BIT
DAG2
16x32
ALU
MULTIPLIER
SHIFTER
DATA
SWAP
PM ADDRESS 24


Similar Part No. - ADSP-21363KBC-1AA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21363KBC-1AA AD-ADSP-21363KBC-1AA Datasheet
2Mb / 52P
   SHARC Processor
REV. A
More results

Similar Description - ADSP-21363KBC-1AA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21367 AD-ADSP-21367_06 Datasheet
1Mb / 56P
   SHARC Processors
REV. A
ADSP-21367 AD-ADSP-21367_08 Datasheet
760Kb / 56P
   SHARC Processors
REV. C
ADSP-21369KSWZ-2A AD-ADSP-21369KSWZ-2A Datasheet
1Mb / 60P
   SHARC Processors
Rev. E
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com