Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

230-75ABG Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 230-75ABG
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

230-75ABG Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  230-75ABG Datasheet HTML 1Page - List of Unclassifed Manufacturers 230-75ABG Datasheet HTML 2Page - List of Unclassifed Manufacturers 230-75ABG Datasheet HTML 3Page - List of Unclassifed Manufacturers 230-75ABG Datasheet HTML 4Page - List of Unclassifed Manufacturers 230-75ABG Datasheet HTML 5Page - List of Unclassifed Manufacturers 230-75ABG Datasheet HTML 6Page - List of Unclassifed Manufacturers 230-75ABG Datasheet HTML 7Page - List of Unclassifed Manufacturers 230-75ABG Datasheet HTML 8Page - List of Unclassifed Manufacturers 230-75ABG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Board Level
Heat Sinks
All other products, please contact factory for price, delivery, and minimums.
Normally stocked
31
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
217 SERIES
Surface Mount Heat Sinks
D
2PAK, TO-220, SOL-20
230 AND 234 SERIES
Compact, Wavesolderable Low-Profile Self-Locking Heat Sinks
Height Above
Footprint
Solderable
Thermal Performance at Typical Load
Standard
PC Board
Dimensions
Mounting
Tab
Mounting
Natural
Forced
P/N
in. (mm)
in. (mm)
Configuation
Option
Style
Convection
Convection)
230-75AB
.750 (19.1)
.570 (14.5) x .500 (12.7)
Vert./Horiz.
No Tab
Clip/Mtg Hole
57°C @ 2W
7.5°C/W @ 400 LFM
230-75AB-01
.750 (19.1)
.570 (14.5) x .500 (12.7)
Vertical
01
Clip/Mtg Hole
57°C @ 2W
7.5°C/W @ 400 LFM
230-75AB-05
.500 (12.7)
.750 (19.1) x .570 (14.5)
Horizontal
05
Clip/Mtg Hole
57°C @ 2W
7.5°C/W @ 400 LFM
230-75AB-10
.875 (22.2)
.570 (14.5) x .500 (12.7)
Vertical
10
Clip/Mtg Hole
57°C @ 2W
7.5°C/W @ 400 LFM
234-75AB
.790 (20.0)
.570 (14.5) x .500 (12.7)
Vert./Horiz
No Tab
Clip/Mtg Hole
57°C @ 2W
7.5°C/W @ 400 LFM
234-75AB-01
.790 (20.0)
.570 (14.5) x .500 (12.7)
Vertical
01
Clip/Mtg Hole
57°C @ 2W
7.5°C/W @ 400 LFM
234-75AB-05
.500 (12.7)
.790 (20.0) x .570 (14.5)
Horizontal
05
Clip/Mtg Hole
57°C @ 2W
7.5°C/W @ 400 LFM
Material: Aluminum, Black Anodized
TO-220
PATENT PENDING
MECHANICAL DIMENSIONS
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
230 SERIES
234 SERIES
230-75AB-05
230-75AB-10
230-75AB-01
234 SERIES
234-75AB
234-75AB-01
234-75AB-05
230 AND 234 SERIES
Dimensions: in. (mm)
217-36CT6
SOL 20
REF: JEDEC TO-263 (DD PAK)
REF: JEDEC MO-169 (DD PAK)
MECHANICAL DIMENSIONS
TUBE: 16.25 Inches Long,
Min. ESDMaterial with Nail
Stops
20 Pieces per Tube
217-36CTT6
217 SERIES
TUBE DETAILS
BOARD LAYOUT RECOMMENDATIONS
Dimensions: in.


Similar Part No. - 230-75ABG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
230-75AB ETC-230-75AB Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
230-75ABE-01 ETC-230-75ABE-01 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
230-75ABE-05 ETC-230-75ABE-05 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
230-75ABE-10 ETC-230-75ABE-10 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
More results

Similar Description - 230-75ABG

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCH PICKER-PCH_15 Datasheet
617Kb / 3P
   Heat Sinks
logo
Recom International Pow...
7G-0011A RECOM-7G-0011A Datasheet
66Kb / 2P
   Powerline Heat-Sinks
logo
List of Unclassifed Man...
PF185G ETC2-PF185G Datasheet
51Kb / 1P
   UNIVERSAL HEAT SINKS
7-362-BA ETC2-7-362-BA Datasheet
169Kb / 1P
   Standard Heat Sinks
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB Datasheet
166Kb / 3P
   Forged Heat Sinks
logo
Lineage Power Corporati...
MHST02520Z LINEAGEPOWER-MHST02520Z Datasheet
572Kb / 9P
   Eighth Brick Power Module Heat Sinks
logo
CTS Corporation
AER19-19-12CB CTS-AER19-19-12CB Datasheet
169Kb / 4P
   AER Forged Heat Sinks
logo
Advanced Thermal Soluti...
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
   High Performance Heat Sinks
REV3_052912
logo
Dielectric Laboratories...
S30AG250KY1234 DILABS-S30AG250KY1234 Datasheet
604Kb / 2P
   HEAT SINKS AND STANDOFFS
logo
Advanced Thermal Soluti...
ATS-1041-C1-R0 ATS-ATS-1041-C1-R0 Datasheet
435Kb / 1P
   High Performance Heat Sinks
REV3_052912
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com