Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

141SAP Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 141SAP
Description  Cooper Hand Tools
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

141SAP Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 141SAP Datasheet HTML 4Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 5Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 6Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 7Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 8Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 9Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 10Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 11Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers with very fine tips e.g. for handling fine wires.
Special stainless steel, anti-glare finish, non-magnetic
Same as 5SA but economy model
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers with medium tips.
Special stainless steel, anti-glare finish, non-magnetic
Same as 2SA but economy model.
115 mm
12 g
5MBS
115 mm
115 mm
115 mm
115 mm
115 mm
12 g
12 g
12 g
16 g
16 g
5FSA
5SA
5SASL
2SA
2SASL
Stainless steel, anti-glare finish
Precision tweezers with extremely fine tips (~ 0,03 x 0,07 mm)
for use in dissection procedures and handling of very small
samples e.g. under microscope. Only for use with soft materials.
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers with extremely fine tips (~ 0,05 x 0,1 mm)
for use in dissection procedures and handling of very small
samples e.g. under microscope. Only for use with soft materials.
90 mm
9 g
M4AS
Stainless steel, anti-glare finish
Micro tweezers with very small, very fine tips, e.g. for working
under microscope or handling tiny parts in HF assembly. Strong tips
due to hardened stainless steel.
110 mm
110 mm
13 g
13 g
4SA
4SASL
Special stainless steel, anti-glare finish, non-magnetic
Precision tweezers with very fine points..
Special stainless steel, anti-glare finish, non-magnetic
Same as 4SA but economy model.
8
Pointed Tips Straight Relieved
Pointed Tips Straight Relieved
Main application:
for better product visibility
e.g. under microscope or
working in confined areas,
for handling tiny components.
Length 90 mm
PRECISION TWEEZERS
Model
Length
Weight
Description
Length 110 mm
Model
Length
Weight
Description
Length 115 mm
Model
Length
Weight
Description


Similar Part No. - 141SAP

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
141SC01G-PCB SENSORTECHNICS-141SC01G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
141SC05G-PCB SENSORTECHNICS-141SC05G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
141SC100G-PCB SENSORTECHNICS-141SC100G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
141SC15G-PCB SENSORTECHNICS-141SC15G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
141SC30G-PCB SENSORTECHNICS-141SC30G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
More results

Similar Description - 141SAP

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-1502 TEC-408-1502 Datasheet
203Kb / 6P
   Hand Crimping Tools
logo
Kyocera Kinseki Corpota...
061001017 KSS-061001017 Datasheet
627Kb / 5P
   HAND CRIMPING TOOLS
061001016 KSS-061001016 Datasheet
627Kb / 5P
   HAND CRIMPING TOOLS
logo
Tyco Electronics
50729 MACOM-50729 Datasheet
490Kb / 10P
   Hand Crimping Tools
logo
List of Unclassifed Man...
2940231-01 ETC1-2940231-01 Datasheet
4Mb / 6P
   Installation Hand Tools
logo
TE Connectivity Ltd
411-1050 TEC-411-1050 Datasheet
371Kb / 5P
   CERTI-CRIMP Hand Tools
408-2029 TEC-408-2029 Datasheet
322Kb / 10P
   ROTA-CRIMP Hand Crimping Tools
408-7235 TEC-408-7235 Datasheet
69Kb / 4P
   CERTI-CRIMP Hand Crimping Tools
logo
List of Unclassifed Man...
DHCR15 ETC2-DHCR15 Datasheet
222Kb / 3P
   LD Terminals, Hand Tools & Accessories
logo
Tyco Electronics
59824-1 MACOM-59824-1 Datasheet
4Mb / 8P
   Premium CERTI-CRIMP II Hand Tools
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com