Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91SA Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 5Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 6Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 7Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 8Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 9Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 10Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 11Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 12Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
<) 30°, special stainless steel, anti-glare finish,
non-magnetic
Precision tweezers curved, relieved.
<) 30°, special stainless steel, anti-glare finish,
non-magnetic
Precision tweezers curved, relieved.
<) 30°, special stainless steel, anti-glare finish,
non-magnetic
Precision tweezers curved, relieved. Very fine tips.
<) 30°, special stainless steel, anti-glare finish,
non-magnetic
Same as 51SA but economy model.
<) 15°, special stainless steel, anti-glare finish,
non-magnetic
Precision tweezers oblique, relieved. Fine tips.
<) 15°, special stainless steel, anti-glare finish,
non-magnetic
Same as 5 ASA but economy model.
115 mm
115 mm
115 mm
115 mm
115 mm
115 mm
12 g
12 g
12 g
12 g
12 g
12 g
5CSA
5BSA
51SA
51SASL
5ASA
5ASASL
3CBS
110 mm
11 g
<) 40°, stainless steel, anti-glare finish
Precision tweezers bent for delicate circuit board assembly.
258SA
120 mm
15 g
9
Pointed Tips Straight Relieved
PRECISION TWEEZERS
Length 120 mm
Length 110 mm
Model
Length
Weight
Description
Pointed Tips Bent
Model
Length
Weight
Description
Length 115 mm
Model
Length
Weight
Description
Pointed Tips Bent
Main application:
for better product visibility
and handling e.g. working
in confined areas and under
microscope.
Special stainless steel/PPS, anti-glare finish, non-
magnetic, ESD safe
Precision tweezers with serrated grips and synthetic tips (PPS).
Heat resistant up to 250°C (480°F). Resistant to acids and solder.
Waterproof, ESD safe.


Similar Part No. - 91SA

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
91SMO WK-91SMO Datasheet
105Kb / 1P
   Crystal Clock Oscillators
91SMO3VJ WK-91SMO3VJ Datasheet
105Kb / 1P
   Crystal Clock Oscillators
91SMO3VJK WK-91SMO3VJK Datasheet
105Kb / 1P
   Crystal Clock Oscillators
91SMO3VJS WK-91SMO3VJS Datasheet
105Kb / 1P
   Crystal Clock Oscillators
91SMO3VJSS WK-91SMO3VJSS Datasheet
105Kb / 1P
   Crystal Clock Oscillators
More results

Similar Description - 91SA

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-1502 TEC-408-1502 Datasheet
203Kb / 6P
   Hand Crimping Tools
logo
Kyocera Kinseki Corpota...
061001017 KSS-061001017 Datasheet
627Kb / 5P
   HAND CRIMPING TOOLS
061001016 KSS-061001016 Datasheet
627Kb / 5P
   HAND CRIMPING TOOLS
logo
Tyco Electronics
50729 MACOM-50729 Datasheet
490Kb / 10P
   Hand Crimping Tools
logo
List of Unclassifed Man...
2940231-01 ETC1-2940231-01 Datasheet
4Mb / 6P
   Installation Hand Tools
logo
TE Connectivity Ltd
411-1050 TEC-411-1050 Datasheet
371Kb / 5P
   CERTI-CRIMP Hand Tools
408-2029 TEC-408-2029 Datasheet
322Kb / 10P
   ROTA-CRIMP Hand Crimping Tools
408-7235 TEC-408-7235 Datasheet
69Kb / 4P
   CERTI-CRIMP Hand Crimping Tools
logo
List of Unclassifed Man...
DHCR15 ETC2-DHCR15 Datasheet
222Kb / 3P
   LD Terminals, Hand Tools & Accessories
logo
Tyco Electronics
59824-1 MACOM-59824-1 Datasheet
4Mb / 8P
   Premium CERTI-CRIMP II Hand Tools
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com