Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHK432ILY-5-B1 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AHK432ILY-5-B1
Description  Adjustable Low Voltage Shunt Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AHK432ILY-5-B1 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AHK432ILY-5-B1 Datasheet HTML 1Page - Advanced Analogic Technologies AHK432ILY-5-B1 Datasheet HTML 2Page - Advanced Analogic Technologies AHK432ILY-5-B1 Datasheet HTML 3Page - Advanced Analogic Technologies AHK432ILY-5-B1 Datasheet HTML 4Page - Advanced Analogic Technologies AHK432ILY-5-B1 Datasheet HTML 5Page - Advanced Analogic Technologies AHK432ILY-5-B1 Datasheet HTML 6Page - Advanced Analogic Technologies AHK432ILY-5-B1 Datasheet HTML 7Page - Advanced Analogic Technologies AHK432ILY-5-B1 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (T
A=25°C unless otherwise noted)
Note: Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at con-
ditions other than the operating conditions specified is not implied. Only one Absolute Maximum rating should be applied at any one time.
Electrical Characteristics (T
J=25°C unless otherwise noted)
AHK432 0.5%
AHK432 1.0%
AHK432 2.0%
Symbol
Description
Conditions
min
typ
max
min
typ
Max min
typ
max Units
VZ=VREF
TA=25°C 1.234 1.240 1.246 1.228 1.240 1.252 1.215 1.240 1.265
V
VREF
Reference
IZ=10mA
Voltage
(test circuit 1)
TA=-40
1.222
1.258 1.215
1.265 1.200
1.280
to +105°C
VDEV
VREF Temp
TA=-40 to +105°C,
10
25
10
25
10
25
mV
Deviation
VZ=VREF, IZ=10mA
(test circuit 1)
∆V
REF/∆VZ
Ratio of
IZ=10mA,
-1.0
-2.7
-1.0
-2.7
-1.0
-2.7
mV/V
Change in VREF
∆V
Z=16V to VREF
to Change in
(test circuit 2)
Cathode Voltage
IREF
Reference
R1=10k
Ω,
0.15
0.5
0.15
0.5
0.15
0.5
µA
Input Current
R2=
∞, I
Z=10mA
(test circuit 2)
IREF(DEV)
IREF Temp
TA=-40 to +105°C
0.1
0.4
0.1
0.4
0.1
0.4
µA
Deviation
R1=10k
Ω , R2=∞,
IZ=10mA
(test circuit 2)
IZ(OFF)
Off State
VREF=0V
VZ=6V
0.04
0.1
0.04
0.1
0.04
0.1
µA
Cathode Current
(test circuit 3)
VZ=16V
0.04
0.5
0.04
0.5
0.04
0.5
RZ
Dynamic
f<1kHz, VZ=VREF,
0.05
0.2
0.05
0.2
0.05
0.2
Output
IZ=100mA to 100mA
Impedance
(test circuit 1)
IZ(MIN)
Minimum
VZ=VREF
60
80
60
80
60
80
µA
Operating
(test circuit 1)
Current
Symbol
Description
Value
Units
VZ
Cathode Voltage
20
V
IZ
Continuous Cathode Current
100
mA
IREF
Reference Current
3
mA
TJ
Operating Junction Temperature Range
-40 to 150
°C
Θ
JA
Maximum Thermal Resistance
TO-92
160
°C/W
SOT-23-3, SOT-23-5
410
PD
Maximum Power Dissipation
TO-92
780
mW
SOT-23-3, SOT-23-5
300
TLEAD
Maximum Soldering Temperature (at Leads)
260
°C
AHK432
Adjustable Low Voltage Shunt Regulator
2
432.2001.11.0.96


Similar Part No. - AHK432ILY-5-B1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432ILY-.5-A1 AAT-AHK432ILY-.5-A1 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Advanced Analogic Techn...
AHK432ILY-.5-A1 ANALOGICTECH-AHK432ILY-.5-A1 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Advanced Analog Technol...
AHK432ILY-.5-B1 AAT-AHK432ILY-.5-B1 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Advanced Analogic Techn...
AHK432ILY-.5-B1 ANALOGICTECH-AHK432ILY-.5-B1 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Advanced Analog Technol...
AHK432ILY-1-A1 AAT-AHK432ILY-1-A1 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
More results

Similar Description - AHK432ILY-5-B1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431L ETC1-CM431L Datasheet
354Kb / 13P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com