Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLG-80H-24A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HLG-80H-24A
Description  80W Single Output Switching Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HLG-80H-24A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HLG-80H-24A Datasheet HTML 1Page - List of Unclassifed Manufacturers HLG-80H-24A Datasheet HTML 2Page - List of Unclassifed Manufacturers HLG-80H-24A Datasheet HTML 3Page - List of Unclassifed Manufacturers HLG-80H-24A Datasheet HTML 4Page - List of Unclassifed Manufacturers HLG-80H-24A Datasheet HTML 5Page - List of Unclassifed Manufacturers HLG-80H-24A Datasheet HTML 6Page - List of Unclassifed Manufacturers HLG-80H-24A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
64
68
72
76
80
84
88
92
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
277Vac
230Vac
115Vac
0.78
0.80
0.82
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
50%
60%
70%
80%
90%
100%
277V a c
230V a c
115V a c
HLG-80H series possess superior working efficiency that up to 91% can be reached in field applications.
LOAD
(80W)
Constant Current Mode
There are two major kinds of LED drive method "direct drive" and "with LED driver".
A typical LED power supply may either work in "constant voltage mode (CV) or constant current mode (CC)" to drive the LEDs.
Mean Well's LED power supply with CV+ CC characteristic can be operated at both CV mode [with LED driver, at area (A)] and CC mode [direct drive, at area (B)].
DRIVING METHODS OF LED MODULE
Typical LED power supply I-V curve
In the constant current region, the highest voltage at the output of the driver
depends on the configuration of the end systems.
Should there be any compatibility issues, please contact MEAN WELL.
100
60
50
100
(max.)
Io (%)
Constant
Current area
Hiccup
Protection
Constant
Voltage area
(A)
(B)
(C)
80W Single Output Switching Power Supply
HLG-80H series
File Name:HLG-80H-SPEC 2013-12-25
Power Factor Characteristic
EFFICIENCY vs LOAD (48V Model)
LOAD


Similar Part No. - HLG-80H-24A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-80H-24 MEANWELL-HLG-80H-24 Datasheet
391Kb / 6P
   80W Single Output Switching Power Supply
HLG-80H-24 MEANWELL-HLG-80H-24 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
More results

Similar Description - HLG-80H-24A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLP-80H MEANWELL-HLP-80H_12 Datasheet
355Kb / 4P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
   80W Single Output Switching Power Supply
HLP-80H MEANWELL-HLP-80H Datasheet
363Kb / 4P
   80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H Datasheet
266Kb / 5P
   80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H Datasheet
391Kb / 6P
   80W Single Output Switching Power Supply
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
   80W Switching Mode DC Power Supply
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
VSBU-150 CUI-VSBU-150 Datasheet
194Kb / 3P
   single output switching power supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com