Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLG-80H-24A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HLG-80H-24A
Description  80W Single Output Switching Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HLG-80H-24A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HLG-80H-24A Datasheet HTML 1Page - List of Unclassifed Manufacturers HLG-80H-24A Datasheet HTML 2Page - List of Unclassifed Manufacturers HLG-80H-24A Datasheet HTML 3Page - List of Unclassifed Manufacturers HLG-80H-24A Datasheet HTML 4Page - List of Unclassifed Manufacturers HLG-80H-24A Datasheet HTML 5Page - List of Unclassifed Manufacturers HLG-80H-24A Datasheet HTML 6Page - List of Unclassifed Manufacturers HLG-80H-24A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
230VAC
Input only
※ IP67 rated. Timer dimming function, contact MEAN WELL for details.
300 20
±
FG
(Green/Yellow)
SVT 18AWG 2C
×
SJTW 18AWG 3C
×
195.6
171.8
AC/L(Brown)
AC/N(Blue)
12
9.6
ψ×
4.2 4PL
300 20
±
+V(Red)
-V(Black)
85.9
Tcase
※ T case: Max. Case Temperature.
DIM+
(B Type)
DIM-
DETECTION
PWM & PFC
CIRCUIT
O.L.P.
O.T.P.
EMI FILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
80W Single Output Switching Power Supply
HLG-80H series
D Type(option):(HLG-80H-_D)
File Name:HLG-80H-SPEC 2013-12-25
Fosc : 100KHz
Block Diagram
Derating Curve
Static Characteristics
AMBIENT TEMPERATURE (
)
-40
-25
0
-10
15
30
50
60
70
20
40
60
80
100
INPUT VOLTAGE (V) 60Hz
90
100
125
135
145
155
165
175
180
200
230
305
100
90
80
70
60
50
40
(HORIZONTAL)


Similar Part No. - HLG-80H-24A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-80H-24 MEANWELL-HLG-80H-24 Datasheet
391Kb / 6P
   80W Single Output Switching Power Supply
HLG-80H-24 MEANWELL-HLG-80H-24 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
More results

Similar Description - HLG-80H-24A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLP-80H MEANWELL-HLP-80H_12 Datasheet
355Kb / 4P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
   80W Single Output Switching Power Supply
HLP-80H MEANWELL-HLP-80H Datasheet
363Kb / 4P
   80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H Datasheet
266Kb / 5P
   80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H Datasheet
391Kb / 6P
   80W Single Output Switching Power Supply
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
   80W Switching Mode DC Power Supply
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
VSBU-150 CUI-VSBU-150 Datasheet
194Kb / 3P
   single output switching power supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com