Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y14870R12400C9R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Y14870R12400C9R
Description  Vishay Foil Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y14870R12400C9R Datasheet(HTML) 2 Page - Vishay Siliconix

  Y14870R12400C9R Datasheet HTML 1Page - Vishay Siliconix Y14870R12400C9R Datasheet HTML 2Page - Vishay Siliconix Y14870R12400C9R Datasheet HTML 3Page - Vishay Siliconix Y14870R12400C9R Datasheet HTML 4Page - Vishay Siliconix Y14870R12400C9R Datasheet HTML 5Page - Vishay Siliconix Y14870R12400C9R Datasheet HTML 6Page - Vishay Siliconix Y14870R12400C9R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CSM Series
Vishay Foil Resistors
www.vishayfoilresistors.com
For any questions, contact: foil@vishaypg.com
Document Number: 63089
2
Revision: 3-May-11
ABOUT CSM
(Low Ohm Value 1 m
Ω to 200 mΩ)
New high-precision Bulk Metal® surface-mount Power Metal
Strip® resistor of 1 m
Ω to 200 mΩ that features an improved
load-life stability of ± 0.2 % at + 70 °C for 2000 h at rated
power, an absolute TCR of ± 15 ppm/°C maximum from
- 55 °C to + 125 °C, + 25 °C ref., and a tolerance of ± 0.1 %.
Typical current sensing resistors offer a load-life stability of
≥ 1 % through a 2000 h workload. The improved resistance
stability of the CSM
Series makes it ideal for
tightened-stability voltage division and precision current
sensing applications in switching linear power supplies,
power amplifiers, measurement instrumentation, bridge
networks, and medical and test equipment. In addition, the
CSM Series complies with EEE-INST-002 (MIL-PRF 55342
and MIL-PRF 49465) for military and space applications.
Traditional Passive current sensors and shunts generate
heat under power, which changes their resistance, and thus
their voltage output. The CSM’s low absolute TCR reduces
errors due to temperature gradients, thus reducing a major
source of uncertainty in current measurement. The CSM
can withstand unconventional environmental conditions,
including the extremely high temperatures and radiation-rich
environments of down-hole oil exploration and well logging,
or the deep-sea underwater repeaters in cross-ocean
communications.
The stability of the CSM can be further enhanced by
post-manufacturing operations (PMO), such as temperature
cycling, short-time overload, and accelerated load life which
are uniquely applicable to Bulk Metal® Foil resistors.
The device features a low thermal electromotive force (EMF)
that is critical in many precision applications. The CSM’s
all-welded construction is composed of a Bulk Metal®
resistive element with welded copper terminations, plated for
soldering. The terminations make true ohmic contact with the
resistive layer along the entire side of the resistive element,
thereby minimizing temperature variations. Also, the resistor
element is designed to uniformly dissipate power without
creating hot spots, and the welded terminations material is
compatible with the element material.
These design factors result in a very low thermal-EMF
(3 µV/°C) resistor, because in addition to the low thermal
EMF compatibility of the metals, the uniformity and thermal
efficiency of the design minimizes the temperature
differential across the resistor, thereby assuring low thermal
EMF generation at the leads. This further reduces the
“battery effect” exhibited by most current-sensing or
voltage-reference resistors. Thus, the parasitic voltage
generated at the junction of two dissimilar metals, which is
especially important in low-value current-sensing resistors, is
minimized, while the pure current-to-voltage conversion is
protected from such interference in DC applications.
The stability problems associated with analog circuits are
very pervasive, but knowledgeable selection of a few
high-quality resistors, networks, or trimming potentiometers
in critical locations can greatly improve circuit performance,
long-term application-related performance, as well as the
designer’s peace-of-mind.
Additionally, the overall system cost is often reduced when a
knowledgeable designer concentrates costs in a few
exceptionally stable components whose proven minimal-
deviation load and environmental stability can often eliminate
the necessity of additional compensating circuitry or
temperature-controlling systems. The higher reliability and
better overall system performances also achieve excellent
product results in the field, enhancing market acceptance
and product reputation.
Designers often unnecessarily pay for tighter tolerances than
required simply to accommodate the resistance stability
shifts they know to be imminent in an application due to the
large application-related changes in the components they
selected. Selection of a high-stability component like the
CSM in these applications eliminates the need for shift
allowance due to “planned instability” and allows the use of
looser initial tolerances than would be necessary with
current-sensing resistors based on other technologies.
The Key Applications
Applications requiring accuracy and repeatability under
stress conditions such as the following:
• Switching and linear power supplies
• Precision current-sensing
• Power management systems
• Feedback circuits
• Power amplifiers
• Measurement instrumentation
• Precision instrumentation amplifiers
• Medical and automatic test equipment
• Satellites and aerospace systems
• Commercial and Military avionics
• Test and measurement equipment
• Electronic scales


Similar Part No. - Y14870R12400C9R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y14870R12400B0R VISHAY-Y14870R12400B0R Datasheet
1Mb / 8P
   Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
Revision: 3-May-11
More results

Similar Description - Y14870R12400C9R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1240 VISHAY-1240_10 Datasheet
476Kb / 5P
   Vishay Foil Resistors
Revision: 23-Mar-10
logo
Riedon Powertron
USR2-0808 RIEDON-USR2-0808_15 Datasheet
185Kb / 2P
   Precision Foil Resistors
FNR2E-0R025F1 RIEDON-FNR2E-0R025F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R15F1 RIEDON-FNR2E-0R15F1 Datasheet
221Kb / 2P
   Foil Power Resistors
USR2-T220B RIEDON-USR2-T220B Datasheet
354Kb / 3P
   Precision Foil Resistors
FPR2-T227 RIEDON-FPR2-T227 Datasheet
360Kb / 2P
   Foil Power Resistors
USR2-1410 RIEDON-USR2-1410_13 Datasheet
162Kb / 2P
   Precision Foil Resistors
USR2G-25KX1 RIEDON-USR2G-25KX1 Datasheet
185Kb / 2P
   Precision Foil Resistors
FNR2E-0R1F1 RIEDON-FNR2E-0R1F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R02F1 RIEDON-FNR2E-0R02F1 Datasheet
221Kb / 2P
   Foil Power Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com