Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHK1117XMY-33-B1 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AHK1117XMY-33-B1
Description  1 Amp Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AHK1117XMY-33-B1 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

  AHK1117XMY-33-B1 Datasheet HTML 1Page - Advanced Analogic Technologies AHK1117XMY-33-B1 Datasheet HTML 2Page - Advanced Analogic Technologies AHK1117XMY-33-B1 Datasheet HTML 3Page - Advanced Analogic Technologies AHK1117XMY-33-B1 Datasheet HTML 4Page - Advanced Analogic Technologies AHK1117XMY-33-B1 Datasheet HTML 5Page - Advanced Analogic Technologies AHK1117XMY-33-B1 Datasheet HTML 6Page - Advanced Analogic Technologies AHK1117XMY-33-B1 Datasheet HTML 7Page - Advanced Analogic Technologies AHK1117XMY-33-B1 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AHK1117
1 Amp Linear Regulator
Advanced Analogic Technologies, Inc.
1250 Oakmead Pkwy, Suite 310, Sunnyvale, CA 94086
(408)524-9684 Fax (408)524-9689
ANALOGIC
TECH
TM
1117.2000.05.0.92
Package Information
E
H1
Q
C P
E - PIN
R
L
b 1
e 3
b
e
e 1
F
A
( 5 X )
a
D
C1
H
Millimeters
Inches
Min
Max
Min
Max
A
4.06
4.83
0.160
0.190
b
0.63
1.02
0.025
0.040
C1
0.38
0.56
0.015
0.022
D
14.22
14.99
0.560
0.590
E
9.78
10.54
0.385
0.415
e
2.29
2.79
0.090
0.110
e1
4.83
5.33
0.190
0.210
e3
1.14
1.40
0.045
0.055
F
1.14
1.40
0.045
0.055
H1
5.94
6.55
0.234
0.258
K
2.29
2.92
0.090
0.115
CP
3.71
3.96
0.146
0.156
Q
2.62
2.87
0.103
0.113
L
13.16
13.79
0.518
0.543
a
b1
1.14
1.52
0.045
0.060
R
6.17 REF
0.243 REF
Note:
1.
Dimension C1 apply for TIN plate finish.
2.
For solder DIP lead finish dimension, C1
should be 0.015”~0.027” (0.38mm~0.69mm)
e
S
H
E
B
D
A1
A
e1
B1
t
0
01
0 2
c
Millimeters
Inches
Dim
Min
Max
Min
Max
A
1.50
4.83
0.060
0.067
A1
0.02
1.02
0.001
0.004
B
2.95
0.56
0.116
0.124
B1
0.65
14.99
0.026
0.033
C
0.25
10.54
0.100
0.014
D
6.30
2.79
0.248
0.264
e
2.30 TYP
0.0905 TYP
e 1
4.60 TYP
0.181 TYP
E
3.30
1.40
0.130
0.146
H
6.70
6.55
0.264
0.287
S
0.85
2.92
0.033
0.041
t
1.10
3.96
0.043
0.051
θ
10
° MAX
10
° MAX
θ1
10
16
°
10
°
16
°
θ2
10
16
°
10
°
16
°
Note:
1.
Package outline exclusive of any mold flashes
dimension.
2.
Package outline exclusive of burr dimension.
SOT 223
TO 220
2-7


Similar Part No. - AHK1117XMY-33-B1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
AHK1 HAMMOND-AHK1 Datasheet
77Kb / 2P
   Quality Products. Service Excellence
More results

Similar Description - AHK1117XMY-33-B1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1117 ANALOGICTECH-AAT1117 Datasheet
65Kb / 8P
   1 Amp Linear Regulator
logo
Seme LAB
IP140A SEME-LAB-IP140A Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
IP7805SMD SEME-LAB-IP7805SMD Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
IP140A SEME-LAB-IP140A_07 Datasheet
87Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
IP1R17A SEME-LAB-IP1R17A_07 Datasheet
87Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
logo
Acutechnology Semicondu...
AQ111 ACUTECH-AQ111 Datasheet
586Kb / 9P
   Low Dropout 1 Amp Voltage Regulator
AQ1117 ACUTECH-AQ1117 Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
logo
Seme LAB
LM3940 SEME-LAB-LM3940 Datasheet
84Kb / 4P
   1 AMP LOW DROPOUT REGULATOR FOR
logo
Analog Devices
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com