Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y14870R12400F0R Datasheet(PDF) 4 Page - Vishay Siliconix

Part # Y14870R12400F0R
Description  Vishay Foil Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y14870R12400F0R Datasheet(HTML) 4 Page - Vishay Siliconix

  Y14870R12400F0R Datasheet HTML 1Page - Vishay Siliconix Y14870R12400F0R Datasheet HTML 2Page - Vishay Siliconix Y14870R12400F0R Datasheet HTML 3Page - Vishay Siliconix Y14870R12400F0R Datasheet HTML 4Page - Vishay Siliconix Y14870R12400F0R Datasheet HTML 5Page - Vishay Siliconix Y14870R12400F0R Datasheet HTML 6Page - Vishay Siliconix Y14870R12400F0R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TABLE 2 - CSM SERIES PERFORMANCE SPECIFICATIONS
TEST
CONDITIONS
MIL-PRF-49465B
ΔR LIMITS
CSM2512/CSM3637
TYPICAL
ΔR LIMITS
MAXIMUM
ΔR LIMITS
Thermal Shock
- 55 °C to + 150 °C, 1000 cycles,
15 min at each extreme
± (0.5 % + 0.0005R)
0.1 %
0.3 %
Load Life Stability
2000 h, 70 °C at rated power
± (1.0 % + 0.0005R)
0.2 %
0.5 %
Bias Humidity
+ 85 °C, 85 % humidity
10 % bias, 1000 h
± (0.5 % + 0.0005R)
0.05 %
0.2 %
Short Time Overload
5 x rated power for 5 s
(See note (3) from table 1)
± (0.5 % + 0.0005R)
0.1 %
0.2 %
High Temperature Exposure
1000 h, 170 °C
± (1.0 % + 0.0005R)
0.2 %
0.3 %
Low Temperature Storage
- 65 °C for 24 h
± (0.5 % + 0.0005R)
0.05 %
0.1 %
Moisture Resistance
MIL-STD-202, method 106,
0 power, 7a and 7b not required
± (0.5 % + 0.0005R)
0.02 %
0.05 %
Shock
100 g, 6 ms, 5 pulses
± (0.1 % + 0.0005R)
0.02 %
0.05 %
Vibration
(10 Hz to 2000 Hz) 20 g
± (0.1 % + 0.0005R)
0.02 %
0.05 %
Resistance to Soldering Heat
10 s to 12 s at + 260 °C
± (0.25 % + 0.0005R)
0.05 %
0.1 %
Solderability
MIL-STD-202
95 % coverage
-
-
FIGURE 3 - LOAD LIFE RESULTS OF CSM2512
0
500
1000
1500
2000
2500
-3000
-2500
-2000
-1500
-1000
-500
0
500
1000
1500
2000
2500
3000
CSM2512 0R05
Load Life 2000HRS @ 1W @ +70C (15 units)
Time (Hours)
CSM Series
Vishay Foil Resistors
www.vishayfoilresistors.com
For any questions, contact: foil@vishaypg.com
Document Number: 63089
4
Revision: 3-May-11


Similar Part No. - Y14870R12400F0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y14870R12400B0R VISHAY-Y14870R12400B0R Datasheet
1Mb / 8P
   Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
Revision: 3-May-11
More results

Similar Description - Y14870R12400F0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1240 VISHAY-1240_10 Datasheet
476Kb / 5P
   Vishay Foil Resistors
Revision: 23-Mar-10
logo
Riedon Powertron
USR2-0808 RIEDON-USR2-0808_15 Datasheet
185Kb / 2P
   Precision Foil Resistors
FNR2E-0R025F1 RIEDON-FNR2E-0R025F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R15F1 RIEDON-FNR2E-0R15F1 Datasheet
221Kb / 2P
   Foil Power Resistors
USR2-T220B RIEDON-USR2-T220B Datasheet
354Kb / 3P
   Precision Foil Resistors
FPR2-T227 RIEDON-FPR2-T227 Datasheet
360Kb / 2P
   Foil Power Resistors
USR2-1410 RIEDON-USR2-1410_13 Datasheet
162Kb / 2P
   Precision Foil Resistors
USR2G-25KX1 RIEDON-USR2G-25KX1 Datasheet
185Kb / 2P
   Precision Foil Resistors
FNR2E-0R1F1 RIEDON-FNR2E-0R1F1 Datasheet
221Kb / 2P
   Foil Power Resistors
FNR2E-0R02F1 RIEDON-FNR2E-0R02F1 Datasheet
221Kb / 2P
   Foil Power Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com