Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCG121SVLPAANN-AN20 Datasheet(PDF) 8 Page - Kyocera Kinseki Corpotation

Part # TCG121SVLPAANN-AN20
Description  12.1 inch SVGA transmissive color TFT with LED backlight
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TCG121SVLPAANN-AN20 Datasheet(HTML) 8 Page - Kyocera Kinseki Corpotation

Back Button TCG121SVLPAANN-AN20 Datasheet HTML 4Page - Kyocera Kinseki Corpotation TCG121SVLPAANN-AN20 Datasheet HTML 5Page - Kyocera Kinseki Corpotation TCG121SVLPAANN-AN20 Datasheet HTML 6Page - Kyocera Kinseki Corpotation TCG121SVLPAANN-AN20 Datasheet HTML 7Page - Kyocera Kinseki Corpotation TCG121SVLPAANN-AN20 Datasheet HTML 8Page - Kyocera Kinseki Corpotation TCG121SVLPAANN-AN20 Datasheet HTML 9Page - Kyocera Kinseki Corpotation TCG121SVLPAANN-AN20 Datasheet HTML 10Page - Kyocera Kinseki Corpotation TCG121SVLPAANN-AN20 Datasheet HTML 11Page - Kyocera Kinseki Corpotation TCG121SVLPAANN-AN20 Datasheet HTML 12Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Spec No.
TQ3C-8EAF0-E1YAC14-00
Part No.
TCG121SVLPAANN-AN20
Page
5
M303011
5-2. Constant current circuit for LED Backlight
Temp. = -20∼70°C
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply voltage
1)
VIN
-
10.8
12.0
13.2
V
Current consumption
IIN
2)
-
400
600
mA
Permissive input ripple voltage
VRP_BL
VIN=12.0V
-
-
100
mVp-p
VIL_BLBRT
"Low" level
0
-
0.8
V
BLBRT Input signal voltage
VIH_BLBRT
"High" level
2.3
-
VIN
V
BLBRT Input pull-down resistance
RIN_BLBRT
-
100
300
500
VIL_BLEN
"Low" level
0
-
0.8
V
BLEN Input signal voltage
VIH_BLEN
"High" level
2.3
-
VIN
V
BLEN Input pull-down resistance
RIN_BLEN
-
100
300
500
PWM Frequency
3)
fPWM
-
200
-
10k
Hz
PWM Duty ratio
DPWM
-
(50)
-
100
%
Operating life time
4), 5)
T
Temp.=25°C
-
70,000
-
h
1)
VIN-turn-on conditions
2) VIN = 12V, Temp. = 25℃,DPWM = 100%
LED
Backlight
PWM signal


Similar Part No. - TCG121SVLPAANN-AN20

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCG121SVLPAANN-AN20 KSS-TCG121SVLPAANN-AN20 Datasheet
3Mb / 8P
   Display the Difference
More results

Similar Description - TCG121SVLPAANN-AN20

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCG121SVLQEPNN-AN20 KSS-TCG121SVLQEPNN-AN20 Datasheet
606Kb / 27P
   12.1 inch SVGA transmissive color TFT with LED backlight
TCG084SVLPAANN-AN20 KSS-TCG084SVLPAANN-AN20 Datasheet
545Kb / 26P
   8.4 inch SVGA transmissive color TFT with LED backlight
TCG084SVLQAPNN-AN20 KSS-TCG084SVLQAPNN-AN20 Datasheet
684Kb / 26P
   8.4 inch SVGA transmissive color TFT with LED backlight
TCG104SVLPAANN-AN20 KSS-TCG104SVLPAANN-AN20 Datasheet
560Kb / 27P
   10.4 inch SVGA transmissive color TFT with LED backlight
TCG121XGLPAPNN-AN20 KSS-TCG121XGLPAPNN-AN20 Datasheet
539Kb / 28P
   12.1 inch XGA transmissive color TFT with LED backlight
TCG104SVLQAPNN-AN20 KSS-TCG104SVLQAPNN-AN20 Datasheet
621Kb / 27P
   10.4 inch SVGA transmissive color TFT with LED backlight
TCG084SVLPAANN-AN30 KSS-TCG084SVLPAANN-AN30 Datasheet
651Kb / 26P
   8.4 inch SVGA transmissive color TFT with LED backlight
TCG104SVLQJPNN-AN41 KSS-TCG104SVLQJPNN-AN41 Datasheet
746Kb / 27P
   10.4 inch SVGA transmissive color TFT with LED backlight
T-55787GD104J-LW-AGN KSS-T-55787GD104J-LW-AGN Datasheet
629Kb / 26P
   10.4 inch SVGA transmissive color TFT with LED backlight and constant current circuit for LED backlight
February 24, 2014
TCG121XGLPBPNN-AN40 KSS-TCG121XGLPBPNN-AN40 Datasheet
513Kb / 28P
   12.1 inch XGA transmissive color TFT with LED backlight and constant current circuit for LED backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com