Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCG043WQLBAANN-GN50 Datasheet(PDF) 8 Page - Kyocera Kinseki Corpotation

Part # TCG043WQLBAANN-GN50
Description  4.3 inch WQVGA transmissive color TFT with LED backlight
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TCG043WQLBAANN-GN50 Datasheet(HTML) 8 Page - Kyocera Kinseki Corpotation

Back Button TCG043WQLBAANN-GN50 Datasheet HTML 4Page - Kyocera Kinseki Corpotation TCG043WQLBAANN-GN50 Datasheet HTML 5Page - Kyocera Kinseki Corpotation TCG043WQLBAANN-GN50 Datasheet HTML 6Page - Kyocera Kinseki Corpotation TCG043WQLBAANN-GN50 Datasheet HTML 7Page - Kyocera Kinseki Corpotation TCG043WQLBAANN-GN50 Datasheet HTML 8Page - Kyocera Kinseki Corpotation TCG043WQLBAANN-GN50 Datasheet HTML 9Page - Kyocera Kinseki Corpotation TCG043WQLBAANN-GN50 Datasheet HTML 10Page - Kyocera Kinseki Corpotation TCG043WQLBAANN-GN50 Datasheet HTML 11Page - Kyocera Kinseki Corpotation TCG043WQLBAANN-GN50 Datasheet HTML 12Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Spec No.
TQ3C-8EAF0-E1DFF31-00
Part No.
TCG043WQLBAANN-GN50
Page
5
M407011
6-3. Definition of viewing angle
6-4. Brightness measuring points
1) Rating is defined as the white brightness at center of display screen(3).
2) Measured 5 minutes after the LED is powered on. (Ambient temp. = 25°C)
-x
+x
-y
+y
φ=0°
θLOWER
θUPPER
-x
+x
-y
θ=0°
φRIGHT
φLEFT
θ direction
φ direction
+y
(dot)
(dot)
120×3
240×3
360×3
68
136
204
1
2
3
4
5


Similar Part No. - TCG043WQLBAANN-GN50

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCG043WQLBAANN-GN50 KSS-TCG043WQLBAANN-GN50 Datasheet
3Mb / 8P
   Display the Difference
More results

Similar Description - TCG043WQLBAANN-GN50

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCG043WQLBAANN-GN00 KSS-TCG043WQLBAANN-GN00 Datasheet
479Kb / 20P
   4.3 inch WQVGA transmissive color TFT with LED backlight
logo
Hantronix,Inc
HDA430-3H HANTRONIX-HDA430-3H_15 Datasheet
239Kb / 3P
   4.3 480x272 TFT Transmissive Color Landscape White LED Backlight
logo
Kyocera Kinseki Corpota...
TCG035QVLPDANN-GN50 KSS-TCG035QVLPDANN-GN50 Datasheet
406Kb / 22P
   3.5 inch QVGA transmissive color TFT with LED backlight
TCG084SVLPAANN-AN30 KSS-TCG084SVLPAANN-AN30 Datasheet
651Kb / 26P
   8.4 inch SVGA transmissive color TFT with LED backlight
TCG121XGLPAPNN-AN20 KSS-TCG121XGLPAPNN-AN20 Datasheet
539Kb / 28P
   12.1 inch XGA transmissive color TFT with LED backlight
TCG104VGLAAANN-AN00 KSS-TCG104VGLAAANN-AN00 Datasheet
346Kb / 22P
   10.4 inch VGA transmissive color TFT with LED backlight
TCG084VGLAAANN-AN50 KSS-TCG084VGLAAANN-AN50 Datasheet
362Kb / 21P
   8.4 inch VGA transmissive color TFT with LED backlight
TCG104SVLQAPNN-AN20 KSS-TCG104SVLQAPNN-AN20 Datasheet
621Kb / 27P
   10.4 inch SVGA transmissive color TFT with LED backlight
TCG085WVLQDPNN-GN00 KSS-TCG085WVLQDPNN-GN00 Datasheet
456Kb / 24P
   8.5 inch WVGA transmissive color TFT with LED backlight
TCG121SVLQEPNN-AN20 KSS-TCG121SVLQEPNN-AN20 Datasheet
606Kb / 27P
   12.1 inch SVGA transmissive color TFT with LED backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com