Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCG035QVLPAANN-AN00 Datasheet(PDF) 8 Page - Kyocera Kinseki Corpotation

Part # TCG035QVLPAANN-AN00
Description  3.5 inch QVGA transmissive color TFT with LED backlight
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TCG035QVLPAANN-AN00 Datasheet(HTML) 8 Page - Kyocera Kinseki Corpotation

Back Button TCG035QVLPAANN-AN00 Datasheet HTML 4Page - Kyocera Kinseki Corpotation TCG035QVLPAANN-AN00 Datasheet HTML 5Page - Kyocera Kinseki Corpotation TCG035QVLPAANN-AN00 Datasheet HTML 6Page - Kyocera Kinseki Corpotation TCG035QVLPAANN-AN00 Datasheet HTML 7Page - Kyocera Kinseki Corpotation TCG035QVLPAANN-AN00 Datasheet HTML 8Page - Kyocera Kinseki Corpotation TCG035QVLPAANN-AN00 Datasheet HTML 9Page - Kyocera Kinseki Corpotation TCG035QVLPAANN-AN00 Datasheet HTML 10Page - Kyocera Kinseki Corpotation TCG035QVLPAANN-AN00 Datasheet HTML 11Page - Kyocera Kinseki Corpotation TCG035QVLPAANN-AN00 Datasheet HTML 12Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Spec No.
TQ3C-8EAF0-E1YAD10-00
Part No.
TCG035QVLPAANN-AN00
Page
5
M303011
6-3. Definition of viewing angle
6-4. Brightness measuring points
1) Rating is defined as the white brightness at center of display screen(3).
2) The brightness uniformity is calculated by using following formula.
Brightness uniformity =
3) 30 minutes after LED is turned on. (Ambient Temp.=25℃)
Minimum brightness from 1 to 5
× 100 [%]
Maximum brightness from 1 to 5
-x
+x
-y
+y
φ=0°
θLOWER
θUPPER
-x
+x
-y
θ=0°
φRIGHT
φLEFT
θ direction
φ direction
+y
(dot)
(dot)
80×3
160×3
240×3
60
120
180
1
2
3
4
5


Similar Part No. - TCG035QVLPAANN-AN00

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCG035QVLPDANN-GN50 KSS-TCG035QVLPDANN-GN50 Datasheet
406Kb / 22P
   3.5 inch QVGA transmissive color TFT with LED backlight
More results

Similar Description - TCG035QVLPAANN-AN00

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCG035QVLPDANN-GN50 KSS-TCG035QVLPDANN-GN50 Datasheet
406Kb / 22P
   3.5 inch QVGA transmissive color TFT with LED backlight
TG035QVLQAANN-GN00 KSS-TG035QVLQAANN-GN00 Datasheet
507Kb / 23P
   3.5 inch QVGA transmissive monochrome TFT with LED backlight
TCG057QVLGA-G00 KSS-TCG057QVLGA-G00 Datasheet
355Kb / 21P
   5.7 inch QVGA transmissive color TFT with LED backlight
TCG057QVLBA-G20 KSS-TCG057QVLBA-G20 Datasheet
466Kb / 23P
   5.7 inch QVGA transmissive color TFT with LED backlight
logo
Hantronix,Inc
HDA570C-G HANTRONIX-HDA570C-G_15 Datasheet
48Kb / 1P
   5.7 QVGA, TFT (With Controller) Transmissive Color White LED Backlight
HDA351T-LV HANTRONIX-HDA351T-LV Datasheet
217Kb / 2P
   3.5?? QVGA (TFT) Color Graphics , Landscape , White LED Backlight
HDA350-2G HANTRONIX-HDA350-2G_15 Datasheet
178Kb / 3P
   3.5 QVGA (TFT) Color Graphics Landscape White LED Backlight
logo
Kyocera Kinseki Corpota...
TCG084SVLPAANN-AN30 KSS-TCG084SVLPAANN-AN30 Datasheet
651Kb / 26P
   8.4 inch SVGA transmissive color TFT with LED backlight
TCG121XGLPAPNN-AN20 KSS-TCG121XGLPAPNN-AN20 Datasheet
539Kb / 28P
   12.1 inch XGA transmissive color TFT with LED backlight
TCG104VGLAAANN-AN00 KSS-TCG104VGLAAANN-AN00 Datasheet
346Kb / 22P
   10.4 inch VGA transmissive color TFT with LED backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com