Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30D297G012DF2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 30D297G012DF2
Description  Aluminum Capacitors Little-Lytic Electrolytics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30D297G012DF2 Datasheet(HTML) 2 Page - Vishay Siliconix

  30D297G012DF2 Datasheet HTML 1Page - Vishay Siliconix 30D297G012DF2 Datasheet HTML 2Page - Vishay Siliconix 30D297G012DF2 Datasheet HTML 3Page - Vishay Siliconix 30D297G012DF2 Datasheet HTML 4Page - Vishay Siliconix 30D297G012DF2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TE
www.vishay.com
Vishay Sprague
Revision: 06-Dec-13
2
Document Number: 42042
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING EXAMPLE
Order by distribution part no. Example: TE1055
Note
• For lead (Pb)-free/RoHS compliant products add the suffix “-E3” to the shortened Distribution part. no.
Example: TE1055-E3
Note
• For lead (Pb)-free/RoHS compliant products add the suffix “E3” to the standard OEM part no.
Example: 30D256G003BA2E3
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
CASE CODE
DISTRIBUTOR
PART NUMBER
DESCRIPTOR
PART NUMBER
3 WVDC
1.0
-
See 50 WVDC listing
-
2.0
-
See 50 WVDC listing
-
3.0
-
See 50 WVDC listing
-
4.0
-
See 50 WVDC listing
-
5.0
-
See 25 WVDC listing
-
6.0
-
See 25 WVDC listing
-
8.0
-
See 25 WVDC listing
-
10.0
-
See 16 WVDC listing
-
15.0
-
See 12 WVDC listing
-
20.0
-
See 6 WVDC listing
-
25.0
BA
TE1055
30D256G003BA2
50.0
-
See 6 WVDC listing
-
75.0
-
See 6 WVDC listing
-
100.0
CB
TE1059.5
30D107G003CB2
200.0
CC
TE1064
30D207G003CC2
300.0
DC
TE1066
30D307G003DC2
500.0
DF
TE1068
30D507G003DF2
6 WVDC
1.0
-
See 50 WVDC listing
-
2.0
-
See 50 WVDC listing
-
3.0
-
See 50 WVDC listing
-
4.0
-
See 50 WVDC listing
-
5.0
-
See 25 WVDC listing
-
6.0
-
See 25 WVDC listing
-
8.0
-
See 25 WVDC listing
-
10.0
-
See 16 WVDC listing
-
15.0
-
See 12 WVDC listing
-
20.0
BA
TE1090
30D206G006BA2
25.0
-
See 16 WVDC listing
-
35.0
BB
TE1093
30D356G006BB2
50.0
BB
TE1100
30D506G006BB2
75.0
CB
TE1101.5
30D756G006CB2
100.0
-
See 12 WVDC listing
-
200.0
DC
TE1104
30D207G006DC2
250.0
DD
TE1105
30D257G006DD2
300.0
DD
TE1106
30D307G006DD2
400.0
DF
TE1107
30D407G006DF2
500.0
DH
TE1107.5
30D507G006DH2
600.0
DH
TE1108.5
30D607G006DH2


Similar Part No. - 30D297G012DF2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30D297G012DF2 VISHAY-30D297G012DF2 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
More results

Similar Description - 30D297G012DF2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TE1207 VISHAY-TE1207 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE VISHAY-TE_12 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1160 VISHAY-TE1160 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
TE VISHAY-TE Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1211 VISHAY-TE1211 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
630D VISHAY-630D Datasheet
87Kb / 1P
   Aluminum Capacitors Electrolytics
Revision 17-Feb-03
39D408G025JS6 VISHAY-39D408G025JS6 Datasheet
105Kb / 9P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 17-Nov-06
39D VISHAY-39D Datasheet
88Kb / 8P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 20-Mar-13
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
   Aluminum Capacitors Aluminum Capacitors
Revision: 18-Aug-08
logo
HK TO-GRACE TECHNOLOGY ...
VLMR71AAAC-GS08 TO-GRACE-VLMR71AAAC-GS08 Datasheet
797Kb / 7P
   Little Star 1 W Power SMD LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com