Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAJC107M050RNJ Datasheet(PDF) 4 Page - AVX Corporation

Part # TAJC107M050RNJ
Description  Low Profile
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJC107M050RNJ Datasheet(HTML) 4 Page - AVX Corporation

  TAJC107M050RNJ Datasheet HTML 1Page - AVX Corporation TAJC107M050RNJ Datasheet HTML 2Page - AVX Corporation TAJC107M050RNJ Datasheet HTML 3Page - AVX Corporation TAJC107M050RNJ Datasheet HTML 4Page - AVX Corporation TAJC107M050RNJ Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DECEMBER 2013
29
TAJ Series
Low Profile
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
MSL
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJS106*010#NJ
S
10
10
1
8
3
1
TAJT106*010#NJ
T
10
10
1
6
3
1
TAJS156*010#NJ
S
15
10
1.5
6
2
1
TAJT156*010#NJ
T
15
10
1.5
8
2.8
1
TAJW156*010#NJ
W
15
10
1.5
6
0.7
1
TAJT226*010#NJ
T
22
10
2.2
8
2.2
1
TAJW226*010#NJ
W
22
10
2.2
6
0.6
1
TAJW336*010#NJ
W
33
10
3.3
6
1.6
1
TAJH476*006#NJ
H
47
10
4.7
8
1.0
1
TAJW476*010#NJ
W
47
10
4.7
6
1.4
1
TAJY476*010#NJ
Y
47
10
4.7
6
0.5
11)
TAJW686*010#NJ
W
68
10
6.8
6
1.2
1
TAJY686*010#NJ
Y
68
10
6.8
6
0.9
11)
TAJW107*010#NJ
W
100
10
10
6
0.4
1
TAJX107*010#NJ
X
100
10
10
8
0.9
11)
TAJY107*010#NJ
Y
100
10
10
6
0.9
11)
TAJF157*010#NJ
F
150
10
15
10
0.3
1
TAJX157M010#NJ
X
150
10
15
6
0.3
11)
TAJY157*010#NJ
Y
150
10
15
6
1.2
11)
TAJY227*010#NJ
Y
220
10
22
10
0.5
11)
16 Volt @ 85ºC (10 Volt @ 125ºC)
TAJR684*016#NJ
R
0.68
16
0.5
4
25
1
TAJS684*016#NJ
S
0.68
16
0.5
4
25
1
TAJR105*016#NJ
R
1
16
0.5
4
20
1
TAJS105*016#NJ
S
1
16
0.5
4
15
1
TAJT105*016#NJ
T
1
16
0.5
4
5
1
TAJR155*016#NJ
R
1.5
16
0.5
6
10
1
TAJS155*016#NJ
S
1.5
16
0.5
6
12
1
TAJR225*016#NJ
R
2.2
16
0.5
6
6.5
1
TAJS225*016#NJ
S
2.2
16
0.5
6
6
1
TAJT225*016#NJ
T
2.2
16
0.5
6
6.5
1
TAJR335*016#NJ
R
3.3
16
0.5
8
5
1
TAJS335*016#NJ
S
3.3
16
0.5
6
5
1
TAJT335*016#NJ
T
3.3
16
0.5
6
5
1
TAJK475*016#NJ
K
4.7
16
0.8
6
3.1
1
TAJP475*016#NJ
P
4.7
16
0.8
8
5
1
TAJS475*016#NJ
S
4.7
16
0.8
8
4
1
TAJT475*016#NJ
T
4.7
16
0.8
6
3.1
1
TAJS685*016#NJ
S
6.8
16
1.1
8
2.4
1
TAJT685*016#NJ
T
6.8
16
1.1
6
3.5
1
TAJT106*016#NJ
T
10
16
1.6
8
2.2
1
TAJW106*016#NJ
W
10
16
1.6
6
2
1
TAJT156M016#NJ
T
15
16
2.4
6
2
1
TAJW156*016#NJ
W
15
16
2.4
6
0.7
1
TAJW226*016#NJ
W
22
16
3.5
6
1.6
1
TAJW336*016#NJ
W
33
16
5.3
6
1.5
1
TAJY336*016#NJ
Y
33
16
5.3
6
0.9
11)
TAJW476*016#NJ
W
47
16
7.5
6
0.4
1
TAJX476*016#NJ
X
47
16
7.5
6
0.75
11)
TAJY476*016#NJ
Y
47
16
7.5
6
0.7
11)
TAJF686*016#NJ
F
68
16
10.9
10
0.4
1
TAJX686*016#NJ
X
68
16
10.9
8
0.6
11)
TAJY686*016#NJ
Y
68
16
10.9
6
0.9
11)
TAJF107M016#NJ
F
100
16
16
10
0.4
1
TAJY107*016#NJ
Y
100
16
16
8
0.9
11)
TAJY157M016#NJ
Y
150
16
24
15
0.3
11)
20 Volt @ 85ºC (13 Volt @ 125ºC)
TAJR104*020#NJ
R
0.1
20
0.5
4
25
1
TAJS104*020#NJ
S
0.1
20
0.5
4
25
1
TAJR154*020#NJ
R
0.15
20
0.5
4
25
1
TAJS154*020#NJ
S
0.15
20
0.5
4
25
1
TAJR224*020#NJ
R
0.22
20
0.5
4
25
1
TAJS224*020#NJ
S
0.22
20
0.5
4
25
1
TAJR334*020#NJ
R
0.33
20
0.5
4
25
1
TAJS334*020#NJ
S
0.33
20
0.5
4
25
1
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
MSL
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJR474*020#NJ
R
0.47
20
0.5
4
25
1
TAJS474*020#NJ
S
0.47
20
0.5
4
25
1
TAJR684*020#NJ
R
0.68
20
0.5
4
20
1
TAJS684*020#NJ
S
0.68
20
0.5
4
25
1
TAJT684*020#NJ
T
0.68
20
0.5
4
15
1
TAJR105*020#NJ
R
1
20
0.5
4
20
1
TAJS105*020#NJ
S
1
20
0.5
4
12
1
TAJT105*020#NJ
T
1
20
0.5
4
9
1
TAJP155*020#NJ
P
1.5
20
0.5
6
9.6
1
TAJR155*020#NJ
R
1.5
20
0.5
6
9.6
1
TAJS155*020#NJ
S
1.5
20
0.5
6
5.4
1
TAJT155*020#NJ
T
1.5
20
0.5
6
6.5
1
TAJP225*020#NJ
P
2.2
20
0.5
6
8.3
1
TAJR225*020#NJ
R
2.2
20
0.5
6
6
1
TAJS225*020#NJ
S
2.2
20
0.5
6
4.5
1
TAJT225*020#NJ
T
2.2
20
0.5
6
6
1
TAJT335*020#NJ
T
3.3
20
0.7
6
3
1
TAJT475*020#NJ
T
4.7
20
0.9
6
3.1
1
TAJT685*020#NJ
T
6.8
20
1.4
6
2.6
1
TAJW106*020#NJ
W
10
20
2
6
1.9
1
TAJW156*020#NJ
W
15
20
3
6
1.7
1
TAJW226*020#NJ
W
22
20
4.4
6
1.6
1
TAJY226*020#NJ
Y
22
20
4.4
6
0.9
11)
TAJX336*020#NJ
X
33
20
6.6
6
0.5
11)
TAJY336*020#NJ
Y
33
20
6.6
6
0.6
11)
TAJX476*020#NJ
X
47
20
9.4
6
0.4
11)
TAJY476*020#NJ
Y
47
20
9.4
6
0.9
11)
TAJY686*020#NJ
Y
68
20
13.6
6
0.9
11)
25 Volt @ 85ºC (17 Volt @ 125ºC)
TAJR154*025#NJ
R
0.15
25
0.5
4
24
1
TAJR224*025#NJ
R
0.22
25
0.5
4
21
1
TAJR334*025#NJ
R
0.33
25
0.5
4
17
1
TAJR474*025#NJ
R
0.47
25
0.5
4
15
1
TAJS474*025#NJ
S
0.47
25
0.5
4
9
1
TAJR684*025#NJ
R
0.68
25
0.5
4
13
1
TAJS684*025#NJ
S
0.68
25
0.5
4
8
1
TAJP105*025#NJ
P
1
25
0.5
4
11
1
TAJR105*025#NJ
R
1
25
0.5
4
8
1
TAJS105*025#NJ
S
1
25
0.5
4
8
1
TAJP155*025#NJ
P
1.5
25
0.5
6
9.6
1
TAJS155*025#NJ
S
1.5
25
0.5
6
5.4
1
TAJT155*025#NJ
T
1.5
25
0.5
6
5
1
TAJT225*025#NJ
T
2.2
25
0.6
6
4.5
1
TAJT335*025#NJ
T
3.3
25
0.8
6
3.5
1
TAJW335*025#NJ
W
3.3
25
0.8
6
1.6
1
TAJT475*025#NJ
T
4.7
25
1.2
6
3.1
1
TAJW475*025#NJ
W
4.7
25
1.2
6
1.2
1
TAJW685*025#NJ
W
6.8
25
1.7
6
2
1
TAJW106*025#NJ
W
10
25
2.5
6
1.8
1
TAJY156*025#NJ
Y
15
25
3.8
6
1
11)
TAJY226*025#NJ
Y
22
25
5.5
6
0.8
11)
TAJY336*025#NJ
Y
33
25
8.3
6
0.5
11)
TAJY476*025#NJ
Y
47
25
11.8
6
0.9
11)
35 Volt @ 85ºC (23 Volt @ 125ºC)
TAJR104*035#NJ
R
0.1
35
0.5
4
29
1
TAJS104*035#NJ
S
0.1
35
0.5
4
24
1
TAJR154*035#NJ
R
0.15
35
0.5
4
24
1
TAJS154*035#NJ
S
0.15
35
0.5
4
21
1
TAJR224*035#NJ
R
0.22
35
0.5
4
21
1
TAJS224*035#NJ
S
0.22
35
0.5
4
18
1
TAJR334*035#NJ
R
0.33
35
0.5
4
17
1
TAJS334*035#NJ
S
0.33
35
0.5
4
15
1
TAJR474*035#NJ
R
0.47
35
0.5
4
15
1
TAJS474*035#NJ
S
0.47
35
0.5
4
12
1
TAJT474*035#NJ
T
0.47
35
0.5
4
10
1
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
For typical weight and composition see page 162.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Part No. - TAJC107M050RNJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJC107M050RNJV AVX-TAJC107M050RNJV Datasheet
120Kb / 5P
   TAJ Series
TAJC107M050RNJV AVX-TAJC107M050RNJV Datasheet
110Kb / 5P
   Low Profile
TAJC107M050RNJV AVX-TAJC107M050RNJV Datasheet
190Kb / 7P
   General purpose SMT chip tantalum series
More results

Similar Description - TAJC107M050RNJ

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-Q170B AAEON-EMB-Q170B Datasheet
280Kb / 2P
   low profile
logo
ECS, Inc.
ECS-TXO-2520 ECS-ECS-TXO-2520 Datasheet
591Kb / 2P
   Low Profile
logo
Oscilent Corporation
650-450.0M OSCILENT-650-450.0M Datasheet
139Kb / 2P
   Low Profile
logo
AVX Corporation
TAJY476K025RNJ AVX-TAJY476K025RNJ Datasheet
121Kb / 5P
   Low Profile
logo
Oscilent Corporation
620 OSCILENT-620 Datasheet
146Kb / 2P
   Low Profile
650 OSCILENT-650 Datasheet
139Kb / 2P
   Low Profile
logo
AVX Corporation
TAJC107K010RNJV AVX-TAJC107K010RNJV Datasheet
110Kb / 5P
   Low Profile
logo
Everlight Electronics C...
EALP03SXBYA0-AM EVERLIGHT-EALP03SXBYA0-AM Datasheet
550Kb / 15P
   Low profile.
logo
AVX Corporation
NOJ-LP AVX-NOJ-LP Datasheet
258Kb / 4P
   Low Profile
logo
Taoglas antenna solutio...
CA.50 TAOGLAS-CA.50 Datasheet
1Mb / 19P
   Low profile
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com