Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP58038 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSOP58038
Description  IR Receiver Module for Light Barrier Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP58038 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSOP58038 Datasheet HTML 1Page - Vishay Siliconix TSOP58038 Datasheet HTML 2Page - Vishay Siliconix TSOP58038 Datasheet HTML 3Page - Vishay Siliconix TSOP58038 Datasheet HTML 4Page - Vishay Siliconix TSOP58038 Datasheet HTML 5Page - Vishay Siliconix TSOP58038 Datasheet HTML 6Page - Vishay Siliconix TSOP58038 Datasheet HTML 7Page - Vishay Siliconix TSOP58038 Datasheet HTML 8Page - Vishay Siliconix TSOP58038 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 81904
www.vishay.com
Rev. 1.2, 13-Aug-09
5
TSOP5038
IR Receiver Module for Light Barrier
Systems
Vishay Semiconductors
PACKAGE DIMENSIONS in millimeters
ASSEMBLY INSTRUCTIONS
Reflow Soldering
• Reflow soldering must be done within 72 h while stored
under a max. temperature of 30 °C, 60 % RH after opening
the dry pack envelope
• Set the furnace temperatures for pre-heating and heating
in accordance with the reflow temperature profile as shown
in the diagram. Excercise extreme care to keep the
maximum temperature below 260 °C. The temperature
shown in the profile means the temperature at the device
surface. Since there is a temperature difference between
the component and the circuit board, it should be verified
that the temperature of the device is accurately being
measured
• Handling after reflow should be done only after the work
surface has been cooled off
Manual Soldering
• Use a soldering iron of 25 W or less. Adjust the
temperature of the soldering iron below 300 °C
• Finish soldering within 3 s
• Handle products only after the temperature has cooled off
R1.7
5.51
0.5
3 x 1.27 = 3.81
2.6
7.5 ± 0.5
7.2
4x
1
1.27
4
2.9 ± 0.5
4
Pick and place area. TR taping
3 x 1.27 = 3.81
1.27
0.9
specifications
according to DIN
technical drawings
Drawing-No.: 6.544-5341.01-4
Issue: 7; 23.03.09
16776
Not indicated tolerances ± 0.3
Pick and place area. TT taping
Footprint
(1.4)


Similar Part No. - TSOP58038

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP581 VISHAY-TSOP581 Datasheet
141Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 23-Feb-11
TSOP581 VISHAY-TSOP581 Datasheet
203Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP581.. VISHAY-TSOP581.. Datasheet
203Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP58130 VISHAY-TSOP58130 Datasheet
784Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 18-Jul-08
TSOP58130 VISHAY-TSOP58130 Datasheet
141Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 23-Feb-11
More results

Similar Description - TSOP58038

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP4038 VISHAY-TSOP4038 Datasheet
105Kb / 5P
   IR Receiver Module for Light Barrier Systems
Rev. 1.2, 28-Mar-12
TSSP980 VISHAY-TSSP980 Datasheet
171Kb / 6P
   IR Receiver Module for Light Barrier Systems
01-Jan-2023
TSSP580 VISHAY-TSSP580 Datasheet
168Kb / 6P
   IR Receiver Module for Light Barrier Systems
01-Jan-2023
TSSP40SS1XB VISHAY-TSSP40SS1XB_V01 Datasheet
181Kb / 6P
   IR Receiver Module for Light Barrier Systems
01-Jan-2023
TSSP4038 VISHAY-TSSP4038 Datasheet
105Kb / 5P
   IR Receiver Module for Light Barrier Systems
Rev. 1.1, 13-Mar-12
TSSP58038 VISHAY-TSSP58038 Datasheet
120Kb / 6P
   IR Receiver Module for Light Barrier Systems
Rev. 1.4, 31-Aug-15
TSSP58038SS1XB VISHAY-TSSP58038SS1XB Datasheet
121Kb / 6P
   IR Receiver Module for Light Barrier Systems
Rev. 1.0, 19-Jan-16
TSSP40SS1XB VISHAY-TSSP40SS1XB Datasheet
115Kb / 5P
   IR Receiver Module for Light Barrier Systems
Rev. 1.2, 19-Oct-16
TSOP5038TR VISHAY-TSOP5038TR Datasheet
355Kb / 11P
   IR Receiver Module for Light Barrier Systems
Rev. 1.2, 13-Aug-09
logo
List of Unclassifed Man...
SHF5110 ETC-SHF5110 Datasheet
64Kb / 7P
   IR-Receiver for Remote Control Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com