Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4626IHS-T1 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT4626IHS-T1
Description  USB Dual-Channel Power Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4626IHS-T1 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT4626IHS-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4626IHS-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4626IHS-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4626IHS-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4626IHS-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT4626IHS-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT4626IHS-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT4626IHS-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT4626IHS-T1 Datasheet HTML 14Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PCB Layout Information
In order to obtain the maximum performance from
the AAT4626, very careful attention must be con-
sidered in regard to the printed circuit board layout.
In most port power switch and port protection appli-
cations, high voltage and current transient events
will occur. Proper printed circuit board (PCB) lay-
out can help reduce the effects of transient events.
PCB trace resistance will effect over all circuit tran-
sient response, in addition small voltage drops will
be incurred.
Refer to the following guidelines for power port
PCB layout:
1.
PCB traces should be kept as short and direct
as possible to minimize the effects of the PCB
on circuit performance.
2.
Make component solder pads large to mini-
mize contact resistance
3.
The AAT4626 output bulk capacitors and fer-
rite beads should be placed as close to the
device as possible. PCB traces to the output
connector should be kept as short as possible
to minimized trace resistance and the associ-
ated voltage drop (I2R loss).
4.
If ferrite beads are used in the circuit, select
ferrite beads with a minimum series resistance.
5.
The use of PCB trace vias should be avoided
on all traces that conduct high currents. If
vias are necessary, make the vias as large as
possible and use multiple vias connected in
parallel to minimize their effect.
AAT4626
USB Dual-Channel Power Switch
10
4626.2002.1.0.93
Figure 3: Summary of typical circuit voltage drops caused by AAT4626 circuit components and PCB
trace resistance.
Trace Resistance
0.01ohms
(5mV)
(5mV)
C
BULK
0.1
µF
C
BULK
0.1
µF
Cable, Connector
and Contact
Resistance
0.03ohms
(15mV)
(15mV)
V+
GND
Input
Power Supply
4.50V to 5.25V
P-Channel Mosfet
Switch On Resistance
0.09ohms
(45mV)
AAT4626
Ch. A
Ferrite Bead
and PCB trace
resistance
0.02ohms
(10mV)
(10mV)
VBUS
GND
Downstream
Peripheral Port
500mA Max.
Load Current
Total Voltage Drop = 75mV
OUTA
IN
GND
Evaluation Board Layout
The AAT4626 evaluation layout follows the recom-
mend printed circuit board layout procedures and
can be used as an example for good application
layouts. Note that ferrite beards are not used on
this simple device evaluation board.
The board
layout shown is not to scale.


Similar Part No. - AAT4626IHS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4626IHS-T1 AAT-AAT4626IHS-T1 Datasheet
420Kb / 15P
   USB Dual-Channel Power Switch
logo
Advanced Analogic Techn...
AAT4626IHS-T1 ANALOGICTECH-AAT4626IHS-T1 Datasheet
293Kb / 15P
   USB Dual-Channel Power Switch
More results

Similar Description - AAT4626IHS-T1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2026A UTC-US2026A_15 Datasheet
229Kb / 11P
   DUAL-CHANNEL USB POWER SWITCH
logo
Advanced Analog Technol...
AAT4626 AAT-AAT4626 Datasheet
420Kb / 15P
   USB Dual-Channel Power Switch
logo
Advanced Analogic Techn...
AAT4626 ANALOGICTECH-AAT4626_08 Datasheet
293Kb / 15P
   USB Dual-Channel Power Switch
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
   Dual Channel USB Power Distribution Switch
logo
Alpha & Omega Semicondu...
AOZ1341 AOSMD-AOZ1341 Datasheet
836Kb / 16P
   Dual Channel USB Switch
AOZ1342 AOSMD-AOZ1342 Datasheet
559Kb / 12P
   Dual Channel USB Switch
logo
Fitipower Integrated Te...
FP6862 FITIPOWER-FP6862 Datasheet
690Kb / 11P
   Dual-Channel USB High-Side Power Switch
logo
List of Unclassifed Man...
GM2526 ETC1-GM2526 Datasheet
340Kb / 9P
   DUAL USB POWER SWITCH
logo
Unisonic Technologies
US2075A UTC-US2075A_16 Datasheet
332Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_09 Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com